Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

R5F35M86JFF Datasheet(PDF) 94 Page - Renesas Technology Corp

Part No. R5F35M86JFF
Description  RENESAS MCU
Download  159 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F35M86JFF Datasheet(HTML) 94 Page - Renesas Technology Corp

Back Button R5F35M86JFF Datasheet HTML 90Page - Renesas Technology Corp R5F35M86JFF Datasheet HTML 91Page - Renesas Technology Corp R5F35M86JFF Datasheet HTML 92Page - Renesas Technology Corp R5F35M86JFF Datasheet HTML 93Page - Renesas Technology Corp R5F35M86JFF Datasheet HTML 94Page - Renesas Technology Corp R5F35M86JFF Datasheet HTML 95Page - Renesas Technology Corp R5F35M86JFF Datasheet HTML 96Page - Renesas Technology Corp R5F35M86JFF Datasheet HTML 97Page - Renesas Technology Corp R5F35M86JFF Datasheet HTML 98Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 159 page
background image
REJ03B0267-0101
Rev.1.01
Page 94 of 156
Jul 23, 2010
M16C/5M Group, M16C/57 Group
5. Electrical Characteristics
J-Version, VCC = 5 V
Note:
1.
This indicates the memory in which the program to be executed exists.
Table 5.16
Electrical Characteristics (2)
Topr = −40°C to 85°C unless otherwise specified.
Symbol
Parameter
Measuring Condition
Standard
Unit
Min.
Typ.
Max.
ICC
Power Supply
Current
(VCC = 4.2V to 5.5
V)
In single-chip
mode, the output
pins are open and
other pins are
VSS
High speed mode
f(BCLK) = 32 MHz,
XIN = 8 MHz (square wave), PLL multiply-by-8
125 kHz on-chip oscillator operates
25
45
mA
f(BCLK) = 20 MHz,
XIN = 20 MHz (square wave),
125 kHz on-chip oscillator operates
21
39
mA
f(BCLK) = 16 MHz,
XIN = 16 MHz (square wave),
125 kHz on-chip oscillator operates
17
mA
40 MHz on-chip oscillator
mode
Main clock stops
40 MHz on-chip oscillator operates
125 kHz on-chip oscillator operates
No division
21
39
mA
Main clock stops
40 MHz on-chip oscillator operates
125 kHz on-chip oscillator operates
Divide-by-8
6mA
125 kHz on-chip oscillator
mode
Main clock stops
40 MHz on-chip oscillator stops
125 kHz on-chip oscillator operates
Divide-by-8
FMR22 = FMR23 = 1 (Low-current
consumption read mode)
190
580
μA
Low power mode
f(BCLK) = 32 kHz
On Flash memory (2)
FMR22 = FMR23 = 1 (Low-current
consumption read mode)
200
μA
Wait mode
Main clock stops
40 MHz on-chip oscillator stops
125 kHz on-chip oscillator operates
Peripheral clock operates
Topr = 25°C
25
μA
Main clock stops
40 MHz on-chip oscillator stops
125 kHz on-chip oscillator operates
Peripheral clock operates
Topr = 85°C
55
μA
Stop mode
Topr = 25°C
315
μA
Topr = 85°C
30
μA
During flash memory
program
f(BCLK) = 10 MHz, PM17 = 1 (one wait)
VCC = 5.0 V
20.0
mA
During flash memory
erase
f(BCLK) = 10 MHz, PM17 = 1 (one wait)
VCC = 5.0 V
30.0
mA
Idet2
Low Voltage Detection Dissipation Current
3
μA
Idet0
Reset Area Detection Dissipation Current
6
μA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn