Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

R5F35M86JFF Datasheet(PDF) 92 Page - Renesas Technology Corp

Part No. R5F35M86JFF
Description  RENESAS MCU
Download  159 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F35M86JFF Datasheet(HTML) 92 Page - Renesas Technology Corp

Back Button R5F35M86JFF Datasheet HTML 88Page - Renesas Technology Corp R5F35M86JFF Datasheet HTML 89Page - Renesas Technology Corp R5F35M86JFF Datasheet HTML 90Page - Renesas Technology Corp R5F35M86JFF Datasheet HTML 91Page - Renesas Technology Corp R5F35M86JFF Datasheet HTML 92Page - Renesas Technology Corp R5F35M86JFF Datasheet HTML 93Page - Renesas Technology Corp R5F35M86JFF Datasheet HTML 94Page - Renesas Technology Corp R5F35M86JFF Datasheet HTML 95Page - Renesas Technology Corp R5F35M86JFF Datasheet HTML 96Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 159 page
background image
REJ03B0267-0101
Rev.1.01
Page 92 of 156
Jul 23, 2010
M16C/5M Group, M16C/57 Group
5. Electrical Characteristics
J-Version
Figure 5.5
Power Supply Circuit Timing Diagram
5.1.8
Oscillation Circuit Electrical Characteristics
Table 5.14
On-chip Oscillator Oscillation Circuit Electrical Characteristics
VCC = 3.0 to 5.5 V, Topr = −40°C to 85°C, unless otherwise specified
Symbol
Characteristic
Value
Unit
Min.
Typ.
Max.
fOCO-S
125 kHz on-chip oscillator oscillation frequency
100
125
150
kHz
fOCO40M
40 MHz on-chip oscillator oscillation frequency
32
40
48
MHz
CPU clock
Time to stabilize internal supply
voltage during powering-on
(a) Interrupt to exit from stop mode
(b) Interrupt to exit from wait mode
CPU clock
(a)
(b)
Stop
Operate
Recommended
operating
voltage
Voltage detection circuit
td(P-R)
STOP release time
td(R-S)
t d(W-S)
Low power consumption
mode wait mode exit time
Voltage detection circuit
operation start time
td(E-A)
td(P-R)
td(R-S)
td(W-S)
td(E-A)
VCC
VC25, VC27


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn