Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

R5F35M86JFF Datasheet(PDF) 84 Page - Renesas Technology Corp

Part No. R5F35M86JFF
Description  RENESAS MCU
Download  159 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F35M86JFF Datasheet(HTML) 84 Page - Renesas Technology Corp

Back Button R5F35M86JFF Datasheet HTML 80Page - Renesas Technology Corp R5F35M86JFF Datasheet HTML 81Page - Renesas Technology Corp R5F35M86JFF Datasheet HTML 82Page - Renesas Technology Corp R5F35M86JFF Datasheet HTML 83Page - Renesas Technology Corp R5F35M86JFF Datasheet HTML 84Page - Renesas Technology Corp R5F35M86JFF Datasheet HTML 85Page - Renesas Technology Corp R5F35M86JFF Datasheet HTML 86Page - Renesas Technology Corp R5F35M86JFF Datasheet HTML 87Page - Renesas Technology Corp R5F35M86JFF Datasheet HTML 88Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 159 page
background image
REJ03B0267-0101
Rev.1.01
Page 84 of 156
Jul 23, 2010
M16C/5M Group, M16C/57 Group
5. Electrical Characteristics
J-Version
5.1.3
A/D Conversion Characteristics
Notes:
1.
Use when AVCC = VCC
2.
Flash memory rewrite disabled. Except for the analog input pin, set the pins to be measured as input
ports and connect them to VSS. See Figure 5.3 “A/D Accuracy Measure Circuit”.
3.
When analog input voltage is over reference voltage, the result of A/D conversion is 3FFh.
Figure 5.3
A/D Accuracy Measure Circuit
Table 5.4
A/D Conversion Characteristics (1)
VCC = AVCC = VREF = 3.0 to 5.5 V, VSS = AVSS = 0 V at Topr = -40°C to 85°C unless otherwise specified.
Symbol
Parameter
Measuring Condition
Standard
Unit
Min.
Typ.
Max.
—–
Resolution
VREF = VCC
10
Bits
INL
Integral Non-Linearity Error
VREF = VCC = 5.0 V (2)
±3
LSB
VREF = VCC = 3.3 V (2)
±5
LSB
—–
Absolute Accuracy
VREF = VCC = 5.0 V (2)
±3
LSB
VREF = VCC = 3.3 V (2)
±5
LSB
φAD
A/D operating clock frequency
4.0 V
V
CC ≤ 5.5 V
225
MHz
3.2 V
V
CC ≤ 4.0 V
216
MHz
3.0 V
V
CC ≤ 3.2 V
210
MHz
—–
Tolerance Level Impedance
3
k
Ω
DNL
Differential Non-Linearity Error
(2)
±1
LSB
—–
Offset Error
(2)
±3
LSB
—–
Gain Error
(2)
±3
LSB
tCONV
10-bit Conversion Time
VREF = VCC = 5V,
φAD = 25 MHz
1.60
μs
tSAMP
Sampling time
0.6
μs
VREF
Reference Voltage
3.0
VCC
V
VIA
Analog Input Voltage (3)
0
VREF
V
AN
Analog input
AN: One of the analog input pin
P0 to P10: I/O pins other than AN
P0 to P10


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn