Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

R5F35M86JFF Datasheet(PDF) 82 Page - Renesas Technology Corp

Part No. R5F35M86JFF
Description  RENESAS MCU
Download  159 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F35M86JFF Datasheet(HTML) 82 Page - Renesas Technology Corp

Back Button R5F35M86JFF Datasheet HTML 78Page - Renesas Technology Corp R5F35M86JFF Datasheet HTML 79Page - Renesas Technology Corp R5F35M86JFF Datasheet HTML 80Page - Renesas Technology Corp R5F35M86JFF Datasheet HTML 81Page - Renesas Technology Corp R5F35M86JFF Datasheet HTML 82Page - Renesas Technology Corp R5F35M86JFF Datasheet HTML 83Page - Renesas Technology Corp R5F35M86JFF Datasheet HTML 84Page - Renesas Technology Corp R5F35M86JFF Datasheet HTML 85Page - Renesas Technology Corp R5F35M86JFF Datasheet HTML 86Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 159 page
background image
REJ03B0267-0101
Rev.1.01
Page 82 of 156
Jul 23, 2010
M16C/5M Group, M16C/57 Group
5. Electrical Characteristics
J-Version
5.1.2
Recommended Operating Conditions
Notes:
1.
The mean output current is the mean value within 100ms.
2.
Refer to Figure 5.1 “Main clock input oscillation frequency, PLL clock oscillation frequency” for the relationship between main
clock oscillation frequency/PLL clock oscillation frequency and supply voltage.
Table 5.2
Operating Conditions (1)
VCC = 3.0 V to 5.5 V, Topr = -40°C to 85°C unless otherwise specified.
Symbol
Characteristic
Value
Unit
Min.
Typ.
Max.
VCC
Supply voltage
3.0
5.5
V
AVCC
Analog supply voltage
VCC
V
VSS
Ground voltage
0V
AVSS
Analog ground voltage
0V
VIH
High level
input voltage
P0_0 to P0_7, P1_0 to P1_7,
P2_0 to P2_7, P3_0 to P3_7,
P4_0 to P4_7, P5_0 to P5_7,
P6_0 to P6_7, P7_0 to P7_7,
P8_0 to P8_7, P9_0 to P9_7,
P10_0 to P10_7
Input level 0.50 VCC
0.7 VCC
VCC
V
Input level 0.70 VCC
0.85VCC
VCC
V
XIN,
RESET, CNVSS
0.8 VCC
VCC
SDAMM, SCLMM
When I2C-bus input level selected
0.7 VCC
VCC
V
When SMBUS input level selected
2.1
VCC
V
VIL
Low level input
voltage
P0_0 to P0_7, P1_0 to P1_7,
P2_0 to P2_7, P3_0 to P3_7,
P4_0 to P4_7, P5_0 to P5_7,
P6_0 to P6_7, P7_0 to P7_7,
P8_0 to P8_7, P9_0 to P9_7,
P10_0 to P10_7
Input level 0.50 VCC
0
0.3 VCC
V
Input level 0.70 VCC
0
0.45VCC
V
XIN,
RESET, CNVSS
0
0.2 VCC
V
SDAMM, SCLMM
When I2C-bus input level selected
0
0.3 VCC
V
When SMBUS input level selected
0
0.8
V
IOH(sum)
High peak
output current
Sum of IOH(peak) at P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7, P3_0
to P3_7, P4_0 to P4_7, P5_0 to P5_7, P6_0 to P6_7, P7_0 to P7_7,
P8_0 to P8_4, P8_6 to P8_7, P9_0 to P9_7, P10_0 to P10_7
-80.0
mA
IOH(peak)
High level
peak output
current
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7, P3_0 to P3_7, P4_0 to
P4_7, P5_0 to P5_7, P6_0 to P6_7, P7_0 to P7_7, P8_0 to P8_4,
P8_6 to P8_7, P9_0 to P9_7, P10_0 to P10_7
-10.0
mA
IOH(avg)
High level
average output
current (1)
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7, P3_0 to P3_7, P4_0 to
P4_7, P5_0 to P5_7, P6_0 to P6_7, P7_0 to P7_7, P8_0 to P8_4,
P8_6 to P8_7, P9_0 to P9_7, P10_0 to P10_7
-5.0
mA
IOL(sum)
Low peak
output current
Sum of IOL(peak) at P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7, P3_0
to P3_7, P4_0 to P4_7, P5_0 to P5_7, P6_0 to P6_7, P7_0 to P7_7,
P8_0 to P8_7, P9_0 to P9_7, P10_0 to P10_7
80.0
mA
IOL(peak)
Low level peak
output current
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7, P3_0 to P3_7, P4_0 to
P4_7, P5_0 to P5_7, P6_0 to P6_7, P7_0 to P7_7, P8_0 to P8_7,
P9_0 to P9_7, P10_0 to P10_7
10.0
mA
IOL(avg)
Low level
average output
current (1)
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7, P3_0 to P3_7, P4_0 to
P4_7, P5_0 to P5_7, P6_0 to P6_7, P7_0 to P7_7, P8_0 to P8_7,
P9_0 to P9_7, P10_0 to P10_7
5.0
mA
f(XIN)
Main clock input oscillation frequency (2)
020
MHz
f(XCIN)
Sub clock oscillation oscillator frequency
32.768
50
kHz
f(PLL)
PLL clock oscillation frequency (2)
10
32
MHz
f(BCLK)
CPU operation frequency
0
32
MHz
tsu(PLL)
Wait time to stabilize PLL frequency synthesizer
1
ms


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn