Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R2J25953-00 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # R2J25953-00
Description  H-Bridge Control High Speed Power Switching with Built-in Driver IC and Power MOS FET
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R2J25953-00 Datasheet(HTML) 3 Page - Renesas Technology Corp

  R2J25953-00 Datasheet HTML 1Page - Renesas Technology Corp R2J25953-00 Datasheet HTML 2Page - Renesas Technology Corp R2J25953-00 Datasheet HTML 3Page - Renesas Technology Corp R2J25953-00 Datasheet HTML 4Page - Renesas Technology Corp R2J25953-00 Datasheet HTML 5Page - Renesas Technology Corp R2J25953-00 Datasheet HTML 6Page - Renesas Technology Corp R2J25953-00 Datasheet HTML 7Page - Renesas Technology Corp R2J25953-00 Datasheet HTML 8Page - Renesas Technology Corp R2J25953-00 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
R2J25953
Preliminary
R07DS0044EJ0300 Rev.3.00
Page 3 of 16
Sep 01, 2010
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Ratings
Unit
Note
Supply voltage
VB
18
V
1
Input voltage
Vin
–0.3 to VB
V
2
Diag voltage
Vdiag
–0.3 to VB
V
3
Output current
Iout
50
A
Diag current
Idiag
5
mA
3
Junction temperature
Tj
–40 to +150
C
Storage temperature
Tstg
–55 to +150
C
Power temperature
Pt
40
W
4
Notes: 1. 28 V at 25
C, 1 min.
40 V at 25
C, 1 sec.
2. Applies to INA, INB, and PWM. Clamps it with 19 V typ.
3. Applies to DIAG
4. One element operation: Tc = 25
C


Similar Part No. - R2J25953-00

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2J25953SP RENESAS-R2J25953SP Datasheet
180Kb / 17P
   H-Bridge Control High Speed Power Switching with Built-in Driver IC and Power MOS FET
R2J25953SP-00-Q2 RENESAS-R2J25953SP-00-Q2 Datasheet
180Kb / 17P
   H-Bridge Control High Speed Power Switching with Built-in Driver IC and Power MOS FET
More results

Similar Description - R2J25953-00

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2J25953SP RENESAS-R2J25953SP Datasheet
180Kb / 17P
   H-Bridge Control High Speed Power Switching with Built-in Driver IC and Power MOS FET
RJK03E6DPA RENESAS-RJK03E6DPA_13 Datasheet
141Kb / 7P
   Built in SBD N Channel Power MOS FET High Speed Power Switching
RJK03E5DPA RENESAS-RJK03E5DPA_13 Datasheet
141Kb / 7P
   Built in SBD N Channel Power MOS FET High Speed Power Switching
RJK03E4DPA RENESAS-RJK03E4DPA_13 Datasheet
142Kb / 7P
   Built in SBD N Channel Power MOS FET High Speed Power Switching
RJK03A4DPA RENESAS-RJK03A4DPA_13 Datasheet
127Kb / 7P
   Built in SBD N Channel Power MOS FET High Speed Power Switching
RJK0213DPA RENESAS-RJK0213DPA_13 Datasheet
197Kb / 7P
   Built in SBD N Channel Power MOS FET High Speed Power Switching
RJK0204DPA RENESAS-RJK0204DPA_13 Datasheet
125Kb / 7P
   Built in SBD N Channel Power MOS FET High Speed Power Switching
RJK0208DPA RENESAS-RJK0208DPA_13 Datasheet
125Kb / 7P
   Built in SBD N Channel Power MOS FET High Speed Power Switching
RJK0236DPA RENESAS-RJK0236DPA Datasheet
161Kb / 7P
   Built in SBD N Channel Power MOS FET High Speed Power Switching
RJK03C5DPA RENESAS-RJK03C5DPA_13 Datasheet
126Kb / 7P
   Built in SBD N Channel Power MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com