Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5F35M16JFB Datasheet(PDF) 99 Page - Renesas Technology Corp

Part # R5F35M16JFB
Description  RENESAS MCU
Download  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F35M16JFB Datasheet(HTML) 99 Page - Renesas Technology Corp

Back Button R5F35M16JFB Datasheet HTML 95Page - Renesas Technology Corp R5F35M16JFB Datasheet HTML 96Page - Renesas Technology Corp R5F35M16JFB Datasheet HTML 97Page - Renesas Technology Corp R5F35M16JFB Datasheet HTML 98Page - Renesas Technology Corp R5F35M16JFB Datasheet HTML 99Page - Renesas Technology Corp R5F35M16JFB Datasheet HTML 100Page - Renesas Technology Corp R5F35M16JFB Datasheet HTML 101Page - Renesas Technology Corp R5F35M16JFB Datasheet HTML 102Page - Renesas Technology Corp R5F35M16JFB Datasheet HTML 103Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 159 page
background image
REJ03B0267-0101
Rev.1.01
Page 99 of 156
Jul 23, 2010
M16C/5M Group, M16C/57 Group
5. Electrical Characteristics
J-Version, VCC = 5 V
Timing Requirements
(VCC = 5 V, VSS = 0 V, at Topr = −40°C to 85°C unless otherwise specified)
5.2.2.5
Timer S Input
Figure 5.11
Timer S Input (Two-phase Pulse Input in Two-phase Pulse Signal Processing Mode)
Table 5.27
Timer S Input (Two-phase Pulse Input in Two-phase Pulse Signal Processing Mode)
Symbol
Parameter
Standard
Unit
Min.
Max.
tw(TSH)
TSUDA, TSUDB input high pulse width
2
μs
tw(TSL)
TSUDA, TSUDB input low pulse width
2
μs
tsu(TSUDA-TSUDB)
TSUDB input setup time
1
μs
tsu(TSUDB-TSUDA)
TSUDA input setup time
1
μs
TSUDA input
Two-phase pulse input in two-phase pulse signal processing mode
tw(TSH)
tsu(TSUDA-TSUDB)
TSUDB input
tw(TSL)
tsu(TSUDA-TSUDB)
tsu(TSUDB-TSUDA)
tsu(TSUDB-TSUDA)
tw(TSL)
tw(TSH)
Note:
1.
When the TSUDA and TSUDB phases are interchanged, tsu(TSUDA-TSUDB) and tsu(TSUDB-TSUDA)
are also interchanged.


Similar Part No. - R5F35M16JFB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F35M16JFB RENESAS-R5F35M16JFB Datasheet
1Mb / 159P
   RENESAS MCU
More results

Similar Description - R5F35M16JFB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21334TNFP RENESAS-R5F21334TNFP Datasheet
397Kb / 51P
   RENESAS MCU
R5F21386CNFP RENESAS-R5F21386CNFP Datasheet
537Kb / 57P
   RENESAS MCU
R5F2L357CNFP RENESAS-R5F2L357CNFP Datasheet
854Kb / 76P
   RENESAS MCU
32C8B RENESAS-32C8B Datasheet
1Mb / 69P
   RENESAS MCU
R8C33G RENESAS-R8C33G Datasheet
501Kb / 54P
   RENESAS MCU
R32C116A RENESAS-R32C116A Datasheet
819Kb / 102P
   RENESAS MCU
R5F64206JFB RENESAS-R5F64206JFB Datasheet
1Mb / 103P
   RENESAS MCU
R5F21321DNSP RENESAS-R5F21321DNSP Datasheet
514Kb / 46P
   RENESAS MCU
R5F21354DNFP RENESAS-R5F21354DNFP Datasheet
428Kb / 46P
   RENESAS MCU
R5F21346WJFP RENESAS-R5F21346WJFP Datasheet
623Kb / 70P
   RENESAS MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com