Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R2A20118ASP Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # R2A20118ASP
Description  Critical Conduction Mode Interleaved PFC Control IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R2A20118ASP Datasheet(HTML) 1 Page - Renesas Technology Corp

  R2A20118ASP Datasheet HTML 1Page - Renesas Technology Corp R2A20118ASP Datasheet HTML 2Page - Renesas Technology Corp R2A20118ASP Datasheet HTML 3Page - Renesas Technology Corp R2A20118ASP Datasheet HTML 4Page - Renesas Technology Corp R2A20118ASP Datasheet HTML 5Page - Renesas Technology Corp R2A20118ASP Datasheet HTML 6Page - Renesas Technology Corp R2A20118ASP Datasheet HTML 7Page - Renesas Technology Corp R2A20118ASP Datasheet HTML 8Page - Renesas Technology Corp R2A20118ASP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
R03DS0002EJ0100 Rev.1.00
Page 1 of 9
Jul 14, 2010
Preliminary Datasheet
R2A20118ASP
Critical Conduction Mode Interleaved PFC Control IC
Description
The R2A20118A controls a boost converter to provide an active power factor correction.
The R2A20118A is based on R2A20117, and additional functions are OVP2 and Brownout.
The R2A20118A adopts critical conduction mode for power factor correction and realizes high efficiency and a low
switching noise by zero current switching.
Interleaving function improves ripple current on input or output capacitor by 180 degrees phase shift.
The feedback loop short detection, two modes overvoltage protection and OVP2, overcurrent protection, overcurrent
timer latch protection, and ZCD open detection are built in the R2A20118A, and can constitute a power supply system
of high reliability with few external parts.
Features
 Absolute Maximum Ratings
 Supply voltage Vcc: 24 V
 Operating junction temperature Tjopr: –40 to +150°C
 Electrical Characteristics
 VREF output voltage VREF: 5.0 V  1.5%
 UVLO operation start voltage Vuvlh: 10.5 V  0.7 V
 UVLO operation shutdown voltage Vuvll: 9.3 V  0.5 V
 UVLO hysteresis voltage Hysuvl: 1.2 V  0.5 V
 Functions
 Boost converter control with critical conduction mode
 Interleaving control
 Brownout function
 Two mode overvoltage protection and OVP2
Mode1: Dynamic OVP corresponding to a voltage rise by dynamic load change
Mode2: Static OVP corresponding to overvoltage in stable.
OVP2: OVP2 sense the PFC output voltage by independenced pin.
 Feedback loop short detection
 Slave ZCD signal open detection
 RAMP charge current selectable function
 Master and Slave independenced overcurrent protection
 Overcurrent timer latch protection at abnormal operation
 280 s restart timer
 Soft start function for the reference voltage of Error Amp
 Package: Pb-free SOP-20
Ordering Information
Part No.
Package Name
Package Code
Package
Abbreviation
Taping Abbreviation (Quantity)
R2A20118ASPW0
FP-20DAV
PRSP0020DD-B
SP
W (2,000 pcs/reel)
R03DS0002EJ0100
Rev.1.00
Jul 14, 2010


Similar Part No. - R2A20118ASP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2A20118ASP RENESAS-R2A20118ASP_15 Datasheet
102Kb / 10P
   Critical Conduction Mode Interleaved PFC Control IC
R2A20118ASP RENESAS-R2A20118ASP_16 Datasheet
282Kb / 10P
   Critical Conduction Mode Interleaved PFC Control IC
More results

Similar Description - R2A20118ASP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2A20118ASP RENESAS-R2A20118ASP_16 Datasheet
282Kb / 10P
   Critical Conduction Mode Interleaved PFC Control IC
R2A20112ASP RENESAS-R2A20112ASP_15 Datasheet
111Kb / 9P
   Critical Conduction Mode Interleaved PFC Control IC
R2A20112SPDD RENESAS-R2A20112SPDD_15 Datasheet
330Kb / 8P
   Critical Conduction Mode Interleaved PFC Control IC
R2A20118ASP RENESAS-R2A20118ASP_15 Datasheet
102Kb / 10P
   Critical Conduction Mode Interleaved PFC Control IC
R2A20112ASP RENESAS-R2A20112ASP_16 Datasheet
272Kb / 9P
   Critical Conduction Mode Interleaved PFC Control IC
R2A20112ASP RENESAS-R2A20112ASP_V01 Datasheet
271Kb / 9P
   Critical Conduction Mode Interleaved PFC Control IC
Jan 08, 2016
R2A20112SP RENESAS-R2A20112SP Datasheet
85Kb / 8P
   Critical Conduction Mode Interleaved PFC Control IC
R2A20112ASP RENESAS-R2A20112ASP Datasheet
111Kb / 9P
   Critical Conduction Mode Interleaved PFC Control IC
R2A20113ASP RENESAS-R2A20113ASP_16 Datasheet
281Kb / 13P
   Critical Conduction Mode PFC Control IC
R2A20133ASP RENESAS-R2A20133ASP Datasheet
122Kb / 14P
   Critical Conduction Mode PFC Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com