Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H5N2501LMTL-E Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # H5N2501LMTL-E
Description  Silicon N Channel MOS FET High Speed Power Switching
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H5N2501LMTL-E Datasheet(HTML) 4 Page - Renesas Technology Corp

  H5N2501LMTL-E Datasheet HTML 1Page - Renesas Technology Corp H5N2501LMTL-E Datasheet HTML 2Page - Renesas Technology Corp H5N2501LMTL-E Datasheet HTML 3Page - Renesas Technology Corp H5N2501LMTL-E Datasheet HTML 4Page - Renesas Technology Corp H5N2501LMTL-E Datasheet HTML 5Page - Renesas Technology Corp H5N2501LMTL-E Datasheet HTML 6Page - Renesas Technology Corp H5N2501LMTL-E Datasheet HTML 7Page - Renesas Technology Corp H5N2501LMTL-E Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
H5N2501LD, H5N2501LS, H5N2501LM
Preliminary
R07DS0056EJ0300 Rev.3.00
Page 4 of 7
Jul 23, 2010
0
40
20
60
80100
1000
10000
100
10
Drain to Source Voltage VDS (V)
Typical Capacitance vs.
Drain to Source Voltage
VGS = 0
f = 1 MHz
Ta = 25
°C
Ciss
Coss
Crss
0
0.4
00.8
1.21.6
2.0
50
20
Source to Drain Voltage VSD (V)
Reverse Drain Current vs.
Source to Drain Voltage (Typical)
5
4
3
2
1
−25
0
50
100
150
25
125
75
0
Case Temperature Tc (
°C)
Gate to Source Cutoff Voltage
vs. Case Temperature (Typical)
VDS = 10 V
1 mA
10
30
40
ID = 10 mA
VGS = 0
Ta = 25
°C
Pulse Test
0.1 mA
400
0
16
300
12
200
8
100
0
4
20
40
60
80100
0
Gate Charge Qg (nC)
Dynamic Input Characteristics (Typical)
VDS
VGS
VDD = 200 V
100 V
50 V
VDD = 200 V
100 V
50 V
ID = 18 A
Ta = 25
°C


Similar Part No. - H5N2501LMTL-E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H5N2501LM RENESAS-H5N2501LM Datasheet
75Kb / 5P
   Silicon N Channel MOS FET High Speed Power Switching
More results

Similar Description - H5N2501LMTL-E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H7N0608LD RENESAS-H7N0608LD Datasheet
118Kb / 12P
   Silicon N Channel MOS FET High Speed Power Switching
H5N1503P RENESAS-H5N1503P Datasheet
81Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK6015DPK RENESAS-RJK6015DPK Datasheet
107Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H7N0310LD RENESAS-H7N0310LD Datasheet
131Kb / 14P
   Silicon N Channel MOS FET High Speed Power Switching
2SK2788 RENESAS-2SK2788_11 Datasheet
82Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK5013DPE RENESAS-RJK5013DPE_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJL5014DPK RENESAS-RJL5014DPK_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H5N5006DL RENESAS-H5N5006DL_15 Datasheet
113Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005LD RENESAS-H7N1005LD_15 Datasheet
145Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
HAT2179R RENESAS-HAT2179R_15 Datasheet
126Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005DL RENESAS-H7N1005DL_15 Datasheet
139Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com