Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H5N2522LS7 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # H5N2522LS7
Description  Silicon N Channel MOS FET High Speed Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H5N2522LS7 Datasheet(HTML) 3 Page - Renesas Technology Corp

  H5N2522LS7 Datasheet HTML 1Page - Renesas Technology Corp H5N2522LS7 Datasheet HTML 2Page - Renesas Technology Corp H5N2522LS7 Datasheet HTML 3Page - Renesas Technology Corp H5N2522LS7 Datasheet HTML 4Page - Renesas Technology Corp H5N2522LS7 Datasheet HTML 5Page - Renesas Technology Corp H5N2522LS7 Datasheet HTML 6Page - Renesas Technology Corp H5N2522LS7 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
H5N2522LS
Preliminary
R07DS0057EJ0200 Rev.2.00
Page 3 of 6
Jul 23, 2010
Main Characteristics
50
40
30
20
10
0
4
0
8
12
16
20
50
40
30
20
10
0
2
0
46
8
10
Drain to Source Voltage VDS (V)
Typical Output Characteristics
Gate to Source Voltage VGS (V)
Typical Transfer Characteristics
10
1
100
0.1
1
0.01
Drain Current ID (A)
Static Drain to Source on State Resistance
vs. Drain Current (Typical)
VGS = 10 V
Ta = 25
°C
Pulse Test
100
10
1
0.1
1
10
1000
0.01
0.1
1000
Drain to Source Voltage VDS (V)
Maximum Safe Operation Area
100
VGS = 4 V
Ta = 25
°C
Pulse Test
10 V
15 V
20 V
8 V
4.5 V
5.5 V
5 V
6 V
Ta = 25
°C
1 shot
10
μs
Operation in this
area is limited by
RDS(on)
PW
=
100
μs
Tc = 75
°C
25
°C
−25°C
VDS = 10 V
Pulse Test
0.5
0.4
0.3
0.2
0.1
−25
02550
75
100 125
150
0
Case Temperature
Tc (
°C)
Static Drain to Source on State Resistance
vs. Temperature (Typical)
VGS = 10 V
Pulse Test
1
10
100
1000
100
10
Reverse Drain Current IDR (A)
Body-Drain Diode Reverse
Recovery Time (Typical)
di / dt = 100 A /
μs
VGS = 0, Ta = 25°C
1 A
ID = 3 A
1.5 A


Similar Part No. - H5N2522LS7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H5N2522LS RENESAS-H5N2522LS Datasheet
74Kb / 4P
   Silicon N Channel MOS FET High Speed Power Switching
H5N2522LSTL-E RENESAS-H5N2522LSTL-E Datasheet
74Kb / 4P
   Silicon N Channel MOS FET High Speed Power Switching
H5N2522LS RENESAS-H5N2522LS_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
More results

Similar Description - H5N2522LS7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H7N0608LD RENESAS-H7N0608LD Datasheet
118Kb / 12P
   Silicon N Channel MOS FET High Speed Power Switching
H5N1503P RENESAS-H5N1503P Datasheet
81Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK6015DPK RENESAS-RJK6015DPK Datasheet
107Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H7N0310LD RENESAS-H7N0310LD Datasheet
131Kb / 14P
   Silicon N Channel MOS FET High Speed Power Switching
2SK2788 RENESAS-2SK2788_11 Datasheet
82Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK5013DPE RENESAS-RJK5013DPE_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJL5014DPK RENESAS-RJL5014DPK_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H5N5006DL RENESAS-H5N5006DL_15 Datasheet
113Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005LD RENESAS-H7N1005LD_15 Datasheet
145Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
HAT2179R RENESAS-HAT2179R_15 Datasheet
126Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005DL RENESAS-H7N1005DL_15 Datasheet
139Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com