Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CR12PM-12B-A8 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # CR12PM-12B-A8
Description  Thyristor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CR12PM-12B-A8 Datasheet(HTML) 1 Page - Renesas Technology Corp

  CR12PM-12B-A8 Datasheet HTML 1Page - Renesas Technology Corp CR12PM-12B-A8 Datasheet HTML 2Page - Renesas Technology Corp CR12PM-12B-A8 Datasheet HTML 3Page - Renesas Technology Corp CR12PM-12B-A8 Datasheet HTML 4Page - Renesas Technology Corp CR12PM-12B-A8 Datasheet HTML 5Page - Renesas Technology Corp CR12PM-12B-A8 Datasheet HTML 6Page - Renesas Technology Corp CR12PM-12B-A8 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
R07DS0119EJ0100 Rev.1.00
Page 1 of 6
Sep 03, 2010
Preliminary Datasheet
CR12PM-12B
Thyristor
Medium Power Use
Features
 I
T (AV) : 12 A
 V
DRM : 600 V
 I
GT : 30 mA
 Viso : 2000 V
 The product guaranteed maximum junction
temperature of 150°C
 Insulated Type
 Planar Passivation Type
 UL Recognized: Yellow Card No. E223904
Outline
RENESAS Package code: PRSS0003AA-A
(Package name: TO-220F)
2
1
3
2
1
3
1. Cathode
2. Anode
3. Gate
Applications
Switching mode power supply, motor control, heater control, and other general purpose control applications
Maximum Ratings
Voltage class
Parameter
Symbol
12
Unit
Repetitive peak reverse voltage
VRRM
600
V
Non-repetitive peak reverse voltage
VRSM
720
V
DC reverse voltage
VR (DC)
480
V
Repetitive peak off-state voltage
VDRM
600
V
DC off-state voltage
VD (DC)
480
V
R07DS0119EJ0100
Rev.1.00
Sep 03, 2010


Similar Part No. - CR12PM-12B-A8

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
CR12PM-12B-IST4003 ISC-CR12PM-12B-IST4003 Datasheet
297Kb / 2P
   ISC Thyristor
More results

Similar Description - CR12PM-12B-A8

ManufacturerPart #DatasheetDescription
logo
SanRex Corporation
SCA200AA SANREX-SCA200AA Datasheet
103Kb / 2P
   Thyristor/Thyristor, Thyristor/Diode
logo
International Rectifier
IRKU71 IRF-IRKU71 Datasheet
175Kb / 9P
   THYRISTOR/ THYRISTOR
logo
NXP Semiconductors
BTH151S PHILIPS-BTH151S Datasheet
44Kb / 6P
   Thyristor Thyristor
March 2001 Rev 1.001
logo
Vishay Siliconix
VS-VSKT15204PBF VISHAY-VS-VSKT15204PBF Datasheet
213Kb / 10P
   Thyristor/Thyristor
Revision: 11-Apr-14
logo
International Rectifier
IRK.105 IRF-IRK.105 Datasheet
225Kb / 8P
   THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKH142-12 IRF-IRKH142-12 Datasheet
391Kb / 12P
   THYRISTOR/DIODE and THYRISTOR/THYRISTOR
logo
Vishay Siliconix
VS-VSK136PBF VISHAY-VS-VSK136PBF Datasheet
412Kb / 15P
   Thyristor/Diode and Thyristor/Thyristor
Revision: 11-Apr-14
logo
International Rectifier
IRKT91-14 IRF-IRKT91-14 Datasheet
240Kb / 10P
   THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKT430-20 IRF-IRKT430-20 Datasheet
103Kb / 8P
   THYRISTOR / DIODE and THYRISTOR / THYRISTOR
IRKL26-08 IRF-IRKL26-08 Datasheet
157Kb / 8P
   THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
logo
Nell Semiconductor Co.,...
NKT800 NELLSEMI-NKT800 Datasheet
669Kb / 4P
   Thyristor/Diode and Thyristor/Thyristor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com