Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS12 Datasheet(PDF) 1 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

Part # SS12
Description  SCHOTTKY BARRIER RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PFS [Shenzhen Ping Sheng Electronics Co., Ltd.]
Direct Link  http://ps-pfs.en.alibaba.com/
Logo PFS - Shenzhen Ping Sheng Electronics Co., Ltd.

SS12 Datasheet(HTML) 1 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

  SS12 Datasheet HTML 1Page - Shenzhen Ping Sheng Electronics Co., Ltd. SS12 Datasheet HTML 2Page - Shenzhen Ping Sheng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SS12 THRU SS110
100Volts
FEATURES
Fast switching.
Low forward voltage, high current capability.
Low power loss, high efficiency.
High current surge capability.
High temperature soldering guaranteed:
250
/10 seconds, 0.375" (9.5mm) lead length
at 5 lbs. (2.3kg) tension.
MECHANICAL DATA
Case: Transfer molded plastic
Epoxy: UL94V - 0 rate flame retardant.
 Polarity: Color band denoted cathode end.
Lead: Plastic axial lead, solderable per MIL - STD - 202E
method 208C
Mounting position : Any
Weight: 0.012 ounce, 0.33 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load derate current by 20%
SCHOTTKY BARRIER RECTIFIER
VOLTAGE RANGE
20 to
CURRENT
1.0 Ampere
Web Site: WWW.PS-PFS.COM
SS12
1.0
40
0.5
75
20
14
0.55
0.85
15
V
V
A
V
A
mA
//W
pF
Unit
V
VR(RMS)
-50 --- +150
VRRM
IFM
@IF = 1.0A
VF
IFSM
IR
RθJA
Tj, TSTG
VR = 4.0V f = 1.0MHz
Cj
@TA = 25℃
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
Maximum forward voltage
Peak forward surge current 8.3 ms single half sine-wave
Maximum reverse current
Typical thermal resistance
Operating junction and storage temperature range
Type junction capacitance
Symbols
VDC
20
SS13 SS14 SS15 SS16 SS18 SS110
30
21
30
40
28
40
50
35
50
60
42
60
80
56
80
100
70
100
0.7


Similar Part No. - SS12

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SS12 PANJIT-SS12 Datasheet
66Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Diode Semiconductor Kor...
SS12 DSK-SS12 Datasheet
179Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
SS12 TSC-SS12 Datasheet
138Kb / 2P
   1.0AMP Surface Mount Schottky Barrier Rectifier
logo
SAMYANG ELECTRONICS CO....
SS12 SAMYANG-SS12 Datasheet
739Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Won-Top Electronics
SS12 WTE-SS12 Datasheet
45Kb / 4P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results

Similar Description - SS12

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com