Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT6963-S Datasheet(PDF) 6 Page - Princeton Technology Corp

Part # PT6963-S
Description  LED Driver IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT6963-S Datasheet(HTML) 6 Page - Princeton Technology Corp

Back Button PT6963-S Datasheet HTML 2Page - Princeton Technology Corp PT6963-S Datasheet HTML 3Page - Princeton Technology Corp PT6963-S Datasheet HTML 4Page - Princeton Technology Corp PT6963-S Datasheet HTML 5Page - Princeton Technology Corp PT6963-S Datasheet HTML 6Page - Princeton Technology Corp PT6963-S Datasheet HTML 7Page - Princeton Technology Corp PT6963-S Datasheet HTML 8Page - Princeton Technology Corp PT6963-S Datasheet HTML 9Page - Princeton Technology Corp PT6963-S Datasheet HTML 10Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
PT6963
V1.3
6
FUNCTION DESCRIPTION
COMMANDS
A command is the first byte (b0 to b7) inputted to PT6963 via the DIN Pin after STB Pin has changed from HIGH to LOW
State. If for some reason the STB Pin is set to HIGH while data or commands are being transmitted, the serial
communication is initialized, and the data/commands being transmitted are considered invalid.
COMMANDS 1: DISPLAY MODE SETTING COMMANDS
PT6963 provides 4 display mode settings as shown in the diagram below: As stated earlier a command is the first one
byte (b0 to b7) transmitted to PT6963 via the DIN Pin when STB is LOW. However, for these commands, the bit 3 & bit
8 (b2 to b7) are given a value of 0.
The Display Mode Setting Commands determine the number of segments and grids to be used (14 to 11 segments, 4 to
7 grids). A display command ON must be executed in order to resume display. If the same mode setting is selected, no
command execution is take place, therefore, nothing happens.
When Power is turned ON, the 7-grid, 11-segment modes is selected.
MSB
LSB
0
0
0
0
0
0
b1
b0
Display Mode Settings:
00: 4 digits, 14 segments
01: 5 digits, 13 segments
10: 6 digits, 12 segments
11: 7 digits, 11 segments
COMMANDS 2: DATA SETTING COMMANDS
The Data Setting Commands executes the Data Write or Data Read Modes for PT6963. The data
Setting Command, the bits 5 and 6 (b4, b5) are given the value of 0, bit 7 (b6) is given the value of 1 while bit 8 (b7) is
given the value of 0. Please refer to the diagram below.
When power is turned ON, bit 4 to bit 1 (b3 to b0) are given the value of 0.
MSB
LSB
0
1
0
0
b3
b2
b1
b0
Data Write & Read Mode Settings:
00: Write Data to Display Mode
10: Read Key Data
Address Increment Mode Settings (Display Mode):
0: Increment Address after Data has been Written
1: Fixed Address
Mode Settings:
0: Normal Operation Mode
1: Test Mode


Similar Part No. - PT6963-S

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT6961 PTC-PT6961 Datasheet
577Kb / 18P
   LED Driver IC
PT6964 PTC-PT6964 Datasheet
317Kb / 5P
   LED Driver IC
PT6964-S PTC-PT6964-S Datasheet
317Kb / 5P
   LED Driver IC
PT6964-S PTC-PT6964-S Datasheet
688Kb / 15P
   LED Driver IC
PT6964-SL PTC-PT6964-SL Datasheet
317Kb / 5P
   LED Driver IC
More results

Similar Description - PT6963-S

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IK2108A IKSEMICON-IK2108A Datasheet
547Kb / 21P
   LED Driver IC
logo
Princeton Technology Co...
PT6955 PTC-PT6955_10 Datasheet
586Kb / 19P
   LED Driver IC
PT6961 PTC-PT6961 Datasheet
577Kb / 18P
   LED Driver IC
logo
Sanyo Semicon Device
LV5027M SANYO-LV5027M Datasheet
93Kb / 5P
   LED Driver IC
logo
Princeton Technology Co...
PT6959 PTC-PT6959 Datasheet
437Kb / 3P
   LED Driver IC
PT6964 PTC-PT6964 Datasheet
317Kb / 5P
   LED Driver IC
logo
Sanyo Semicon Device
LV5028TT SANYO-LV5028TT Datasheet
168Kb / 16P
   LED Driver IC
logo
Princeton Technology Co...
PT6959 PTC-PT6959_10 Datasheet
308Kb / 20P
   LED Driver IC
PT6965 PTC-PT6965 Datasheet
615Kb / 20P
   LED Driver IC
logo
Rohm
BD8115F-M ROHM-BD8115F-M Datasheet
468Kb / 12P
   LED Driver IC
logo
Suntan Capacitors
MV1002SC SUNTAN-MV1002SC Datasheet
1Mb / 33P
   LED driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com