Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX55C18 Datasheet(PDF) 2 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

Part # BZX55C18
Description  AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PFS [Shenzhen Ping Sheng Electronics Co., Ltd.]
Direct Link  http://ps-pfs.en.alibaba.com/
Logo PFS - Shenzhen Ping Sheng Electronics Co., Ltd.

BZX55C18 Datasheet(HTML) 2 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

  BZX55C18 Datasheet HTML 1Page - Shenzhen Ping Sheng Electronics Co., Ltd. BZX55C18 Datasheet HTML 2Page - Shenzhen Ping Sheng Electronics Co., Ltd. BZX55C18 Datasheet HTML 3Page - Shenzhen Ping Sheng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BZX55C
Zener Voltage Range
1)
Dynamic Resistance
Reverse Leakage Current
Temp. Coefficient
of Zener Voltage
lZT for VZT
rZJT
rZJK at IZK
Ta =25OC Ta=125OC IR at VR
Type
Vznom
V
mA
V
Max.(Ω)Max.(Ω)
mA
Max.(µA) Max.(µA)
V
TKvz
%/K
BZX55C0V8
2)
0.8
5
0.73...0.83
8
50
1
--
--
--
-0.26...-0.23
BZX55C2V0
2
5
1.8...2.15
85
600
1
100
200
1
-0.09...-0.06
BZX55C2V2
2.2
5
2.08...2.33
85
600
1
75
160
1
-0.09...-0.06
BZX55C2V4
2.4
5
2.28...2.56
85
600
1
50
100
1
-0.09...-0.06
BZX55C2V7
2.7
5
2.5...2.9
85
600
1
10
50
1
-0.09...-0.06
BZX55C3V0
3
5
2.8...3.2
85
600
1
4
40
1
-0.08...-0.05
BZX55C3V3
3.3
5
3.1...3.5
85
600
1
2
40
1
-0.08...-0.05
BZX55C3V6
3.6
5
3.4...3.8
85
600
1
2
40
1
-0.08...-0.05
BZX55C3V9
3.9
5
3.7...4.1
85
600
1
2
40
1
-0.08...-0.05
BZX55C4V3
4.3
5
4...4.6
75
600
1
1
20
1
-0.06...-0.03
BZX55C4V7
4.7
5
4.4...5
60
600
1
0.5
10
1
-0.05...+0.02
BZX55C5V1
5.1
5
4.8...5.4
35
550
1
0.1
2
1
-0.02...+0.02
BZX55C5V6
5.6
5
5.2...6
25
450
1
0.1
2
1
-0.05...+0.05
BZX55C6V2
6.2
5
5.8...6.6
10
200
1
0.1
2
2
0.03...0.06
BZX55C6V8
6.8
5
6.4...7.2
8
150
1
0.1
2
3
0.03...0.07
BZX55C7V5
7.5
5
7...7.9
7
50
1
0.1
2
5
0.03...0.07
BZX55C8V2
8.2
5
7.7...8.7
7
50
1
0.1
2
6.2
0.03...0.08
BZX55C9V1
9.1
5
8.5...9.6
10
50
1
0.1
2
6.8
0.03...0.09
BZX55C10
10
5
9.4...10.6
15
70
1
0.1
2
7.5
0.03...0.1
BZX55C11
11
5
10.4...11.6
20
70
1
0.1
2
8.2
0.03...0.11
BZX55C12
12
5
11.4...12.7
20
90
1
0.1
2
9.1
0.03...0.11
BZX55C13
13
5
12.4...14.1
26
110
1
0.1
2
10
0.03...0.11
BZX55C15
15
5
13.8...15.6
30
110
1
0.1
2
11
0.03...0.11
BZX55C16
16
5
15.3...17.1
40
170
1
0.1
2
12
0.03...0.11
BZX55C18
18
5
16.8...19.1
50
170
1
0.1
2
13
0.03...0.11
BZX55C20
20
5
18.8...21.2
55
220
1
0.1
2
15
0.03...0.11
BZX55C22
22
5
20.8...23.3
55
220
1
0.1
2
16
0.04...0.12
BZX55C24
24
5
22.8...25.6
80
220
1
0.1
2
18
0.04...0.12
BZX55C27
27
5
25.1...28.9
80
220
1
0.1
2
20
0.04...0.12
BZX55C30
30
5
28...32
80
220
1
0.1
2
22
0.04...0.12
BZX55C33
33
5
31...35
80
220
1
0.1
2
24
0.04...0.12
BZX55C36
36
5
34...38
80
220
1
0.1
2
27
0.04...0.12
BZX55C39
39
2.5
37...41
90
500
0.5
0.1
5
30
0.04...0.12
BZX55C43
43
2.5
40...46
90
500
0.5
0.1
5
33
0.04...0.12
BZX55C47
47
2.5
44...50
110
600
0.5
0.1
5
36
0.04...0.12
BZX55C51
51
2.5
48...54
125
700
0.5
0.1
10
39
0.04...0.12
BZX55C56
56
2.5
52...60
135
700
0.5
0.1
10
43
0.04...0.12
BZX55C62
62
2.5
58...66
150
1000
0.5
0.1
10
47
0.04...0.12
BZX55C68
68
2.5
64...72
200
1000
0.5
0.1
10
51
0.04...0.12
BZX55C75
75
2.5
70...79
250
1000
0.5
0.1
10
56
0.04...0.12
BZX55C82
82
2.5
77...87
300
1500
0.25
0.1
10
62
0.05...0.12
BZX55C91
91
1
85...96
450
2000
0.1
0.1
10
68
0.05...0.12
BZX55C100
100
1
94...106
450
5000
0.1
0.1
10
75
0.05...0.12
BZX55C110
110
1
104...116
600
5000
0.1
0.1
10
82
0.05...0.12
BZX55C120
120
1
114...127
800
5500
0.1
0.1
10
91
0.05...0.12
BZX55C130
130
1
124...141
950
6000
0.1
0.1
10
100
0.05...0.12
BZX55C150
150
1
138...156
1250
6500
0.1
0.1
10
110
0.05...0.12
BZX55C160
160
1
153...171
1400
7000
0.1
0.1
10
120
0.05...0.12
BZX55C180
180
1
168...191
1700
8500
0.1
0.1
10
130
0.05...0.12
BZX55C200
200
1
188...212
2000
10000
0.1
0.1
10
150
0.05...0.12
1) Tested with pulses tp = 20 ms.
2) The BZX55C0V8 is a silicon diode with operation in forward direction. Hence, the index of all parameters should be "F" instead of "Z".
Connect the cathode lead to the negative pole.
Web Site: WWW.PS-PFS.COM


Similar Part No. - BZX55C18

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZX55C18 VISHAY-BZX55C18 Datasheet
70Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 4, 01-Apr-99
logo
Guangdong Kexin Industr...
BZX55C18 KEXIN-BZX55C18 Datasheet
1Mb / 3P
   Zener Diodes
logo
First Components Intern...
BZX55C18 FCI-BZX55C18 Datasheet
114Kb / 2P
   1/2 Watt ZENER DIODES (2.4V to 91V)
logo
Microdiode Electronics ...
BZX55C18 CHENDA-BZX55C18 Datasheet
748Kb / 3P
   2.4- 1 8 0V Peak Pulse Power: 500mW
logo
Shenzhen Luguang Electr...
BZX55C18 LUGUANG-BZX55C18 Datasheet
81Kb / 2P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
More results

Similar Description - BZX55C18

ManufacturerPart #DatasheetDescription
logo
Shenzhen Ping Sheng Ele...
BY127 PFS-BY127_1 Datasheet
158Kb / 2P
   AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
logo
MIC GROUP RECTIFIERS
1N5400 MIC-1N5400 Datasheet
49Kb / 2P
   AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
logo
Shenzhen Ping Sheng Ele...
RL251 PFS-RL251 Datasheet
164Kb / 2P
   AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
logo
MIC GROUP RECTIFIERS
BY127 MIC-BY127 Datasheet
45Kb / 2P
   AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
EM513 MIC-EM513 Datasheet
50Kb / 2P
   AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
RL251 MIC-RL251 Datasheet
46Kb / 2P
   AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
6A05G MIC-6A05G Datasheet
49Kb / 2P
   AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
6A05S MIC-6A05S Datasheet
56Kb / 2P
   AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
logo
Shenzhen Ping Sheng Ele...
RL151 PFS-RL151 Datasheet
161Kb / 2P
   AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
logo
MIC GROUP RECTIFIERS
P600A MIC-P600A Datasheet
60Kb / 2P
   AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
logo
Shenzhen Ping Sheng Ele...
1N5400 PFS-1N5400 Datasheet
158Kb / 2P
   AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com