Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX55C8V2 Datasheet(PDF) 1 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

Part # BZX55C8V2
Description  AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PFS [Shenzhen Ping Sheng Electronics Co., Ltd.]
Direct Link  http://ps-pfs.en.alibaba.com/
Logo PFS - Shenzhen Ping Sheng Electronics Co., Ltd.

BZX55C8V2 Datasheet(HTML) 1 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

  BZX55C8V2 Datasheet HTML 1Page - Shenzhen Ping Sheng Electronics Co., Ltd. BZX55C8V2 Datasheet HTML 2Page - Shenzhen Ping Sheng Electronics Co., Ltd. BZX55C8V2 Datasheet HTML 3Page - Shenzhen Ping Sheng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BZX55C
SILICON PLANAR ZENER DIODES
The Zener voltages are graded according
to the international E24 standard.
Other tolerances and higher Zener voltages
are upon request.
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Power Dissipation
Ptot
500
1)
mW
Junction Temperature
Tj
175
O
C
Storage Temperature Range
TS
- 55 to + 175
O
C
1) Valid provided that leads are kept at ambient temperature at a distance of 8 mm from case
Characteristics at Ta = 25 OC
Parameter
Symbol
Max.
Unit
Thermal Resistance Junction to Ambient Air
RthA
0.3
1)
K/mW
Forward Voltage
at IF = 100 mA
VF
1
V
1) Valid provided that leads are kept at ambient temperature at a distance of 8 mm from case.
Max. 2.9
Max. 1.9
Glass Case DO-34
Max. 0.45
Min. 27.5
Min. 27.5
XXX
Cathode Band
Part No.
Dimensions in mm
Black
Black
Max. 3.9
Max. 1.9
Glass Case DO-35
Max. 0.5
Min. 27.5
Min. 27.5
XXX
Cathode Band
Part No.
ST
"ST" Brand
Dimensions in mm
Black
Black
Black
AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
Web Site: WWW.PS-PFS.COM


Similar Part No. - BZX55C8V2

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
BZX55C8V2 NJSEMI-BZX55C8V2 Datasheet
102Kb / 2P
   SILICON PLANAR ZENER DIODES
logo
Vishay Siliconix
BZX55C8V2 VISHAY-BZX55C8V2 Datasheet
70Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 4, 01-Apr-99
logo
Zibo Seno Electronic En...
BZX55C8V2 ZSELEC-BZX55C8V2 Datasheet
48Kb / 3P
   500mW ZENER DIODE
logo
Vishay Siliconix
BZX55C8V2 VISHAY-BZX55C8V2 Datasheet
137Kb / 8P
   Small Signal Zener Diodes
Rev. 1.5, 05-Jul-07
logo
Fairchild Semiconductor
BZX55C8V2 FAIRCHILD-BZX55C8V2 Datasheet
166Kb / 4P
   BZX55C2V4 - BZX55C56 Zener Diodes
More results

Similar Description - BZX55C8V2

ManufacturerPart #DatasheetDescription
logo
Shenzhen Ping Sheng Ele...
BY127 PFS-BY127_1 Datasheet
158Kb / 2P
   AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
logo
MIC GROUP RECTIFIERS
1N5400 MIC-1N5400 Datasheet
49Kb / 2P
   AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
logo
Shenzhen Ping Sheng Ele...
RL251 PFS-RL251 Datasheet
164Kb / 2P
   AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
logo
MIC GROUP RECTIFIERS
BY127 MIC-BY127 Datasheet
45Kb / 2P
   AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
EM513 MIC-EM513 Datasheet
50Kb / 2P
   AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
RL251 MIC-RL251 Datasheet
46Kb / 2P
   AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
6A05G MIC-6A05G Datasheet
49Kb / 2P
   AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
6A05S MIC-6A05S Datasheet
56Kb / 2P
   AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
logo
Shenzhen Ping Sheng Ele...
RL151 PFS-RL151 Datasheet
161Kb / 2P
   AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
logo
MIC GROUP RECTIFIERS
P600A MIC-P600A Datasheet
60Kb / 2P
   AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
logo
Shenzhen Ping Sheng Ele...
1N5400 PFS-1N5400 Datasheet
158Kb / 2P
   AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com