Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT6520 Datasheet(PDF) 4 Page - Princeton Technology Corp

Part # PT6520
Description  LCD Driver IC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT6520 Datasheet(HTML) 4 Page - Princeton Technology Corp

  PT6520_10 Datasheet HTML 1Page - Princeton Technology Corp PT6520_10 Datasheet HTML 2Page - Princeton Technology Corp PT6520_10 Datasheet HTML 3Page - Princeton Technology Corp PT6520_10 Datasheet HTML 4Page - Princeton Technology Corp PT6520_10 Datasheet HTML 5Page - Princeton Technology Corp PT6520_10 Datasheet HTML 6Page - Princeton Technology Corp PT6520_10 Datasheet HTML 7Page - Princeton Technology Corp PT6520_10 Datasheet HTML 8Page - Princeton Technology Corp PT6520_10 Datasheet HTML 9Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
PT6520
V1.9
4
July 2010
PIN DESCRIPTION
Pin Name
Function
DB0 ~ DB7
Data input
A0
Selection display data or instructions.
High: Display data. Low: Instruction.
RES
Reset the system and selects the interface type for a 68 port/80 port MPU.
High: 68 port MPU interface.
Low: 80 port MPU interface.
(edge trigger)
OSC1
Oscillation input pin
E/RD
Read/Write Enable signal when a 68 port MPU is connected.
(Active-Low read enable signal when an 80 port MPU is connected)
RW/WR
Read/Write select signal when a 68 port MPU is connected.
High: read select. Low: write select.
(Active-Low writes enable input when an 80 port MPU is connected. Rising edge
sensing)
OSC2
Oscillation output pin
FR
LCD Frame (AC-conversion) signal input/output
SEG0 ~ SEG60
Segment output for driving the LCD
COM0 ~ COM15
Common output for driving the LCD
COM31 ~COM16
Common output for driving the LCD
M/S
Master/Slave select signal
VDD
5V power supply
VSS
0V power supply (GND level)
V1, V2, V3, V4, V5
Power supplies for driving the LCD, VDD>V1>V2>V3>V4>V5
Note: This is an example of PT6520 family pin assignment. The modified pin names are given below.
Product Name
Pin/Pad Number
74
75
96 ~ 100, 1~ 11
93
94
95
PT6520
OSC1
OSC2
COM0 ~ COM15
M/S
V4
V1


Similar Part No. - PT6520_10

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT6520-H PTC-PT6520-H Datasheet
335Kb / 27P
   LCD Driver IC
PT6520L PTC-PT6520L Datasheet
335Kb / 27P
   LCD Driver IC
More results

Similar Description - PT6520_10

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT6526 PTC-PT6526 Datasheet
1Mb / 24P
   LCD Driver IC
logo
SHENZHEN FUMAN ELECTRON...
SC6523 FUMAN-SC6523 Datasheet
119Kb / 5P
   LCD driver IC
logo
Princeton Technology Co...
PT6554 PTC-PT6554 Datasheet
671Kb / 6P
   LCD Driver IC
PT6524 PTC-PT6524_10 Datasheet
1Mb / 24P
   LCD Driver IC
PT6584 PTC-PT6584 Datasheet
558Kb / 42P
   LCD Driver IC
PT6524 PTC-PT6524 Datasheet
466Kb / 7P
   LCD Driver IC
PT6520 PTC-PT6520 Datasheet
335Kb / 27P
   LCD Driver IC
PT6607 PTC-PT6607 Datasheet
67Kb / 5P
   LCD Driver IC?
PT6608 PTC-PT6608 Datasheet
71Kb / 5P
   LCD Driver IC?
PT6630 PTC-PT6630 Datasheet
79Kb / 4P
   LCD Driver IC?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com