Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT6314-002 Datasheet(PDF) 10 Page - Princeton Technology Corp

Part # PT6314-002
Description  Dot Character VFD Controller/Driver IC
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT6314-002 Datasheet(HTML) 10 Page - Princeton Technology Corp

Back Button PT6314-002 Datasheet HTML 6Page - Princeton Technology Corp PT6314-002 Datasheet HTML 7Page - Princeton Technology Corp PT6314-002 Datasheet HTML 8Page - Princeton Technology Corp PT6314-002 Datasheet HTML 9Page - Princeton Technology Corp PT6314-002 Datasheet HTML 10Page - Princeton Technology Corp PT6314-002 Datasheet HTML 11Page - Princeton Technology Corp PT6314-002 Datasheet HTML 12Page - Princeton Technology Corp PT6314-002 Datasheet HTML 13Page - Princeton Technology Corp PT6314-002 Datasheet HTML 14Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
PT6314
V1.5
10
October 2009
CONDITION 3: 2-LINE DISPLAY (N=“1”), RL1=“1”, AND RL2=“0”
Pin Name
Pin No.
Pin Name
Pin No.
Pin Name
Pin No.
Pin Name
Pin No.
SG41
38
SG58
55
NC
72
SG30
89
SG42
39
SG59
56
SG75
73
SG29
90
SG43
40
SG60
57
SG76
74
SG28
91
SG44
41
SG61
58
SG77
75
SG27
92
SG45
42
SG62
59
SG78
76
SG26
93
SG46
43
SG63
60
SG79
77
SG25
94
SG47
44
SG64
61
SG80
78
SG24
95
SG48
45
SG65
62
SG40
79
SG23
96
SG49
46
SG66
63
SG39
80
SG22
97
SG50
47
SG67
64
SG38
81
SG21
98
SG51
48
SG68
65
SG37
82
SG20
99
SG52
49
SG69
66
SG36
83
SG19
100
SG53
50
SG70
67
SG35
84
SG18
101
SG54
51
SG71
68
SG34
85
SG17
102
SG55
52
SG72
69
SG33
86
SG16
103
SG56
53
SG73
70
SG32
87
SG15
104
SG57
54
SG74
71
SG31
88
SG14
105
SG13
106
SG4
116
GR18
126
GR8
136
SG12
107
SG3
117
GR17
127
GR7
137
SG11
108
SG2
118
GR16
128
GR6
138
NC
109
SG1
119
GR15
129
GR5
139
SG10
110
GR24
120
GR14
130
GR4
140
SG9
111
GR23
121
GR13
131
GR3
141
SG9
112
GR22
122
GR12
132
GR2
142
SG7
113
GR21
123
GR11
133
GR1
143
SG6
114
GR20
124
GR10
134
NC
144
SG5
115
GR19
125
GR9
135


Similar Part No. - PT6314-002

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT6314-002 PTC-PT6314-002 Datasheet
1Mb / 49P
   Dot Character VFD Controller/Driver IC
PT6314-002L PTC-PT6314-002L Datasheet
1Mb / 49P
   Dot Character VFD Controller/Driver IC
More results

Similar Description - PT6314-002

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT6314 PTC-PT6314 Datasheet
1Mb / 49P
   Dot Character VFD Controller/Driver IC
logo
Holtek Semiconductor In...
HT16514 HOLTEK-HT16514 Datasheet
659Kb / 39P
   Dot Character VFD Controller & Driver
HT16528 HOLTEK-HT16528 Datasheet
1Mb / 40P
   Dot Character VFD Controller & Driver
logo
NEC
UPD16314 NEC-UPD16314 Datasheet
312Kb / 8P
   DOT CHARACTER VFD CONTROLLER/DRIVER
logo
Holtek Semiconductor In...
HT16525 HOLTEK-HT16525 Datasheet
2Mb / 23P
   5x8 Dot Character VFD Controller & Driver
HT16523 HOLTEK-HT16523 Datasheet
2Mb / 23P
   5x7 Dot Character VFD Controller & Driver
logo
Princeton Technology Co...
PT6302 PTC-PT6302_10 Datasheet
1Mb / 27P
   VFD Driver/Controller IC with Character RAM
PT6302 PTC-PT6302 Datasheet
230Kb / 4P
   VFD Driver/Controller IC with Character RAM
logo
New Japan Radio
NJU3430 NJRC-NJU3430 Datasheet
742Kb / 18P
   16-CHARACTER 1-LINE DOT MATRIX VFD CONTROLLER DRIVER
logo
Princeton Technology Co...
PT6332 PTC-PT6332 Datasheet
542Kb / 37P
   VFD Driver/Controller IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com