Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT6315 Datasheet(PDF) 10 Page - Princeton Technology Corp

Part # PT6315
Description  VFD Driver/Controller IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT6315 Datasheet(HTML) 10 Page - Princeton Technology Corp

Back Button PT6315_10 Datasheet HTML 6Page - Princeton Technology Corp PT6315_10 Datasheet HTML 7Page - Princeton Technology Corp PT6315_10 Datasheet HTML 8Page - Princeton Technology Corp PT6315_10 Datasheet HTML 9Page - Princeton Technology Corp PT6315_10 Datasheet HTML 10Page - Princeton Technology Corp PT6315_10 Datasheet HTML 11Page - Princeton Technology Corp PT6315_10 Datasheet HTML 12Page - Princeton Technology Corp PT6315_10 Datasheet HTML 13Page - Princeton Technology Corp PT6315_10 Datasheet HTML 14Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
PT6315
V2.8
10
September, 2009
SERIAL COMMUNICATION FORMAT
The following diagram shows the PT6315 serial communication format. The DOUT Pin is an N-channel, open-drain
output pin, therefore, it is highly recommended that an external pull-up resistor (1KΩ to 10KΩ) must be connected to
DOUT.
where: twait (waiting time)
≥ 1 µs
It must be noted that when the data is read, the waiting time (twait) between the rising of the eighth clock that has set the
command and the falling of the first clock that has read the data is greater or equal to 1 µs.


Similar Part No. - PT6315_10

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT6315-S PTC-PT6315-S Datasheet
1Mb / 20P
   VFD Driver/Controller IC
PT6315-S PTC-PT6315-S Datasheet
1Mb / 21P
   VFD Driver/Controller IC
PT6315-SL PTC-PT6315-SL Datasheet
1Mb / 20P
   VFD Driver/Controller IC
PT6315-S PTC-PT6315-S_10 Datasheet
1Mb / 21P
   VFD Driver/Controller IC
More results

Similar Description - PT6315_10

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT6332 PTC-PT6332 Datasheet
542Kb / 37P
   VFD Driver/Controller IC
PT6318 PTC-PT6318 Datasheet
625Kb / 4P
   VFD Driver/Controller IC
PT6312B PTC-PT6312B Datasheet
323Kb / 21P
   VFD Driver/Controller IC
V1.2
PT6311 PTC-PT6311_10 Datasheet
411Kb / 22P
   VFD Driver/Controller IC
PT6324 PTC-PT6324_10 Datasheet
563Kb / 16P
   VFD Driver/Controller IC
PT6351 PTC-PT6351 Datasheet
53Kb / 3P
   VFD Driver/Controller IC
PT6311 PTC-PT6311 Datasheet
116Kb / 3P
   VFD Driver/Controller IC
PT6312 PTC-PT6312_10 Datasheet
323Kb / 21P
   VFD Driver/Controller IC
PT6313-S PTC-PT6313-S Datasheet
314Kb / 20P
   VFD Driver/Controller IC
PT6355 PTC-PT6355 Datasheet
57Kb / 3P
   VFD Driver/Controller IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com