Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT6302 Datasheet(PDF) 1 Page - Princeton Technology Corp

Part # PT6302
Description  VFD Driver/Controller IC with Character RAM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT6302 Datasheet(HTML) 1 Page - Princeton Technology Corp

  PT6302 Datasheet HTML 1Page - Princeton Technology Corp PT6302 Datasheet HTML 2Page - Princeton Technology Corp PT6302 Datasheet HTML 3Page - Princeton Technology Corp PT6302 Datasheet HTML 4Page - Princeton Technology Corp PT6302 Datasheet HTML 5Page - Princeton Technology Corp PT6302 Datasheet HTML 6Page - Princeton Technology Corp PT6302 Datasheet HTML 7Page - Princeton Technology Corp PT6302 Datasheet HTML 8Page - Princeton Technology Corp PT6302 Datasheet HTML 9Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
PT6302
VFD Driver/Controller IC with Character RAM
Tel: 886-66296288Fax: 886-29174598http://www.princeton.com.tw2F, 233-1, Baociao Road, Sindian, Taipei 23145, Taiwan
DESCRIPTION
PT6302 is a dot matrix VFD Driver/Controller IC
utilizing CMOS Technology specially designed to
display characters, numerals, and symbols. PT6302
provides 35 dot matrix, 2 additional segment drivers
and 16 grid drivers. 248 types of character data
(CGROM), 8 types of character data (CGRAM), 16
display digits x 2 bits symbol data, 16 display digits x 8
bits register for character data display and 2 general
output bits for static operation are provided. Pin
assignments and application circuit are optimized for
easy PCB layout and cost saving advantages.
APPLICATIONS
• Microcontroller peripheral device
• Audio/Video equipment
FEATURES
• CMOS technology
• Logic power supply: VDD=3.3V±10% or 5.0V±10%
• VFD drive power supply: VEE=-20V to -35V
• Built-in oscillation circuit (External RC)
• One-byte instruction execution (not including Data
Write to RAM)
• Microcontroller interface
• Display contents:
- Character generator ROM (CGROM): 5x7 Dots
(248 Character data types)
- Character generator RAM (CGRAM): 5x7 Dots (8
Character data types)
- Additional data RAM (ADRAM): 16 Display digits
x 2 Bits (Symbol data)
- Data control RAM (DCRAM): 16 Display digits x 8
Bits (Character data display register)
- General output port: 2 bits (Static operation)
• Display control function:
- Display digits: 9 to 16 digits
- Display duty (Contrast adjustment): 8 stages
- All display lights: ON/OFF mode
BLOCK DIAGRAM


Similar Part No. - PT6302

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6302 TI-PT6302 Datasheet
188Kb / 8P
[Old version datasheet]   3 AMP ADJUSTABLE POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATORS
logo
Princeton Technology Co...
PT6302 PTC-PT6302 Datasheet
230Kb / 4P
   VFD Driver/Controller IC with Character RAM
PT6302-003-H PTC-PT6302-003-H Datasheet
230Kb / 4P
   VFD Driver/Controller IC with Character RAM
PT6302-007-H PTC-PT6302-007-H Datasheet
230Kb / 4P
   VFD Driver/Controller IC with Character RAM
PT6302-R-001 PTC-PT6302-R-001 Datasheet
230Kb / 4P
   VFD Driver/Controller IC with Character RAM
More results

Similar Description - PT6302

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT6302 PTC-PT6302 Datasheet
230Kb / 4P
   VFD Driver/Controller IC with Character RAM
PT6314 PTC-PT6314 Datasheet
1Mb / 49P
   Dot Character VFD Controller/Driver IC
PT6314 PTC-PT6314_10 Datasheet
1Mb / 42P
   Dot Character VFD Controller/Driver IC
logo
Holtek Semiconductor In...
HT16514 HOLTEK-HT16514 Datasheet
659Kb / 39P
   Dot Character VFD Controller & Driver
HT16528 HOLTEK-HT16528 Datasheet
1Mb / 40P
   Dot Character VFD Controller & Driver
logo
NEC
UPD16314 NEC-UPD16314 Datasheet
312Kb / 8P
   DOT CHARACTER VFD CONTROLLER/DRIVER
logo
Princeton Technology Co...
PT6332 PTC-PT6332 Datasheet
542Kb / 37P
   VFD Driver/Controller IC
PT6318 PTC-PT6318 Datasheet
625Kb / 4P
   VFD Driver/Controller IC
PT6312B PTC-PT6312B Datasheet
323Kb / 21P
   VFD Driver/Controller IC
V1.2
PT6311 PTC-PT6311_10 Datasheet
411Kb / 22P
   VFD Driver/Controller IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com