Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT6311-LQ Datasheet(PDF) 11 Page - Princeton Technology Corp

Part # PT6311-LQ
Description  VFD Driver/Controller IC
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT6311-LQ Datasheet(HTML) 11 Page - Princeton Technology Corp

Back Button PT6311-LQ Datasheet HTML 7Page - Princeton Technology Corp PT6311-LQ Datasheet HTML 8Page - Princeton Technology Corp PT6311-LQ Datasheet HTML 9Page - Princeton Technology Corp PT6311-LQ Datasheet HTML 10Page - Princeton Technology Corp PT6311-LQ Datasheet HTML 11Page - Princeton Technology Corp PT6311-LQ Datasheet HTML 12Page - Princeton Technology Corp PT6311-LQ Datasheet HTML 13Page - Princeton Technology Corp PT6311-LQ Datasheet HTML 14Page - Princeton Technology Corp PT6311-LQ Datasheet HTML 15Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
PT6311
V3.2
November 2009
11
LED DISPLAY
PT6311 provides 5 LED Display Terminals, namely LED1 to LED5. Data is written to the LED Port starting from the least
significant bit (b0) of the port using a WRITE Command. Each bit starting from the least significant (b0) activates a
specific LED Display Terminal -- b0 corresponds LED1 Display, b1 activates LED2 and so forth. Since there are only 5
LED display terminals, bits 6 to 8 (b5 ~ b7) are not used and therefore ignored. This means that b5 to b7 does NOT in
anyway activate any LED Display, they are totally ignored.
When a bit (b0 ~ b4) in the LED Port is “0”, the corresponding LED is ON. Conversely, when the bit is “1”, the LED
Display is turned OFF. For example, Bit 1 (as designated by b0) has the value of “0”, then this means that LED1 is ON.
It must be noted that when power is turned ON, bit 5 to bit 1 (b4 to b0) are given the value of “1”. Please refer to the
diagrams below:
MSB
LSB
-
-
-
-
b3
b2
b1
b0
Not Used
SWITCH DATA
PT6311 provides 4 Switch Inputs, namely: SW1 to SW4. SW Data is read starting from the least significant bit (b0) using
a READ Command. Each bit starting from the least significant (b0) corresponds to a specific Switch Input -- b0
corresponds SW1, b1 to SW2 and so forth. Since there are only 4 Switch Inputs, Bits 5 to 8 (b4 to 7) are given the value
of “0”. Please refer to the diagram below.
MSB
LSB
0
0
0
0
b3
b2
b1
b0
LED1
LED2
LED3
LED4
LED5
SW1
SW2
SW3
SW4


Similar Part No. - PT6311-LQ

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT6311 PTC-PT6311 Datasheet
116Kb / 3P
   VFD Driver/Controller IC
logo
Texas Instruments
PT6311 TI-PT6311 Datasheet
373Kb / 2P
[Old version datasheet]   2 AMP ADJUSTABLE POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
logo
Princeton Technology Co...
PT6311B PTC-PT6311B Datasheet
594Kb / 18P
   VFD Driver/Controller IC
V1.1
PT6311B-LQ PTC-PT6311B-LQ Datasheet
594Kb / 18P
   VFD Driver/Controller IC
V1.1
logo
Texas Instruments
PT6311N TI1-PT6311N Datasheet
386Kb / 3P
[Old version datasheet]   2 AMP ADJUSTABLE POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
More results

Similar Description - PT6311-LQ

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT6332 PTC-PT6332 Datasheet
542Kb / 37P
   VFD Driver/Controller IC
PT6318 PTC-PT6318 Datasheet
625Kb / 4P
   VFD Driver/Controller IC
PT6312B PTC-PT6312B Datasheet
323Kb / 21P
   VFD Driver/Controller IC
V1.2
PT6324 PTC-PT6324_10 Datasheet
563Kb / 16P
   VFD Driver/Controller IC
PT6351 PTC-PT6351 Datasheet
53Kb / 3P
   VFD Driver/Controller IC
PT6311 PTC-PT6311 Datasheet
116Kb / 3P
   VFD Driver/Controller IC
PT6312 PTC-PT6312_10 Datasheet
323Kb / 21P
   VFD Driver/Controller IC
PT6313-S PTC-PT6313-S Datasheet
314Kb / 20P
   VFD Driver/Controller IC
PT6355 PTC-PT6355 Datasheet
57Kb / 3P
   VFD Driver/Controller IC
PT6315 PTC-PT6315_10 Datasheet
531Kb / 17P
   VFD Driver/Controller IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com