Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT5661 Datasheet(PDF) 5 Page - Princeton Technology Corp

Part # PT5661
Description  102.3mA, Current Sinking, 10-bit, I짼C DAC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT5661 Datasheet(HTML) 5 Page - Princeton Technology Corp

  PT5661 Datasheet HTML 1Page - Princeton Technology Corp PT5661 Datasheet HTML 2Page - Princeton Technology Corp PT5661 Datasheet HTML 3Page - Princeton Technology Corp PT5661 Datasheet HTML 4Page - Princeton Technology Corp PT5661 Datasheet HTML 5Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Tel: 886-2-66296288
Fax:886-2-29174598
URL:http://www.princeton.com.tw
PT5661 PRE1.0
- 5 -
August, 2008
102.3mA, Current Sinking, 10-bit, I2C DAC
Preliminary
PT5661
PIN DESCRIPTION
DFN-8
Pin Name
Description
Pin No.
Xshutdown
Power down, asynchronous power down signal
1
NC
No connection
2
SDA
I
P
2
P
C interface signal
3
SCL
I
P
2
P
C interface signal
4
AGND
Analog/Digital ground pin
5
VDD
Digital supply voltage
6
PGND
Power ground pin
7
I
B
SINK
B
Output current sink
8
WCSP-6
Ball Name
Description
Ball No.
I
B
SINK
B
Output current sink
A1
Xshutdown
Power down, asynchronous power down signal
A2
GND
Ground pin (Power/Analog/Digital ground)
B1
SDA
I
P
2
P
C interface signal
B2
VDD
Power supply
C1
SCL
I
P
2
P
C interface signal
C2


Similar Part No. - PT5661

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT5660 PTC-PT5660 Datasheet
222Kb / 5P
   5CH Motor Driver
PT5662 PTC-PT5662 Datasheet
223Kb / 5P
   Auto Focus Motor Driver IC
More results

Similar Description - PT5661

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5398A AD-AD5398A Datasheet
475Kb / 16P
   120 mA, Current Sinking, 10-Bit, I2C DAC
REV. 0
AD5821A AD-AD5821A Datasheet
500Kb / 16P
   120 mA, Current Sinking, 10-Bit, I2C DAC
REV. 0
AD5398 AD-AD5398 Datasheet
319Kb / 16P
   120 mA, Current Sinking, 10-Bit, I2C DAC
REV. A
AD5821 AD-AD5821 Datasheet
506Kb / 16P
   120 mA, Current Sinking, 10-Bit, I2C DAC
REV. 0
AD5398 AD-AD5398_15 Datasheet
580Kb / 17P
   120 mA, Current Sinking, 10-Bit, IC DAC
REV. B
logo
Aimtron Technology
AT5510 AIMTRON-AT5510 Datasheet
208Kb / 12P
   120mA, Current Sinking, 10-bit I2C DAC for VCM Driver
logo
Global Mixed-mode Techn...
G2003 GMT-G2003 Datasheet
134Kb / 1P
   120mA, Current Sinking, 10-bit I2C DAC for VCM Driver
logo
Maxim Integrated Produc...
MAX5111 MAXIM-MAX5111 Datasheet
83Kb / 2P
   9-Channel, 14-Bit, Current DAC with I짼C Interface
1/12/2015
MAX5547 MAXIM-MAX5547_09 Datasheet
274Kb / 12P
   Dual, 10-Bit, Current-Sink Output DAC
Rev 2; 7/09
MAX5854 MAXIM-MAX5854 Datasheet
446Kb / 18P
   Dual, 10-Bit, 165Msps, Current-Output DAC
Rev 0; 2/04
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com