Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT5615 Datasheet(PDF) 3 Page - Princeton Technology Corp

Part # PT5615
Description  Ballast Control IC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT5615 Datasheet(HTML) 3 Page - Princeton Technology Corp

  PT5615 Datasheet HTML 1Page - Princeton Technology Corp PT5615 Datasheet HTML 2Page - Princeton Technology Corp PT5615 Datasheet HTML 3Page - Princeton Technology Corp PT5615 Datasheet HTML 4Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PT5615
V1.0
3
August 2010
ORDER INFORMATION
Valid Part Number
Package Type
Top Code
PT5615-S
16 Pins, SOP, 150mil
PT5615-S
PT5615-D
16 Pins, DIP, 300mil
PT5615-D
PIN DESCRIPTION
PIN DESCRIPTION
Pin Name
Description
Pin No.
VDD
IC power supply
1
GND
System ground
2
SD
Low side filament sensing and shut-down control
3
RF
Internal current bias control, connecting a external resistor (68K, typ.) to
GND
4
RP
Preheat frequent setting
5
CP
Preheat time setting
6
CT
Capacitor of the RC oscillator
7
RT
Resistor of the RC oscillator
8
EOL1
End-of-life sensing for Lamp1
9
EOL2
End-of-life sensing for Lamp2
10
HSFL
High side filament sensing
11
CS
Half-bridge current sensing
12
LO
Low side gate driver
13
VS
High side driver floating ground
14
HO
High side gate driver
15
VB
High side driver floating supply
16


Similar Part No. - PT5615

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT5611 PTC-PT5611 Datasheet
338Kb / 4P
   Dimming Ballast Controller IC
PT5611 PTC-PT5611 Datasheet
338Kb / 4P
   Dimming Ballast Controller IC
PT5611-D PTC-PT5611-D Datasheet
338Kb / 4P
   Dimming Ballast Controller IC
PT5611-D PTC-PT5611-D Datasheet
338Kb / 4P
   Dimming Ballast Controller IC
PT5611-S PTC-PT5611-S Datasheet
338Kb / 4P
   Dimming Ballast Controller IC
More results

Similar Description - PT5615

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2156 IRF-IR2156 Datasheet
497Kb / 24P
   BALLAST CONTROL IC
logo
Fairchild Semiconductor
FAN7532 FAIRCHILD-FAN7532 Datasheet
252Kb / 16P
   Ballast Control IC
logo
SHANGHAI BELLING CO., L...
BL8305A BELLING-BL8305A Datasheet
274Kb / 8P
   BALLAST CONTROL IC
logo
International Rectifier
IR2156STRPBF IRF-IR2156STRPBF Datasheet
783Kb / 21P
   BALLAST CONTROL IC
IR2156PBF IRF-IR2156PBF_15 Datasheet
783Kb / 21P
   BALLAST CONTROL IC
logo
Samsung semiconductor
KA7531 SAMSUNG-KA7531 Datasheet
870Kb / 21P
   BALLAST CONTROL IC
logo
Fairchild Semiconductor
FAN7711 FAIRCHILD-FAN7711 Datasheet
1Mb / 23P
   Ballast Control IC
logo
International Rectifier
IRS2166DSPBF IRF-IRS2166DSPBF Datasheet
501Kb / 20P
   PFC BALLAST CONTROL IC
IR2166STRPBF IRF-IR2166STRPBF Datasheet
620Kb / 33P
   PFC & BALLAST CONTROL IC
IR2166SPBF IRF-IR2166SPBF Datasheet
371Kb / 29P
   PFC & BALLAST CONTROL IC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com