Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT2604-S Datasheet(PDF) 1 Page - Princeton Technology Corp

Part # PT2604-S
Description  Remote Control Decoder IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2604-S Datasheet(HTML) 1 Page - Princeton Technology Corp

  PT2604-S Datasheet HTML 1Page - Princeton Technology Corp PT2604-S Datasheet HTML 2Page - Princeton Technology Corp PT2604-S Datasheet HTML 3Page - Princeton Technology Corp PT2604-S Datasheet HTML 4Page - Princeton Technology Corp PT2604-S Datasheet HTML 5Page - Princeton Technology Corp PT2604-S Datasheet HTML 6Page - Princeton Technology Corp PT2604-S Datasheet HTML 7Page - Princeton Technology Corp PT2604-S Datasheet HTML 8Page - Princeton Technology Corp PT2604-S Datasheet HTML 9Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2604 V1.1
- 1 -
April, 2006
Remote Control Decoder IC
PT2604
DESCRIPTION
PT2604 is a tri-state remote control decoder IC utilizing CMOS Technology. It provides 10 address
pins and 4 data pins. Code Format Compatible with HT604L, PT2604 is housed in 20 pins, DIP or SOP
Package and supports the Latch Data Output Type. It may be paired with PT2607 to provide a powerful
high performance remote control system. Pin assignments and application circuit are optimized for
easy PCB Layout and cost saving advantage.
FEATURES
• CMOS technology
• Low power consumption
• Low standby current
• Operating voltage: 3 to 15V
• Provides 10 address pins & 4 data pins
• Built-in oscillator
• Latch data output type
• Least external components
• Easy to use
• Available in 20 pins, SOP or DIP
• May be paired with PT2607
APPLICATIONS
• Car/Motorcycle security system
• Home/Office security system
• Garage door remote controller
• Personal alarm system
• Cordless telephone
• Remote control for industrial use
• Remote switch


Similar Part No. - PT2604-S

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2604 PTC-PT2604 Datasheet
46Kb / 2P
   Remote Control Decoder IC
More results

Similar Description - PT2604-S

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2270 PTC-PT2270_06 Datasheet
549Kb / 18P
   Remote Control Decoder IC
PT2294 PTC-PT2294 Datasheet
326Kb / 19P
   Remote Control Decoder IC
April, 2006
PT2604 PTC-PT2604 Datasheet
46Kb / 2P
   Remote Control Decoder IC
PT2272 PTC-PT2272_08 Datasheet
543Kb / 22P
   Remote Control Decoder
PT2272 PTC-PT2272 Datasheet
664Kb / 8P
   Remote Control Decoder?
PT2271A PTC-PT2271A Datasheet
253Kb / 6P
   Remote Control Decoder?
PT2270 PTC-PT2270 Datasheet
284Kb / 4P
   Remote Control Decoder
logo
List of Unclassifed Man...
SC5272 ETC-SC5272 Datasheet
180Kb / 12P
   REMOTE CONTROL DECODER
logo
Silan Microelectronics ...
SC5272 SILAN-SC5272 Datasheet
795Kb / 12P
   REMOTE CONTROL DECODER PAIRED
logo
NXP Semiconductors
SAA3049A PHILIPS-SAA3049A Datasheet
92Kb / 16P
   Infrared remote control decoder
1996 Sep 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com