Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT2353H-S Datasheet(PDF) 10 Page - Princeton Technology Corp

Part # PT2353H-S
Description  Satellite Subwoofer 3-Speaker System Electronics Crossover IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2353H-S Datasheet(HTML) 10 Page - Princeton Technology Corp

Back Button PT2353H-S Datasheet HTML 6Page - Princeton Technology Corp PT2353H-S Datasheet HTML 7Page - Princeton Technology Corp PT2353H-S Datasheet HTML 8Page - Princeton Technology Corp PT2353H-S Datasheet HTML 9Page - Princeton Technology Corp PT2353H-S Datasheet HTML 10Page - Princeton Technology Corp PT2353H-S Datasheet HTML 11Page - Princeton Technology Corp PT2353H-S Datasheet HTML 12Page - Princeton Technology Corp PT2353H-S Datasheet HTML 13Page - Princeton Technology Corp PT2353H-S Datasheet HTML 14Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2353H V1.1
- 10 -
November, 2005
Satellite + Subwoofer 3-Speaker System Electronics Crossover IC
PT2353H
-50
+5
-45
-40
-35
-30
-25
-20
-15
-10
-5
+0
d
B
V
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
-50
+5
-45
-40
-35
-30
-25
-20
-15
-10
-5
+0
d
B
V
Notes:
⎯⎯⎯
Crossover Frequency: 280Hz, C=0.015µf, C1=0.047µf, C2=0.018µf
- - -
Crossover Frequency: 200Hz, C=0.022µf, C1=0.068µf, C2=0.027µf
— —
Crossover Frequency: 120Hz, C=0.033µf, C1=0.1µf, C2=0.047µf
C is the High Pass Filter External Capacitor.
C1 and C2 are the Low Pass Filter External Capacitors


Similar Part No. - PT2353H-S

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2353H-S PTC-PT2353H-S Datasheet
88Kb / 5P
   Satellite Subwoofer 3-Speaker System Electronics Crossover IC
More results

Similar Description - PT2353H-S

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2353 PTC-PT2353 Datasheet
82Kb / 5P
   Satellite Subwoofer 3-Speaker System Electronics Crossover IC
PT2353H PTC-PT2353H Datasheet
88Kb / 5P
   Satellite Subwoofer 3-Speaker System Electronics Crossover IC
PT2353 PTC-PT2353_10 Datasheet
973Kb / 17P
   Satellite Subwoofer 3-Speaker System Electronics Crossover IC
PT2352 PTC-PT2352 Datasheet
73Kb / 4P
   SATELLITE SUBWOOFER 3-SPEAKER SYSTEM ELECTRONIC CROSSOVER IC
logo
Hynix Semiconductor
HL15604 HYNIX-HL15604 Datasheet
435Kb / 26P
   Hyundai Electronics Industries System IC Division
HL15703 HYNIX-HL15703 Datasheet
434Kb / 26P
   Hyundai Electronics Industries System IC Division
HL15203 HYNIX-HL15203 Datasheet
293Kb / 19P
   Hyundai Electronics Industries System IC Division
HL14203 HYNIX-HL14203 Datasheet
421Kb / 26P
   Hyundai Electronics Industries System IC Division
logo
Siemens Semiconductor G...
TDA6151-5 SIEMENS-TDA6151-5 Datasheet
678Kb / 15P
   Satellite-Video IC
logo
Princeton Technology Co...
PT2350 PTC-PT2350 Datasheet
64Kb / 4P
   Tone Control Subwoofer Low Pass Filter IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com