Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT2353H Datasheet(PDF) 8 Page - Princeton Technology Corp

Part # PT2353H
Description  Satellite Subwoofer 3-Speaker System Electronics Crossover IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2353H Datasheet(HTML) 8 Page - Princeton Technology Corp

Back Button PT2353H_10 Datasheet HTML 4Page - Princeton Technology Corp PT2353H_10 Datasheet HTML 5Page - Princeton Technology Corp PT2353H_10 Datasheet HTML 6Page - Princeton Technology Corp PT2353H_10 Datasheet HTML 7Page - Princeton Technology Corp PT2353H_10 Datasheet HTML 8Page - Princeton Technology Corp PT2353H_10 Datasheet HTML 9Page - Princeton Technology Corp PT2353H_10 Datasheet HTML 10Page - Princeton Technology Corp PT2353H_10 Datasheet HTML 11Page - Princeton Technology Corp PT2353H_10 Datasheet HTML 12Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2353H V1.1
- 8 -
November, 2005
Satellite + Subwoofer 3-Speaker System Electronics Crossover IC
PT2353H
FILTER
The main channel of PT2353H includes the high pass filter which is used to filter out the main
speaker’s low frequency characteristics. The filtered signal is then combined with the subwoofer low
pass filter characteristics. This High Pass Filter is of Sallen Key Type with a pass band gain equivalent
to 0dB. Adjustment of the crossover frequency is made via the two external capacitors. Please refer to
the figure below.
REF
LOUT/ROUT
C
C
CL2
CL3
CL1
Signal
IN
+
Subwoofer channel mixed from the Main Channel also uses the Sallen Key Type Low Pass Filter to
filter out the high frequency characteristics. Two external capacitors can be used to adjust the
crossover frequency. Please refer to the diagram below.
SOUT
C1
C2
Signal
IN
REF
The subwoofer in this 3-speaker system has only one channel output; therefore, it is recommended
that the LPF must be less than 300Hz. If the frequency is greater than 300Hz, then the audio output is
can be clearly discernible. That is, it is easy to know where the sound is coming from. The following
diagram provides the suggested crossover frequencies and respective external capacitors.


Similar Part No. - PT2353H_10

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2353H-S PTC-PT2353H-S Datasheet
88Kb / 5P
   Satellite Subwoofer 3-Speaker System Electronics Crossover IC
More results

Similar Description - PT2353H_10

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2353 PTC-PT2353 Datasheet
82Kb / 5P
   Satellite Subwoofer 3-Speaker System Electronics Crossover IC
PT2353H PTC-PT2353H Datasheet
88Kb / 5P
   Satellite Subwoofer 3-Speaker System Electronics Crossover IC
PT2353 PTC-PT2353_10 Datasheet
973Kb / 17P
   Satellite Subwoofer 3-Speaker System Electronics Crossover IC
PT2352 PTC-PT2352 Datasheet
73Kb / 4P
   SATELLITE SUBWOOFER 3-SPEAKER SYSTEM ELECTRONIC CROSSOVER IC
logo
Hynix Semiconductor
HL15604 HYNIX-HL15604 Datasheet
435Kb / 26P
   Hyundai Electronics Industries System IC Division
HL15703 HYNIX-HL15703 Datasheet
434Kb / 26P
   Hyundai Electronics Industries System IC Division
HL15203 HYNIX-HL15203 Datasheet
293Kb / 19P
   Hyundai Electronics Industries System IC Division
HL14203 HYNIX-HL14203 Datasheet
421Kb / 26P
   Hyundai Electronics Industries System IC Division
logo
Siemens Semiconductor G...
TDA6151-5 SIEMENS-TDA6151-5 Datasheet
678Kb / 15P
   Satellite-Video IC
logo
Princeton Technology Co...
PT2350 PTC-PT2350 Datasheet
64Kb / 4P
   Tone Control Subwoofer Low Pass Filter IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com