Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT2338-MS Datasheet(PDF) 1 Page - Princeton Technology Corp

Part # PT2338-MS
Description  150mW Stereo Audio Power Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2338-MS Datasheet(HTML) 1 Page - Princeton Technology Corp

  PT2338-MS Datasheet HTML 1Page - Princeton Technology Corp PT2338-MS Datasheet HTML 2Page - Princeton Technology Corp PT2338-MS Datasheet HTML 3Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PT2338
150mW Stereo Audio Power Amplifier
Tel: 886-66296288Fax: 886-29174598http://www.princeton.com.tw2F, 233-1, Baociao Road, Sindian, Taipei 23145, Taiwan
DESCRIPTION
The PT2338 is a stereo power amplifier designed for
the audio equipment; it is possible to delivery up to
150mW power to the 16Ω loads. Overall voltage gain
is determine by the external resistors, for some
application needs higher common mode reject
performance to canceling common mode noises, the
input port of the PT2338 is configuration as differential
input. Very low quiescent current and low voltage
operation capability let it become a best choice for the
portable audio application.
APPLICATIONS
• Portable media player
• Wireless headset
• Mobile phone
• LCD TV
• Mini compo
• PC audio
• Other audio applications
FEATURES
• CMOS processing
• Stereo differential inputs
• Wide operation range: from 2.5V to 5.5V
• Driving capability up to 16Ω headphone
• Low quiescent current:1.5mA
• POP noise free circuitry
• Thermal and Short-Circuit protection
• Low Harmonic distortion and low residual noise
• Available in 10 Pins, MSOP small outline package
BLOCK DIAGRAM
AMP 2
AMP 1
Bias
Control
1
2
3
4
56
7
8
9
10
350K
350K


Similar Part No. - PT2338-MS

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT233 PTC-PT233 Datasheet
85Kb / 2P
   Analog Function Switch
PT2332 PTC-PT2332 Datasheet
208Kb / 5P
   2.2W횞2 Class-D Audio Power Amplifier
PT2332-S PTC-PT2332-S Datasheet
208Kb / 5P
   2.2W횞2 Class-D Audio Power Amplifier
PT2332-X PTC-PT2332-X Datasheet
208Kb / 5P
   2.2W횞2 Class-D Audio Power Amplifier
PT2334 PTC-PT2334 Datasheet
156Kb / 4P
   Stereo 2W Class-D Amplifier with Built-In Audio Processor
More results

Similar Description - PT2338-MS

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PA3112 UTC-PA3112 Datasheet
337Kb / 8P
   DUAL 150mW AUDIO POWER AMPLIFIER
PA6112 UTC-PA6112 Datasheet
186Kb / 8P
   DUAL 150MW AUDIO POWER AMPLIFIER
PA3112 UTC-PA3112_15 Datasheet
337Kb / 8P
   DUAL 150mW AUDIO POWER AMPLIFIER
logo
SG Micro Corp
SGM4812 SGMICRO-SGM4812 Datasheet
335Kb / 11P
   Stereo Audio Power Amplifier
logo
Panasonic Semiconductor
SVI3101B PANASONIC-SVI3101B Datasheet
292Kb / 2P
   Stereo Audio Power Amplifier
logo
National Semiconductor ...
LM4752 NSC-LM4752_00 Datasheet
780Kb / 22P
   Stereo 11W Audio Power Amplifier
logo
Anpec Electronics Corop...
APA4863 ANPEC-APA4863 Datasheet
161Kb / 17P
   Stereo 2.2W Audio Power Amplifier
logo
SG Micro Corp
SGM4865 SGMICRO-SGM4865 Datasheet
320Kb / 10P
   2.6W Stereo Audio Power Amplifier
SGM4992 SGMICRO-SGM4992 Datasheet
335Kb / 10P
   1.1W Stereo Audio Power Amplifier
logo
BCD Semiconductor Manuf...
AA4002 BCDSEMI-AA4002 Datasheet
425Kb / 22P
   STEREO 2W AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com