Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT2338 Datasheet(PDF) 3 Page - Princeton Technology Corp

Part # PT2338
Description  150mW Stereo Audio Power Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2338 Datasheet(HTML) 3 Page - Princeton Technology Corp

  PT2338 Datasheet HTML 1Page - Princeton Technology Corp PT2338 Datasheet HTML 2Page - Princeton Technology Corp PT2338 Datasheet HTML 3Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PT2338
V1.0
3
ORDER INFORMATION
Valid Part Number
Package Type
Top Code
PT2338-MS
10 pins, MSOP
PT2338-MS
PIN CONFIGURATION
PIN DESCRIPTION
Pin Name
I/O
Description
Pin No.
VO1
O
Audio output for channel 1
1
IN1
I
Negative input for channel 1
2
IP1
I
Positive input for channel 1
3
BYPASS
I
Internal mid-supply voltage bypassing
4
GND
-
Ground
5
SD
I
Put the device in low quiescent current mode when held high
6
IP2
I
Positive input for channel 2
7
IN2
I
Negative input for channel 2
8
VO2
O
Audio output for channel
9
VDD
-
Supply voltage terminal
10


Similar Part No. - PT2338

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT233 PTC-PT233 Datasheet
85Kb / 2P
   Analog Function Switch
PT2332 PTC-PT2332 Datasheet
208Kb / 5P
   2.2W횞2 Class-D Audio Power Amplifier
PT2332-S PTC-PT2332-S Datasheet
208Kb / 5P
   2.2W횞2 Class-D Audio Power Amplifier
PT2332-X PTC-PT2332-X Datasheet
208Kb / 5P
   2.2W횞2 Class-D Audio Power Amplifier
PT2334 PTC-PT2334 Datasheet
156Kb / 4P
   Stereo 2W Class-D Amplifier with Built-In Audio Processor
More results

Similar Description - PT2338

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PA3112 UTC-PA3112 Datasheet
337Kb / 8P
   DUAL 150mW AUDIO POWER AMPLIFIER
PA6112 UTC-PA6112 Datasheet
186Kb / 8P
   DUAL 150MW AUDIO POWER AMPLIFIER
PA3112 UTC-PA3112_15 Datasheet
337Kb / 8P
   DUAL 150mW AUDIO POWER AMPLIFIER
logo
SG Micro Corp
SGM4812 SGMICRO-SGM4812 Datasheet
335Kb / 11P
   Stereo Audio Power Amplifier
logo
Panasonic Semiconductor
SVI3101B PANASONIC-SVI3101B Datasheet
292Kb / 2P
   Stereo Audio Power Amplifier
logo
National Semiconductor ...
LM4752 NSC-LM4752_00 Datasheet
780Kb / 22P
   Stereo 11W Audio Power Amplifier
logo
Anpec Electronics Corop...
APA4863 ANPEC-APA4863 Datasheet
161Kb / 17P
   Stereo 2.2W Audio Power Amplifier
logo
SG Micro Corp
SGM4865 SGMICRO-SGM4865 Datasheet
320Kb / 10P
   2.6W Stereo Audio Power Amplifier
SGM4992 SGMICRO-SGM4992 Datasheet
335Kb / 10P
   1.1W Stereo Audio Power Amplifier
logo
BCD Semiconductor Manuf...
AA4002 BCDSEMI-AA4002 Datasheet
425Kb / 22P
   STEREO 2W AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com