Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT2272-L4S Datasheet(PDF) 5 Page - Princeton Technology Corp

Part # PT2272-L4S
Description  Remote Control Decoder
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2272-L4S Datasheet(HTML) 5 Page - Princeton Technology Corp

  PT2272-L4S Datasheet HTML 1Page - Princeton Technology Corp PT2272-L4S Datasheet HTML 2Page - Princeton Technology Corp PT2272-L4S Datasheet HTML 3Page - Princeton Technology Corp PT2272-L4S Datasheet HTML 4Page - Princeton Technology Corp PT2272-L4S Datasheet HTML 5Page - Princeton Technology Corp PT2272-L4S Datasheet HTML 6Page - Princeton Technology Corp PT2272-L4S Datasheet HTML 7Page - Princeton Technology Corp PT2272-L4S Datasheet HTML 8Page - Princeton Technology Corp PT2272-L4S Datasheet HTML 9Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2272 V3.7
- 5 -
June, 2008
Remote Control Decoder
PT2272
PIN DESCRIPTION
Pin No.
Pin Name
I/O
Description
18pins 20pins
A0 ~ A5
I
Code Address Pin Nos. 0 ~ 5.
These six tri-state pins are detected by PT2272 to
determine the encoded waveform bit 0 ~ bit 5.
Each pin can be set to “0”, “1”, or “f” (floating).
1 ~ 6
1 ~ 6
A6/D5 ~ A11/D0
I/O
Code Address Pin Nos. 6 ~ 11/Data Pin Nos. 5 ~ 0.
These six pins are used as higher address input
bits or data output pins depending on the version
(type) of PT2272 used.
When used as address inputs, these pins are
tri-state input pins and each pin can be set to “0”,
“1”, or “f” (floating).
When used as output pins, these pins are driven to
VCC if (1) the address decoded from the waveform
that was received matches the address setting at
the address input pins, and (2) the corresponding
data bits received is a “1” bit. Otherwise, they are
driven to VSS.
7 ~ 8
10 ~ 13
7 ~ 8
12 ~ 15
DIN
I
Data Input Pin.
The encoded waveform received is serially fed to
PT2272 at this pin.
14
16
OSC 1
I
Oscillator Pin No.1
A resistor connected
between these two pins
determine the
15
17
OSC 2
O
Oscillator Pin No. 2
fundamental frequency of
PT2272.
16
18
VT
O
Valid Transmission.
Active High Signal. VT in high state signifies that
PT2272 receives valid transmission waveform.
17
19
VCC
-
Positive Power Supply
18
20
VSS
-
Negative Power Supply
9
9
NC
-
No Connection
-
10 ~ 11


Similar Part No. - PT2272-L4S

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2272-L4S PTC-PT2272-L4S Datasheet
664Kb / 8P
   Remote Control Decoder?
More results

Similar Description - PT2272-L4S

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2272 PTC-PT2272 Datasheet
664Kb / 8P
   Remote Control Decoder?
PT2271A PTC-PT2271A Datasheet
253Kb / 6P
   Remote Control Decoder?
PT2270 PTC-PT2270 Datasheet
284Kb / 4P
   Remote Control Decoder
logo
List of Unclassifed Man...
SC5272 ETC-SC5272 Datasheet
180Kb / 12P
   REMOTE CONTROL DECODER
logo
Silan Microelectronics ...
SC5272 SILAN-SC5272 Datasheet
795Kb / 12P
   REMOTE CONTROL DECODER PAIRED
logo
Princeton Technology Co...
PT2270 PTC-PT2270_06 Datasheet
549Kb / 18P
   Remote Control Decoder IC
PT2294 PTC-PT2294 Datasheet
326Kb / 19P
   Remote Control Decoder IC
April, 2006
PT2604 PTC-PT2604 Datasheet
46Kb / 2P
   Remote Control Decoder IC
logo
NXP Semiconductors
SAA3049A PHILIPS-SAA3049A Datasheet
92Kb / 16P
   Infrared remote control decoder
1996 Sep 13
logo
Princeton Technology Co...
PT2604 PTC-PT2604_10 Datasheet
359Kb / 14P
   Remote Control Decoder IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com