Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT2319 Datasheet(PDF) 1 Page - Princeton Technology Corp

Part # PT2319
Description  Audio Processor IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2319 Datasheet(HTML) 1 Page - Princeton Technology Corp

  PT2319 Datasheet HTML 1Page - Princeton Technology Corp PT2319 Datasheet HTML 2Page - Princeton Technology Corp PT2319 Datasheet HTML 3Page - Princeton Technology Corp PT2319 Datasheet HTML 4Page - Princeton Technology Corp PT2319 Datasheet HTML 5Page - Princeton Technology Corp PT2319 Datasheet HTML 6Page - Princeton Technology Corp PT2319 Datasheet HTML 7Page - Princeton Technology Corp PT2319 Datasheet HTML 8Page - Princeton Technology Corp PT2319 Datasheet HTML 9Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2319 V1.4
- 1 -
December, 2005
Audio Processor IC
PT2319
DESCRIPTION
PT2319 is an audio processor IC specially designed for high fidelity audio applications utilizing
advanced CMOS processing technology. Included in the IC are 5 stereo input signal ports, super bass
and bass/treble controls, volume control, balance/fader controls and muting.
The internal circuits of PT2319 have undergone meticulous adjustment to achieve the finest possible
audio quality. Extremely low signal distortion, strong signal driving ability, and clear dynamic peak and
level sound quality at any volume level distinguish PT2319 from other audio processors. PT2319 is the
ideal solution for audio systems catering to the most demanding audiophiles.
FEATURES
CMOS process technology
Low level output signal loss: Typ.=0.003% at VOUT=1Vrms
High level output driving ability: load impedance as low as 600Ω
Large output amplitude
Five stereo input signal ports
Volume, balance and fader controls
Super bass, bass and treble controls
Select Out supports addition of externals circuits
Built-in automatic power-on reset
3-wire digital control interface
36-pin SSOP packaging
APPLICATIONS
High fidelity audio systems
Car audio systems


Similar Part No. - PT2319

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PT231 BOURNS-PT231 Datasheet
125Kb / 1P
   ISDN S-Interface Isolation Transformers
logo
Princeton Technology Co...
PT2310 PTC-PT2310 Datasheet
339Kb / 16P
   Volume Controller IC
PT2310-S PTC-PT2310-S Datasheet
339Kb / 16P
   Volume Controller IC
PT2310-SL PTC-PT2310-SL Datasheet
339Kb / 16P
   Volume Controller IC
logo
Bourns Electronic Solut...
PT23101 BOURNS-PT23101 Datasheet
125Kb / 1P
   ISDN S-Interface Isolation Transformers
More results

Similar Description - PT2319

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U7313 UTC-U7313 Datasheet
347Kb / 14P
   AUDIO PROCESSOR IC
U7313 UTC-U7313_15 Datasheet
347Kb / 14P
   AUDIO PROCESSOR IC
logo
Toshiba Semiconductor
TA1216AN TOSHIBA-TA1216AN Datasheet
574Kb / 18P
   TV-AUDIO PROCESSOR IC
logo
List of Unclassifed Man...
BD3867AS ETC1-BD3867AS Datasheet
201Kb / 2P
   Audio sound processor IC
logo
Princeton Technology Co...
PT2387 PTC-PT2387_10 Datasheet
296Kb / 12P
   3D Effect Audio Processor IC
logo
List of Unclassifed Man...
PT2322 ETC1-PT2322 Datasheet
77Kb / 3P
   6-Channel Audio Processor IC
logo
SHENZHEN FUMAN ELECTRON...
SC2315 FUMAN-SC2315 Datasheet
227Kb / 12P
   Dual channel audio processor IC
logo
Princeton Technology Co...
PT2313L PTC-PT2313L Datasheet
183Kb / 3P
   4-Channel Audio Processor IC
PT2387 PTC-PT2387 Datasheet
43Kb / 2P
   3D Effect Audio Processor IC
logo
ON Semiconductor
LC786821E ONSEMI-LC786821E Datasheet
543Kb / 35P
   Compressed Audio Signal Processor IC
June 2016 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com