Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT2318 Datasheet(PDF) 7 Page - Princeton Technology Corp

Part # PT2318
Description  Sound Fader Controller IC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2318 Datasheet(HTML) 7 Page - Princeton Technology Corp

Back Button PT2318_10 Datasheet HTML 3Page - Princeton Technology Corp PT2318_10 Datasheet HTML 4Page - Princeton Technology Corp PT2318_10 Datasheet HTML 5Page - Princeton Technology Corp PT2318_10 Datasheet HTML 6Page - Princeton Technology Corp PT2318_10 Datasheet HTML 7Page - Princeton Technology Corp PT2318_10 Datasheet HTML 8Page - Princeton Technology Corp PT2318_10 Datasheet HTML 9Page - Princeton Technology Corp PT2318_10 Datasheet HTML 10Page - Princeton Technology Corp PT2318_10 Datasheet HTML 11Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2318 V1.2
- 7 -
March, 2006
Sound Fader Controller IC
PT2318
INTERFACE PROTOCOL
The interface protocol consists of the following:
1. START Condition
2. Chip Address Byte=80H
3. ACK=Acknowledge Bit
4. Data Byte
5. STOP Condition
Please refer to the diagram below:
MSB
First Byte
LSB
START
1 0 0 0 1 0 0 0
Subaddress
ACK
Data Byte
ACK STOP
Chip Address
Notes:
1. ACK=ACKNOWLEDGE
2. Max. Clock Speed=100K Bits/S
The SUBADDRESS is the Second Byte transmitted following the CHIP ADDRESS Byte. Please refer
to the table below.
Note: These are Significant SUBADDRESS bits.
The last bits of SUBADDRESS are named “specific bit”. When more than one data bit send to PT2318,
the SUBADDRESS will increase automatically depend on specific bit. It is unnecessary to send to
SUBADDRESS, data bit will fill in SUBADDRESS bit. Please refer to following table.
START
Chip
Address
ACK
Sub
Address
ACK
Data
Byte
ACK
Data
Byte
ACK
Data
Byte
ACK
Data
Byte
ACK STOP
Start
80H
00H
Corresp
onding
Sub
Address
00H
Corresp
onding
Sub
Address
01H
Corresp
onding
Sub
Address
02H
Correspo
nding
Sub
Address
03H
End
MSB
LSB
Function
7
6
5
4
3
2*
1*
0*
0
0
0
0
0
0
0
0
Volume/Loudness
0
0
0
0
0
0
0
1
Fader: Front, Right
0
0
0
0
0
0
1
0
Fader: Front, Left
0
0
0
0
0
0
1
1
Fader: Rear, Right
0
0
0
0
0
1
0
0
Fader: Rear, Left
0
0
0
0
0
1
0
1
Bass
0
0
0
0
0
1
1
0
Treble
0
0
0
0
0
1
1
1
Selector Switch


Similar Part No. - PT2318_10

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2318 PTC-PT2318 Datasheet
51Kb / 3P
   Sound Fader Controller IC
More results

Similar Description - PT2318_10

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2318 PTC-PT2318 Datasheet
51Kb / 3P
   Sound Fader Controller IC
logo
NXP Semiconductors
TEA6320 PHILIPS-TEA6320 Datasheet
252Kb / 40P
   Sound fader control circuit
1995 Dec 19
TEA6322T PHILIPS-TEA6322T Datasheet
230Kb / 36P
   Sound fader control circuit
1995 Dec 19
TEA6300 PHILIPS-TEA6300 Datasheet
180Kb / 22P
   Sound fader control circuit
May 1990
TEA6323T PHILIPS-TEA6323T Datasheet
229Kb / 36P
   Sound fader control circuit
1995 Dec 20
TEA6321 PHILIPS-TEA6321 Datasheet
247Kb / 36P
   Sound fader control circuit
1995 Dec 19
logo
Rohm
BA3853BFS ROHM-BA3853BFS Datasheet
188Kb / 11P
   Stereo sound controller IC
BA3836 ROHM-BA3836 Datasheet
61Kb / 5P
   Vocal fader IC
BA3837 ROHM-BA3837 Datasheet
138Kb / 11P
   Vocal fader IC
logo
NXP Semiconductors
TEA6330T PHILIPS-TEA6330T Datasheet
158Kb / 19P
   Sound fader control circuit for car radios
January 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com