Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT2312E Datasheet(PDF) 1 Page - Princeton Technology Corp

Part # PT2312E
Description  Stereo Audio Processor for Car Audio
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2312E Datasheet(HTML) 1 Page - Princeton Technology Corp

  PT2312E Datasheet HTML 1Page - Princeton Technology Corp PT2312E Datasheet HTML 2Page - Princeton Technology Corp PT2312E Datasheet HTML 3Page - Princeton Technology Corp PT2312E Datasheet HTML 4Page - Princeton Technology Corp PT2312E Datasheet HTML 5Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PT2312E
Stereo Audio Processor for Car Audio
Tel: 886-66296288Fax: 886-29174598http://www.princeton.com.tw2F, 233-1, Baociao Road, Sindian, Taipei 23145, Taiwan
DESCRIPTION
The PT2312E is an audio processor designed for
versatile application, includes 4 stereo input selector with
adjustable gain, master volume control with low
frequency loudness compensation, individual output
attenuator and tone control. It is a good solution for the
car audio signal processing.
Due to the high reliability requirement from the audio
business,
the
PT2312E
improves
both
audio
performances and input surge current capability, these
causes the PT2312E is the best solution for the
cost-effective audio systems.
APPLICATIONS
• Car Audio
• Home Audio System
• Powered Speaker System
FEATURES
• 4 stereo inputs with gain selection, range from 0dB
to +11.25dB in 3.75dB/step
• Master volume from 0 dB to -78.75dB in
1.25dB/step
• Speaker attenuator for balance and fader, range
from 0dB to -38.75dB in 1.25dB/step
• Each channel output can be muted individually.
• Low frequency loudness compensation
• Bass and Treble control, range from -14dB to
+14dB in 2dB/step
• Wide operation range (VDD=4V to 10V)
• Improved and replace PT2312 and PT2312A
APPLICATION CIRCUIT
2.2uF
2.2uF
22uF
VDD
2.7n
2.7n
100n
100n
100n
100n
100n
100n
5.6K
5.6K
Front Left
Front Right
Rear Left
Rear Right
10uF
10uF
10uF
10uF
Power
Amplifier
2.2uF
2.2uF
2.2uF
2.2uF
2.2uF
2.2uF
AUDIO 1
AUDIO 2
AUDIO 3
2.2K
2.2K
2.2K
2.2K
2.2K
2.2K
L
L
L
R
R
R
Input Surge
Protection
MCU
PT2312E
2.2uF
2.2uF
AUDIO 4
2.2K
2.2K
L
R
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
30
29
31
32
LIN3
LIN2
LIN1
LIN
LOUT
BOUT_L
BIN_L
BIN_R
BOUT_R
RROUT
LROUT
RFOUT
LFOUT
DGND
SDA
SCL
REF
VDD
AGND
TREB_L
TREB_R
RIN
ROUT
LOUD_R
RIN3
RIN2
RIN1
LOUD_L
NC
NC
RIN4
LIN4


Similar Part No. - PT2312E

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2312E PTC-PT2312E Datasheet
179Kb / 5P
   Stereo Audio Processor for Car Audio
PT2312E-S PTC-PT2312E-S Datasheet
179Kb / 5P
   Stereo Audio Processor for Car Audio
More results

Similar Description - PT2312E

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2313E PTC-PT2313E Datasheet
198Kb / 5P
   Stereo Audio Processor for Car Audio
PT7313E PTC-PT7313E Datasheet
379Kb / 16P
   Stereo Audio Processor for Car Audio
February 2010
PT2313E PTC-PT2313E_10 Datasheet
206Kb / 5P
   Stereo Audio Processor for Car Audio
PT2312E PTC-PT2312E Datasheet
179Kb / 5P
   Stereo Audio Processor for Car Audio
PT12311 PTC-PT12311 Datasheet
195Kb / 5P
   Stereo Audio Processor for Car Audio
PT2315E PTC-PT2315E_10 Datasheet
172Kb / 5P
   Stereo Audio Processor for Home TV Audio
PT2315E PTC-PT2315E Datasheet
173Kb / 5P
   Stereo Audio Processor for Home TV Audio
PT2314E PTC-PT2314E_10 Datasheet
177Kb / 5P
   Stereo Audio Processor for Home/TV Audio
PT2314E PTC-PT2314E Datasheet
177Kb / 5P
   Stereo Audio Processor for Home/TV Audio
PT2347 PTC-PT2347 Datasheet
213Kb / 3P
   Stereo Audio Processor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com