Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT2270-L3 Datasheet(PDF) 7 Page - Princeton Technology Corp

Part # PT2270-L3
Description  Remote Control Decoder IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2270-L3 Datasheet(HTML) 7 Page - Princeton Technology Corp

Back Button PT2270-L3 Datasheet HTML 3Page - Princeton Technology Corp PT2270-L3 Datasheet HTML 4Page - Princeton Technology Corp PT2270-L3 Datasheet HTML 5Page - Princeton Technology Corp PT2270-L3 Datasheet HTML 6Page - Princeton Technology Corp PT2270-L3 Datasheet HTML 7Page - Princeton Technology Corp PT2270-L3 Datasheet HTML 8Page - Princeton Technology Corp PT2270-L3 Datasheet HTML 9Page - Princeton Technology Corp PT2270-L3 Datasheet HTML 10Page - Princeton Technology Corp PT2270-L3 Datasheet HTML 11Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2270 V1.3
- 7 -
May, 2006
Remote Control Decoder IC
PT2270
SINGLE RESISTOR OSCILLATOR
The built-in oscillator circuitry of PT2270 allows a precision oscillator to be constructed with only an
external resistor. For the PT2270 to decode correctly the waveform that was received, the oscillator
frequency of PT2270 must be 1/16 ~ 4 (or 2 to 30) times that of the transmitting PT2260 (or PT2262).
It is a good practice to center the PT2270 oscillator frequency in this window to gain best window
margin at both sides. The typical oscillator with various resistor values are shown below for PT2260,
PT2262 and PT2270.
100
10
1
KHz
3
Voltage
R=510K
R=1M
R=2M
R=3.3M
R=4.7M
6
9
12
15
1
R=2M
R=1M
R=820K
R=680K
R=470K
Voltage (V)
KHz
2
3
4
5
6
10 0
20 0
25 0
30 0
40 0
50 0
PT2262 Encoder OSC Frequency
PT2260 Encoder OSC Frequency
0
20
40
60
80
100
120
140
160
24
68
10
VOLTAGE (V)
Rosc =510 K Ohms
Rosc=620K Ohms
Rosc=1.0 M Ohms
Rosc=1.2 M Ohms
Rosc=2.2 M Ohms
PT2270 Decoder OSC Frequency
Suggested oscillator resistor values are shown below.
PT2260
PT2270
PT2262
PT2270
820KΩ
1.0MΩ
1.2MΩ
120KΩ
1.0MΩ
1.2MΩ
1.5MΩ
160KΩ
2.0MΩ
2.2MΩ
3.3MΩ
390KΩ


Similar Part No. - PT2270-L3

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2270-L3 PTC-PT2270-L3 Datasheet
284Kb / 4P
   Remote Control Decoder
PT2270-L3-S PTC-PT2270-L3-S Datasheet
284Kb / 4P
   Remote Control Decoder
More results

Similar Description - PT2270-L3

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2294 PTC-PT2294 Datasheet
326Kb / 19P
   Remote Control Decoder IC
April, 2006
PT2604 PTC-PT2604 Datasheet
46Kb / 2P
   Remote Control Decoder IC
PT2604 PTC-PT2604_10 Datasheet
359Kb / 14P
   Remote Control Decoder IC
PT2272 PTC-PT2272_08 Datasheet
543Kb / 22P
   Remote Control Decoder
PT2272 PTC-PT2272 Datasheet
664Kb / 8P
   Remote Control Decoder?
PT2271A PTC-PT2271A Datasheet
253Kb / 6P
   Remote Control Decoder?
PT2270 PTC-PT2270 Datasheet
284Kb / 4P
   Remote Control Decoder
logo
List of Unclassifed Man...
SC5272 ETC-SC5272 Datasheet
180Kb / 12P
   REMOTE CONTROL DECODER
logo
Silan Microelectronics ...
SC5272 SILAN-SC5272 Datasheet
795Kb / 12P
   REMOTE CONTROL DECODER PAIRED
logo
NXP Semiconductors
SAA3049A PHILIPS-SAA3049A Datasheet
92Kb / 16P
   Infrared remote control decoder
1996 Sep 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com