Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT2301-A Datasheet(PDF) 4 Page - Princeton Technology Corp

Part # PT2301-A
Description  1 Watt Audio Power Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2301-A Datasheet(HTML) 4 Page - Princeton Technology Corp

  PT2301-A Datasheet HTML 1Page - Princeton Technology Corp PT2301-A Datasheet HTML 2Page - Princeton Technology Corp PT2301-A Datasheet HTML 3Page - Princeton Technology Corp PT2301-A Datasheet HTML 4Page - Princeton Technology Corp PT2301-A Datasheet HTML 5Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2301 V1.4
- 4 -
April, 2006
1 Watt Audio Power Amplifier
PT2301
APPLICATION CIRCUIT II (PT2301-B)
VCC
/SHUTDOWN
8 ohm
RR2 24K
RR1 24K
SCL
SDA
RL2 24K
RL1 24K
R4 10K
R3 10K
L2R
L1R
C5 1uF
C4 1uF
100uF
L2L
L1L
VCC
C6 1uF
C7 1uF
Microphone Jack
MIC OUT
Internal MIC IN
External
MIC IN
C2 1uF
C8 1uF
C9 1uF
PT2301-B
/SHUTDOWN
1uF
10
12
11
8
9
7
Cb
L2R
REF
L1R
MICOUT
MIC2
VCC
15
VSS1
MUTE
13
14
VP2
SP-
ROUT
16
17
18
MUTE
100uF
VCC
HP_SENSE
MIC_SENSE
3
1
2
6
5
4
MIC1
SCL
SDA
VSS2
L2L
L1L
C11
22
LOUT
NC
SP+
VP1
20
19
21
23
24
C12
300uF
300uF
4.7K
10K
R7
10K
VCC
R8
4.7K
C3
100uF
Headphone Jack
R9 1K
R10 1K
10uF
Cb1
VCC
Notes
1. The (+) polarity of DC block capacitor installed in the I/O pin of the PT2301 should face towards the
higher potential.
2. The gain setting resistors (R3、R4、RL1、RL2、RR1、RR2 ) should be kept as close as possible
with the PT2301 chip to prevent pick up noises.


Similar Part No. - PT2301-A

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2300 PTC-PT2300 Datasheet
341Kb / 15P
   2W x 2 Class AB Audio Power Amplifier
logo
Shenzhenshi YONGFUKANG ...
PT2300 YONGFUKANG-PT2300 Datasheet
337Kb / 5P
   Audio power amplifier
logo
Princeton Technology Co...
PT2300-S PTC-PT2300-S Datasheet
341Kb / 15P
   2W x 2 Class AB Audio Power Amplifier
PT2300-SL PTC-PT2300-SL Datasheet
341Kb / 15P
   2W x 2 Class AB Audio Power Amplifier
PT2300L PTC-PT2300L Datasheet
341Kb / 15P
   2W x 2 Class AB Audio Power Amplifier
More results

Similar Description - PT2301-A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4890 TI-LM4890_15 Datasheet
1Mb / 36P
[Old version datasheet]   1 Watt Audio Power Amplifier
logo
Eutech Microelectronics...
EUA4890 EUTECH-EUA4890 Datasheet
406Kb / 14P
   1 Watt Audio Power Amplifier
logo
List of Unclassifed Man...
HWD2190 ETC1-HWD2190 Datasheet
1Mb / 32P
   1 Watt Audio Power Amplifier
logo
National Semiconductor ...
LM4904 NSC-LM4904 Datasheet
670Kb / 18P
   1 Watt Audio Power Amplifier
LM4907 NSC-LM4907 Datasheet
1Mb / 17P
   1 Watt Audio Power Amplifier
LM4905 NSC-LM4905 Datasheet
686Kb / 17P
   1 Watt Audio Power Amplifier
LM4890 NSC-LM4890 Datasheet
1Mb / 31P
   1 Watt Audio Power Amplifier
LM4903 NSC-LM4903 Datasheet
650Kb / 17P
   1 Watt Audio Power Amplifier
LM4891 NSC-LM4891 Datasheet
733Kb / 20P
   1 Watt Audio Power Amplifier
logo
Texas Instruments
LM4889 TI-LM4889 Datasheet
1Mb / 27P
[Old version datasheet]   1 Watt Audio Power Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com