Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT2262S Datasheet(PDF) 3 Page - Princeton Technology Corp

Part # PT2262S
Description  Remote Control Encoder
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2262S Datasheet(HTML) 3 Page - Princeton Technology Corp

  PT2262S Datasheet HTML 1Page - Princeton Technology Corp PT2262S Datasheet HTML 2Page - Princeton Technology Corp PT2262S Datasheet HTML 3Page - Princeton Technology Corp PT2262S Datasheet HTML 4Page - Princeton Technology Corp PT2262S Datasheet HTML 5Page - Princeton Technology Corp PT2262S Datasheet HTML 6Page - Princeton Technology Corp PT2262S Datasheet HTML 7Page - Princeton Technology Corp PT2262S Datasheet HTML 8Page - Princeton Technology Corp PT2262S Datasheet HTML 9Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2262 V3.8
- 3 -
September, 2008
Remote Control Encoder
PT2262
PIN DESCRIPTION
Pin No.
Pin Name
I/O
Description
18 Pins
20 Pins
A0 ~ A5
I
Code Address Pin Nos.0 ~ 5
These six tri-state pins are detected by PT2262 to
determine the encoded waveform bit 0 ~ bit 5.
Each pin can be set to “0”, “1” or “f” (floating).
1 ~ 6
1 ~ 6
A6/D5, A7/D4
A8/D3 ~ A11/D0
I
Code Address Pin Nos.6 ~ 11/Data Pin Nos.5 ~ 0.
These six tri-state pins are detected by PT2262 to
determine the encoded waveform bit 6 ~ bit 11.
When these pins are used as address pins, they
can be set to “0”, “1”, or “f” (floating).
When these pins are used as data pins, they can
be set only to “0” or “1”.
7, 8
10 ~ 13
7, 8
12 ~ 15
/TE
I
Transmission Enable.
Active Low Signal. PT2262 outputs the encoded
waveform to DOUT when this pin is pulled to low.
14
16
OSC1
O
Oscillator Pin No.1
15
17
OSC2
I
Oscillator Pin No.2
A resistor connected
between these two pins
determine the fundamental
frequency of the PT2262.
16
18
DOUT
O
Data Output Pin.
The encoded waveform is serially outputted to this
pin. When PT2262 is not transmitting, DOUT
outputs low (Vss) voltage.
17
19
Vcc
-
Positive Power Supply
18
20
Vss
-
Negative Power Supply
9
9


Similar Part No. - PT2262S

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2262 PTC-PT2262 Datasheet
355Kb / 7P
   Remote Control Encoder
logo
Silvan Chip Electronics...
PT2262 SILVAN-PT2262 Datasheet
228Kb / 3P
   remote control encoder paired
logo
Princeton Technology Co...
PT2262-IR-P PTC-PT2262-IR-P Datasheet
355Kb / 7P
   Remote Control Encoder
PT2262-IR-S PTC-PT2262-IR-S Datasheet
355Kb / 7P
   Remote Control Encoder
PT2262-IR-S18 PTC-PT2262-IR-S18 Datasheet
355Kb / 7P
   Remote Control Encoder
More results

Similar Description - PT2262S

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC5262 SILAN-SC5262 Datasheet
168Kb / 10P
   REMOTE CONTROL ENCODER
logo
Princeton Technology Co...
PT2260 PTC-PT2260 Datasheet
118Kb / 2P
   REMOTE CONTROL ENCODER?
PT2261A PTC-PT2261A Datasheet
149Kb / 5P
   Remote Control Encoder?
PT2262 PTC-PT2262 Datasheet
355Kb / 7P
   Remote Control Encoder
PT2265 PTC-PT2265 Datasheet
163Kb / 3P
   Remote Control Encoder?
logo
Holtek Semiconductor In...
HT6026 HOLTEK-HT6026 Datasheet
361Kb / 7P
   Remote Control Encoder
logo
Silan Microelectronics ...
SC2268 SILAN-SC2268 Datasheet
104Kb / 6P
   REMOTE CONTROL ENCODER
SC5260-R2 SILAN-SC5260-R2 Datasheet
137Kb / 8P
   REMOTE CONTROL ENCODER
logo
Holtek Semiconductor In...
HT6026 HOLTEK-HT6026_09 Datasheet
112Kb / 12P
   Remote Control Encoder
logo
Princeton Technology Co...
PT2260 PTC-PT2260_06 Datasheet
302Kb / 16P
   Remote Control Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com