Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT2262 Datasheet(PDF) 18 Page - Princeton Technology Corp

Part # PT2262
Description  Remote Control Encoder
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2262 Datasheet(HTML) 18 Page - Princeton Technology Corp

Back Button PT2262 Datasheet HTML 12Page - Princeton Technology Corp PT2262 Datasheet HTML 13Page - Princeton Technology Corp PT2262 Datasheet HTML 14Page - Princeton Technology Corp PT2262 Datasheet HTML 15Page - Princeton Technology Corp PT2262 Datasheet HTML 16Page - Princeton Technology Corp PT2262 Datasheet HTML 17Page - Princeton Technology Corp PT2262 Datasheet HTML 18Page - Princeton Technology Corp PT2262 Datasheet HTML 19Page - Princeton Technology Corp PT2262 Datasheet HTML 20Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2262 V3.8
- 18 -
September, 2008
Remote Control Encoder
PT2262
Notes:
1.
Dimensioning and tolerancing per ANSI Y14.5-1982.
2.
Dimension “D” does not include mold flash, protrusions or gate burrs. Mold Flash. protrusion or
gate burrs shall not exceed 0.15mm (0.006 in) per side.
3.
Dimension “E” does not include interlead flash or protrusions. Interlead flash or protrusions shall not
exceed 0.25mm (0.010 in) per side.
4.
The chamfer on the body is optional. It is not present, a visual index feature must be located within
the crosshatched area.
5.
“L” is the length of the terminal for soldering to substrate.
6.
“N” is the number of terminal positions. (N=18)
7.
The lead width “B” as measured 0.36mm (0.014 in) or greater above the seating plane, shall not
exceed a maximum value of 0.61mm (0.24 in)
8.
Controlling dimension: MILLIMETER.
9.
Refer to JEDEC MS-013 Variation AB.
JEDEC is the trademark of JEDEC SOLID STATE TECHNOLOGY ASSOCIATION.


Similar Part No. - PT2262

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2262 PTC-PT2262 Datasheet
355Kb / 7P
   Remote Control Encoder
logo
Silvan Chip Electronics...
PT2262 SILVAN-PT2262 Datasheet
228Kb / 3P
   remote control encoder paired
logo
Princeton Technology Co...
PT2262-IR-P PTC-PT2262-IR-P Datasheet
355Kb / 7P
   Remote Control Encoder
PT2262-IR-S PTC-PT2262-IR-S Datasheet
355Kb / 7P
   Remote Control Encoder
PT2262-IR-S18 PTC-PT2262-IR-S18 Datasheet
355Kb / 7P
   Remote Control Encoder
More results

Similar Description - PT2262

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC5262 SILAN-SC5262 Datasheet
168Kb / 10P
   REMOTE CONTROL ENCODER
logo
Princeton Technology Co...
PT2260 PTC-PT2260 Datasheet
118Kb / 2P
   REMOTE CONTROL ENCODER?
PT2261A PTC-PT2261A Datasheet
149Kb / 5P
   Remote Control Encoder?
PT2262 PTC-PT2262 Datasheet
355Kb / 7P
   Remote Control Encoder
PT2265 PTC-PT2265 Datasheet
163Kb / 3P
   Remote Control Encoder?
logo
Holtek Semiconductor In...
HT6026 HOLTEK-HT6026 Datasheet
361Kb / 7P
   Remote Control Encoder
logo
Silan Microelectronics ...
SC2268 SILAN-SC2268 Datasheet
104Kb / 6P
   REMOTE CONTROL ENCODER
SC5260-R2 SILAN-SC5260-R2 Datasheet
137Kb / 8P
   REMOTE CONTROL ENCODER
logo
Holtek Semiconductor In...
HT6026 HOLTEK-HT6026_09 Datasheet
112Kb / 12P
   Remote Control Encoder
logo
Princeton Technology Co...
PT2260 PTC-PT2260_06 Datasheet
302Kb / 16P
   Remote Control Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com