Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT2250A Datasheet(PDF) 7 Page - Princeton Technology Corp

Part # PT2250A
Description  Remote Control Receiver IC
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2250A Datasheet(HTML) 7 Page - Princeton Technology Corp

Back Button PT2250A Datasheet HTML 3Page - Princeton Technology Corp PT2250A Datasheet HTML 4Page - Princeton Technology Corp PT2250A Datasheet HTML 5Page - Princeton Technology Corp PT2250A Datasheet HTML 6Page - Princeton Technology Corp PT2250A Datasheet HTML 7Page - Princeton Technology Corp PT2250A Datasheet HTML 8Page - Princeton Technology Corp PT2250A Datasheet HTML 9Page - Princeton Technology Corp PT2250A Datasheet HTML 10Page - Princeton Technology Corp PT2250A Datasheet HTML 11Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2249A_PT2250A V2.6
- 7 -
May, 2007
Remote Control Receiver IC
PT2249A_PT2250A
CODING
CODE1, CODE2 and CODE3 are internally pulled up to Vcc by pull-up resistors.
To encode each code bit to “1”:
Open the corresponding CODE pin, or Insert a capacitor between CODE pin and Vss.
To encode each Code bit to “0”:
Connect the corresponding CODE pin to Vss.
EXPLANATION OF OUTPUT TYPES: SP, HP AND CP
SINGLE PULSE (SP1~SP10)
If there is no error in the receiving signal of the 12-bit data check, it will generate a single pulse output.


Similar Part No. - PT2250A

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2250A PTC-PT2250A Datasheet
48Kb / 6P
   Infrared Remote Control Receiver
PT2250AL PTC-PT2250AL Datasheet
48Kb / 6P
   Infrared Remote Control Receiver
PT2250ALN PTC-PT2250ALN Datasheet
48Kb / 6P
   Infrared Remote Control Receiver
PT2250AN PTC-PT2250AN Datasheet
48Kb / 6P
   Infrared Remote Control Receiver
More results

Similar Description - PT2250A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML923 ETC1-ML923 Datasheet
310Kb / 4P
   REMOTE CONTROL RECEIVER
logo
Zarlink Semiconductor I...
ML922 ZARLINK-ML922 Datasheet
350Kb / 4P
   REMOTE CONTROL RECEIVER
logo
ADTech
ADT2530FXX ADTECH-ADT2530FXX Datasheet
36Kb / 1P
   Miniaturized receiver IC for infrared remote control system
ADT2520BXX ADTECH-ADT2520BXX Datasheet
32Kb / 1P
   Miniaturized receiver IC for infrared remote control system
ADT2690 ADTECH-ADT2690 Datasheet
30Kb / 1P
   Miniaturized receiver IC for infrarred remote control system
logo
Princeton Technology Co...
PT2249A PTC-PT2249A Datasheet
48Kb / 6P
   Infrared Remote Control Receiver
logo
New Japan Radio
NJL71H000A NJRC-NJL71H000A Datasheet
124Kb / 5P
   INFRARED REMOTE CONTROL RECEIVER
NJL24H400A NJRC-NJL24H400A Datasheet
150Kb / 7P
   INFRARED REMOTE CONTROL RECEIVER
NJL61V360A NJRC-NJL61V360A Datasheet
223Kb / 6P
   INFRARED REMOTE CONTROL RECEIVER
NJL31H360A NJRC-NJL31H360A Datasheet
143Kb / 7P
   INFRARED REMOTE CONTROL RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com