Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT2241P-16 Datasheet(PDF) 8 Page - Princeton Technology Corp

Part # PT2241P-16
Description  Programmable Encoder IC
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2241P-16 Datasheet(HTML) 8 Page - Princeton Technology Corp

Back Button PT2241P-16 Datasheet HTML 4Page - Princeton Technology Corp PT2241P-16 Datasheet HTML 5Page - Princeton Technology Corp PT2241P-16 Datasheet HTML 6Page - Princeton Technology Corp PT2241P-16 Datasheet HTML 7Page - Princeton Technology Corp PT2241P-16 Datasheet HTML 8Page - Princeton Technology Corp PT2241P-16 Datasheet HTML 9Page - Princeton Technology Corp PT2241P-16 Datasheet HTML 10Page - Princeton Technology Corp PT2241P-16 Datasheet HTML 11Page - Princeton Technology Corp PT2241P-16 Datasheet HTML 12Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2241 V1.5
- 8 -
March, 2006
Programmable Encoder IC
PT2241
In the Programming Technique used by PT2241, data are written/programmed into the chip two bits at
a time. The Clock contains 2 pulses and the burn-out time. Each pulse should be more than 1ms and
burn-out time should be greater than 80ms.
Please refer to the PT2241 Application Notes and the PT2241 Programming Manual.
SINGLE RESISTOR OSCILLATOR
The built-in oscillator circuit of PT2241 allows a precision oscillator to be constructed by connecting an
external resistor (Rosc) to the OSC Pin. For the PT2270 to decode correctly the received waveform,
the oscillator frequency of PT2270 must be 0.2 ~ 3.2 times that of the transmitting PT2241. The typical
oscillator frequency with various resistor values for both PT2241 and PT2270 are given below:
PT2241
PT2270
620KΩ
1.0KΩ
2.0MΩ
1.2MΩ
3.3MΩ
2.0MΩ
ENCODER (PT2241) OSCILLATION FREQUENCY
0
100
200
300
400
500
600
15 14 13 12 11 10
9
8
7
6
5
4
3 2.5 2 1.8
Vcc
(V)
430K
470K
1M
1.2M
1.5M
2M
2.2M
Rosc


Similar Part No. - PT2241P-16

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2241P-16 PTC-PT2241P-16 Datasheet
48Kb / 3P
   Programmable Encoder IC?
PT2241P-16S PTC-PT2241P-16S Datasheet
48Kb / 3P
   Programmable Encoder IC?
More results

Similar Description - PT2241P-16

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2240 PTC-PT2240 Datasheet
47Kb / 4P
   Programmable Encoder IC
PT2241 PTC-PT2241 Datasheet
48Kb / 3P
   Programmable Encoder IC?
PT2240 PTC-PT2240_06 Datasheet
301Kb / 15P
   Programmable Encoder IC
PT2283 PTC-PT2283 Datasheet
814Kb / 5P
   Programmable Rolling Code Encoder IC
PT2283A PTC-PT2283A Datasheet
262Kb / 4P
   Programmable Rolling Code Encoder IC
PT2282 PTC-PT2282 Datasheet
88Kb / 3P
   Programmable Rolling Code Encoder IC
logo
AVAGO TECHNOLOGIES LIMI...
AEAT-6600-T16 AVAGO-AEAT-6600-T16 Datasheet
539Kb / 11P
   10 to16-Bit Programmable Angular Magnetic Encoder IC
logo
Princeton Technology Co...
PT2240B PTC-PT2240B_09 Datasheet
279Kb / 8P
   Encoder IC
PT4203 PTC-PT4203 Datasheet
495Kb / 4P
   Encoder IC
PT2240B PTC-PT2240B Datasheet
73Kb / 3P
   Encoder IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com