Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT2248 Datasheet(PDF) 8 Page - Princeton Technology Corp

Part # PT2248
Description  Infrared Remote Control Transmitter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2248 Datasheet(HTML) 8 Page - Princeton Technology Corp

Back Button PT2248_05 Datasheet HTML 4Page - Princeton Technology Corp PT2248_05 Datasheet HTML 5Page - Princeton Technology Corp PT2248_05 Datasheet HTML 6Page - Princeton Technology Corp PT2248_05 Datasheet HTML 7Page - Princeton Technology Corp PT2248_05 Datasheet HTML 8Page - Princeton Technology Corp PT2248_05 Datasheet HTML 9Page - Princeton Technology Corp PT2248_05 Datasheet HTML 10Page - Princeton Technology Corp PT2248_05 Datasheet HTML 11Page - Princeton Technology Corp PT2248_05 Datasheet HTML 12Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2248 V2.7
- 8 -
June, 2005
Infrared Remote Control Transmitter
PT2248
DISTINCTION OD BIT “1” AND “0”
a
3a
a
3a
Bit "0 "
Bit "1 "
01
0
1
1
0
0
1
0
0
01
One word of the transmission command is in the configuration of (010110010001).
SINGLE-SHOT SIGNAL
60 a
48 a
80 a
48 a
P T 2248 K ey O n
/T X OU T
Com ma nd
Cod e
Dupl ic ate of
Com ma nd Cod e
2 Co mm and W or ds
When any one of the single-shot keys is depressed, the above single-shot transmits only 2 command
words and then the transmitting output ends.


Similar Part No. - PT2248_05

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2248-P PTC-PT2248-P Datasheet
80Kb / 4P
   Infrared Remote Control Transmitter????
PT2248-S PTC-PT2248-S Datasheet
80Kb / 4P
   Infrared Remote Control Transmitter????
PT2248-SN PTC-PT2248-SN Datasheet
80Kb / 4P
   Infrared Remote Control Transmitter????
logo
Datatronic Distribution...
PT22481 DATATRONICS-PT22481 Datasheet
104Kb / 2P
   HIGH CURRENT INDUCTORS (OPEN TYPE)
PT22482 DATATRONICS-PT22482 Datasheet
104Kb / 2P
   HIGH CURRENT INDUCTORS (OPEN TYPE)
More results

Similar Description - PT2248_05

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2212 PTC-PT2212_07 Datasheet
416Kb / 16P
   Infrared Remote Control Transmitter
logo
NXP Semiconductors
SAA3027 PHILIPS-SAA3027 Datasheet
518Kb / 13P
   INFRARED REMOTE CONTROL TRANSMITTER
July1983
logo
List of Unclassifed Man...
SC3010 ETC-SC3010 Datasheet
235Kb / 15P
   INFRARED REMOTE CONTROL TRANSMITTER
logo
Princeton Technology Co...
PT2221 PTC-PT2221 Datasheet
296Kb / 4P
   Infrared Remote Control Transmitter???
logo
Silan Microelectronics ...
SC7461 SILAN-SC7461 Datasheet
192Kb / 14P
   INFRARED REMOTE CONTROL TRANSMITTER
logo
Princeton Technology Co...
PT2211 PTC-PT2211 Datasheet
120Kb / 5P
   Infrared Remote Control Transmitter?
PT2212 PTC-PT2212 Datasheet
71Kb / 3P
   Infrared Remote Control Transmitter???
PT2221M PTC-PT2221M Datasheet
452Kb / 4P
   Infrared Remote Control Transmitter
PT2248 PTC-PT2248 Datasheet
80Kb / 4P
   Infrared Remote Control Transmitter????
logo
Silan Microelectronics ...
SC6122 SILAN-SC6122 Datasheet
220Kb / 13P
   INFRARED REMOTE CONTROL TRANSMITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com