Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATXMEGA128D3-MH Datasheet(PDF) 11 Page - ATMEL Corporation

Part # ATXMEGA128D3-MH
Description  8/16-bit AVR XMEGA D3 Microcontroller
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA128D3-MH Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button ATXMEGA128D3-MH Datasheet HTML 7Page - ATMEL Corporation ATXMEGA128D3-MH Datasheet HTML 8Page - ATMEL Corporation ATXMEGA128D3-MH Datasheet HTML 9Page - ATMEL Corporation ATXMEGA128D3-MH Datasheet HTML 10Page - ATMEL Corporation ATXMEGA128D3-MH Datasheet HTML 11Page - ATMEL Corporation ATXMEGA128D3-MH Datasheet HTML 12Page - ATMEL Corporation ATXMEGA128D3-MH Datasheet HTML 13Page - ATMEL Corporation ATXMEGA128D3-MH Datasheet HTML 14Page - ATMEL Corporation ATXMEGA128D3-MH Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 98 page
background image
11
8134G–AVR–08/10
XMEGA D3
7.4
Data Memory
The Data Memory consist of the I/O Memory, EEPROM and SRAM memories, all within one lin-
ear address space, see Figure 7-2 on page 11. To simplify development, the memory map for all
devices in the family is identical and with empty, reserved memory space for smaller devices.
Figure 7-2.
Data Memory Map (Hexadecimal address)
Byte Address
ATxmega192D3
Byte Address
ATxmega128D3
Byte Address
ATxmega64D3
0
I/O Registers
(4KB)
0
I/O Registers
(4KB)
0
I/O Registers
(4KB)
FFF
FFF
FFF
1000
EEPROM
(2K)
1000
EEPROM
(2K)
1000
EEPROM
(2K)
17FF
17FF
17FF
RESERVED
RESERVED
RESERVED
2000
Internal SRAM
(16K)
2000
Internal SRAM
(8K)
2000
Internal SRAM
(4K)
5FFF
3FFF
2FFF
Byte Address
ATxmega256D3
0
I/O Registers
(4KB)
FFF
1000
EEPROM
(4K)
1FFF
2000
Internal SRAM
(16K)
5FFF


Similar Part No. - ATXMEGA128D3-MH

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATXMEGA128D3 ATMEL-ATXMEGA128D3 Datasheet
3Mb / 109P
   8/16-bit XMEGA D3 Microcontroller
More results

Similar Description - ATXMEGA128D3-MH

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATXMEGA64D3 ATMEL-ATXMEGA64D3_14 Datasheet
3Mb / 86P
   8/16-bit Atmel AVR XMEGA D3 Microcontroller
ATXMEGA256D3_1012 ATMEL-ATXMEGA256D3_1012 Datasheet
3Mb / 109P
   8/16-bit XMEGA D3 Microcontroller
ATXMEGA128D4 ATMEL-ATXMEGA128D4 Datasheet
3Mb / 100P
   8/16-bit AVR XMEGA D4 Microcontroller
ATXMEGA256A3 ATMEL-ATXMEGA256A3_10 Datasheet
3Mb / 110P
   8/16-bit AVR XMEGA A3 Microcontroller
ATXMEGA8E5 ATMEL-ATXMEGA8E5_14 Datasheet
2Mb / 147P
   8/16-bit Atmel AVR XMEGA Microcontrollers
ATXMEGA16E5 ATMEL-ATXMEGA16E5_14 Datasheet
2Mb / 147P
   8/16-bit Atmel AVR XMEGA Microcontrollers
ATXMEGA32E5 ATMEL-ATXMEGA32E5_14 Datasheet
2Mb / 147P
   8/16-bit Atmel AVR XMEGA Microcontrollers
ATXMEGA32E5 ATMEL-ATXMEGA32E5 Datasheet
2Mb / 145P
   8/16-bit Atmel AVR XMEGA Microcontrollers
2013
ATXMEGA256A3B ATMEL-ATXMEGA256A3B_10 Datasheet
3Mb / 105P
   8/16-bit XMEGA A3B Microcontroller
ATXMEGA256A3 ATMEL-ATXMEGA256A3_09 Datasheet
3Mb / 108P
   8/16-bit XMEGA A3 Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com