Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT25DF081A Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT25DF081A
Description  8-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25DF081A Datasheet(HTML) 1 Page - ATMEL Corporation

  AT25DF081A Datasheet HTML 1Page - ATMEL Corporation AT25DF081A Datasheet HTML 2Page - ATMEL Corporation AT25DF081A Datasheet HTML 3Page - ATMEL Corporation AT25DF081A Datasheet HTML 4Page - ATMEL Corporation AT25DF081A Datasheet HTML 5Page - ATMEL Corporation AT25DF081A Datasheet HTML 6Page - ATMEL Corporation AT25DF081A Datasheet HTML 7Page - ATMEL Corporation AT25DF081A Datasheet HTML 8Page - ATMEL Corporation AT25DF081A Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 53 page
background image
Features
Single 2.7V - 3.6V Supply
Serial Peripheral Interface (SPI) Compatible
– Supports SPI Modes 0 and 3
– Supports RapidS Operation
– Supports Dual-Input Program and Dual-Output Read
Very High Operating Frequencies
– 100MHz for RapidS
– 85MHz for SPI
– Clock-to-Output (t
V) of 5ns Maximum
Flexible, Optimized Erase Architecture for Code + Data Storage Applications
– Uniform 4-Kbyte Block Erase
– Uniform 32-Kbyte Block Erase
– Uniform 64-Kbyte Block Erase
– Full Chip Erase
Individual Sector Protection with Global Protect/Unprotect Feature
– 16 Sectors of 64-Kbytes Each
Hardware Controlled Locking of Protected Sectors via WP Pin
Sector Lockdown
– Make Any Combination of 64-Kbyte Sectors Permanently Read-Only
128-Byte Programmable OTP Security Register
Flexible Programming
– Byte/Page Program (1- to 256-Bytes)
Fast Program and Erase Times
– 1.0ms Typical Page Program (256 Bytes) Time
– 50ms Typical 4-Kbyte Block Erase Time
– 250ms Typical 32-Kbyte Block Erase Time
– 400ms Typical 64-Kbyte Block Erase Time
Automatic Checking and Reporting of Erase/Program Failures
Software Controlled Reset
JEDEC Standard Manufacturer and Device ID Read Methodology
Low Power Dissipation
– 5mA Active Read Current (Typical at 20MHz)
– 5µA Deep Power-Down Current (Typical)
Endurance: 100,000 Program/Erase Cycles
Data Retention: 20 Years
Complies with Full Industrial Temperature Range
Industry Standard Green (Pb/Halide-free/RoHS Compliant) Package Options
– 8-lead SOIC (150-mil and 208-mil wide)
– 8-pad Ultra Thin DFN (5x6x 0.6mm)
8-Mbit
2.7V Minimum
Serial Peripheral
Interface Serial
Flash Memory
Atmel AT25DF081A
Preliminary
8715B–SFLSH–8/10


Similar Part No. - AT25DF081A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT25DF081A ETC2-AT25DF081A Datasheet
1Mb / 54P
   8-Mbit 2.7V Minimum SPI Serial Flash Memory
logo
Dialog Semiconductor
AT25DF081A DIALOG-AT25DF081A Datasheet
1Mb / 54P
   8-Mbit 2.7V Minimum SPI Serial Flash Memory
logo
Renesas Technology Corp
AT25DF081A RENESAS-AT25DF081A Datasheet
1Mb / 53P
   8-Mbit 2.7V Minimum SPI Serial Flash Memory
2/2022
logo
Dialog Semiconductor
AT25DF081A-MH-T DIALOG-AT25DF081A-MH-T Datasheet
1Mb / 54P
   8-Mbit 2.7V Minimum SPI Serial Flash Memory
AT25DF081A-MH-Y DIALOG-AT25DF081A-MH-Y Datasheet
1Mb / 54P
   8-Mbit 2.7V Minimum SPI Serial Flash Memory
More results

Similar Description - AT25DF081A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25DF641A ATMEL-AT25DF641A Datasheet
1Mb / 57P
   64-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
logo
Renesas Technology Corp
AT25DF321A RENESAS-AT25DF321A Datasheet
1Mb / 51P
   32-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
02/2019
logo
List of Unclassifed Man...
AT25DF321A ETC2-AT25DF321A Datasheet
1Mb / 53P
   32-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
logo
ATMEL Corporation
AT25DF321A ATMEL-AT25DF321A_10 Datasheet
2Mb / 52P
   32-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
logo
List of Unclassifed Man...
AT25DF641 ETC2-AT25DF641_13 Datasheet
703Kb / 56P
   Minimum Serial Peripheral Interface Serial Flash Memory
AT25DF081A ETC2-AT25DF081A Datasheet
1Mb / 54P
   8-Mbit 2.7V Minimum SPI Serial Flash Memory
logo
Dialog Semiconductor
AT25DF081A DIALOG-AT25DF081A Datasheet
1Mb / 54P
   8-Mbit 2.7V Minimum SPI Serial Flash Memory
logo
Renesas Technology Corp
AT25DF081A RENESAS-AT25DF081A Datasheet
1Mb / 53P
   8-Mbit 2.7V Minimum SPI Serial Flash Memory
2/2022
logo
List of Unclassifed Man...
AT25DF641A ETC2-AT25DF641A Datasheet
2Mb / 58P
   64-Mbit, 2.7V Minimum SPI Serial Flash Memory with Dual.I/O Support
logo
Renesas Technology Corp
AT25DF641A RENESAS-AT25DF641A Datasheet
2Mb / 57P
   64-Mbit, 2.7V Minimum SPI Serial Flash Memory with Dual–I/O Support
02/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com