Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT25DF081A Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT25DF081A
Description  8-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25DF081A Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT25DF081A Datasheet HTML 4Page - ATMEL Corporation AT25DF081A Datasheet HTML 5Page - ATMEL Corporation AT25DF081A Datasheet HTML 6Page - ATMEL Corporation AT25DF081A Datasheet HTML 7Page - ATMEL Corporation AT25DF081A Datasheet HTML 8Page - ATMEL Corporation AT25DF081A Datasheet HTML 9Page - ATMEL Corporation AT25DF081A Datasheet HTML 10Page - ATMEL Corporation AT25DF081A Datasheet HTML 11Page - ATMEL Corporation AT25DF081A Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 53 page
background image
8
8715B–SFLSH–8/10
Atmel AT25DF081A [Preliminary]
7.
Read Commands
7.1
Read Array
The Read Array command can be used to sequentially read a continuous stream of data from the device by simply
providing the clock signal once the initial starting address has been specified. The device incorporates an internal
address counter that automatically increments on every clock cycle.
Three opcodes (1Bh, 0Bh, and 03h) can be used for the Read Array command. The use of each opcode depends
on the maximum clock frequency that will be used to read data from the device. The 0Bh opcode can be used at
any clock frequency up to the maximum specified by f
CLK, and the 03h opcode can be used for lower frequency
read operations up to the maximum specified by f
RDLF. The 1Bh opcode allows the highest read performance pos-
sible and can be used at any clock frequency up to the maximum specified by f
MAX; however, use of the 1Bh
opcode at clock frequencies above f
CLK should be reserved to systems employing the Atmel RapidS
TM protocol.
To perform the Read Array operation, the CS pin must first be asserted and the appropriate opcode (1Bh, 0Bh, or
03h) must be clocked into the device. After the opcode has been clocked in, the three address bytes must be
clocked in to specify the starting address location of the first byte to read within the memory array. Following the
three address bytes, additional dummy bytes may need to be clocked into the device depending on which opcode
is used for the Read Array operation. If the 1Bh opcode is used, then two dummy bytes must be clocked into the
device after the three address bytes. If the 0Bh opcode is used, then a single dummy byte must be clocked in after
the address bytes.
After the three address bytes (and the dummy bytes or byte if using opcodes 1Bh or 0Bh) have been clocked in,
additional clock cycles will result in data being output on the SO pin. The data is always output with the MSB of a
byte first. When the last byte (0FFFFFh) of the memory array has been read, the device will continue reading back
at the beginning of the array (000000h). No delays will be incurred when wrapping around from the end of the array
to the beginning of the array.
Deasserting the CS pin will terminate the read operation and put the SO pin into a high-impedance state. The CS
pin can be deasserted at any time and does not require that a full byte of data be read.
Figure 7-1.
Read Array – 1Bh Opcode
SCK
CS
SI
SO
MSB
MSB
23
1
0
00011011
67
5
410 11
9
812
39
42 43
41
40
37 38
33
36
35
34
31 32
29 30
44
47 48
46
45
50 51
49
52
55 56
54
53
OPCODE
AAAA
AAA
A
A
MSB
XXXXXXX
X
MSB
MSB
DDDDDDD
D
D
D
ADDRESS BITS A23-A0
DON'T CARE
MSB
XXXXXXX
X
DON'T CARE
DATA BYTE 1
HIGH-IMPEDANCE


Similar Part No. - AT25DF081A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT25DF081A ETC2-AT25DF081A Datasheet
1Mb / 54P
   8-Mbit 2.7V Minimum SPI Serial Flash Memory
logo
Dialog Semiconductor
AT25DF081A DIALOG-AT25DF081A Datasheet
1Mb / 54P
   8-Mbit 2.7V Minimum SPI Serial Flash Memory
logo
Renesas Technology Corp
AT25DF081A RENESAS-AT25DF081A Datasheet
1Mb / 53P
   8-Mbit 2.7V Minimum SPI Serial Flash Memory
2/2022
logo
Dialog Semiconductor
AT25DF081A-MH-T DIALOG-AT25DF081A-MH-T Datasheet
1Mb / 54P
   8-Mbit 2.7V Minimum SPI Serial Flash Memory
AT25DF081A-MH-Y DIALOG-AT25DF081A-MH-Y Datasheet
1Mb / 54P
   8-Mbit 2.7V Minimum SPI Serial Flash Memory
More results

Similar Description - AT25DF081A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25DF641A ATMEL-AT25DF641A Datasheet
1Mb / 57P
   64-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
logo
Renesas Technology Corp
AT25DF321A RENESAS-AT25DF321A Datasheet
1Mb / 51P
   32-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
02/2019
logo
List of Unclassifed Man...
AT25DF321A ETC2-AT25DF321A Datasheet
1Mb / 53P
   32-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
logo
ATMEL Corporation
AT25DF321A ATMEL-AT25DF321A_10 Datasheet
2Mb / 52P
   32-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
logo
List of Unclassifed Man...
AT25DF641 ETC2-AT25DF641_13 Datasheet
703Kb / 56P
   Minimum Serial Peripheral Interface Serial Flash Memory
AT25DF081A ETC2-AT25DF081A Datasheet
1Mb / 54P
   8-Mbit 2.7V Minimum SPI Serial Flash Memory
logo
Dialog Semiconductor
AT25DF081A DIALOG-AT25DF081A Datasheet
1Mb / 54P
   8-Mbit 2.7V Minimum SPI Serial Flash Memory
logo
Renesas Technology Corp
AT25DF081A RENESAS-AT25DF081A Datasheet
1Mb / 53P
   8-Mbit 2.7V Minimum SPI Serial Flash Memory
2/2022
logo
List of Unclassifed Man...
AT25DF641A ETC2-AT25DF641A Datasheet
2Mb / 58P
   64-Mbit, 2.7V Minimum SPI Serial Flash Memory with Dual.I/O Support
logo
Renesas Technology Corp
AT25DF641A RENESAS-AT25DF641A Datasheet
2Mb / 57P
   64-Mbit, 2.7V Minimum SPI Serial Flash Memory with Dual–I/O Support
02/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com