Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2655CGN-L12PBF Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2655CGN-L12PBF
Description  Quad I짼C 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2655CGN-L12PBF Datasheet(HTML) 4 Page - Linear Technology

  LTC2655CGN-L12PBF Datasheet HTML 1Page - Linear Technology LTC2655CGN-L12PBF Datasheet HTML 2Page - Linear Technology LTC2655CGN-L12PBF Datasheet HTML 3Page - Linear Technology LTC2655CGN-L12PBF Datasheet HTML 4Page - Linear Technology LTC2655CGN-L12PBF Datasheet HTML 5Page - Linear Technology LTC2655CGN-L12PBF Datasheet HTML 6Page - Linear Technology LTC2655CGN-L12PBF Datasheet HTML 7Page - Linear Technology LTC2655CGN-L12PBF Datasheet HTML 8Page - Linear Technology LTC2655CGN-L12PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LTC2655
4
2655f
PRODUCT SELECTION GUIDE
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE
RANGE
MAXIMUM
INL
LTC2655BCGN-L16#PBF
LTC2655BCGN-L16#TRPBF
655L16
16-Lead Narrow SSOP
0°C to 70°C
±4
LTC2655BIGN-L16#PBF
LTC2655BIGN-L16#TRPBF
655L16
16-Lead Narrow SSOP
–40°C to 85°C
±4
LTC2655BCUF-L16#PBF
LTC2655BCUF-L16#TRPBF
55L16
20-Lead (4mm
× 4mm) Plastic QFN 0°C to 70°C
±4
LTC2655BIUF-L16#PBF
LTC2655BIUF-L16#TRPBF
55L16
20-Lead (4mm
× 4mm) Plastic QFN –40°C to 85°C
±4
LTC2655BCGN-H16#PBF
LTC2655BCGN-H16#TRPBF
655H16
16-Lead Narrow SSOP
0°C to 70°C
±4
LTC2655BIGN-H16#PBF
LTC2655BIGN-H16#TRPBF
655H16
16-Lead Narrow SSOP
–40°C to 85°C
±4
LTC2655BCUF-H16#PBF
LTC2655BCUF-H16#TRPBF
55H16
20-Lead (4mm
× 4mm) Plastic QFN 0°C to 70°C
±4
LTC2655BIUF-H16#PBF
LTC2655BIUF-H16#TRPBF
55H16
20-Lead (4mm
× 4mm) Plastic QFN –40°C to 85°C
±4
LTC2655CGN-L12#PBF
LTC2655CGN-L12#TRPBF
655L12
16-Lead Narrow SSOP
0°C to 70°C
±1
LTC2655IGN-L12#PBF
LTC2655IGN-L12#TRPBF
655L12
16-Lead Narrow SSOP
–40°C to 85°C
±1
LTC2655CUF-L12#PBF
LTC2655CUF-L12#TRPBF
55L12
20-Lead (4mm
× 4mm) Plastic QFN 0°C to 70°C
±1
LTC2655IUF-L12#PBF
LTC2655IUF-L12#TRPBF
55L12
20-Lead (4mm
× 4mm) Plastic QFN –40°C to 85°C
±1
LTC2655CGN-H12#PBF
LTC2655CGN-H12#TRPBF
655H12
16-Lead Narrow SSOP
0°C to 70°C
±1
LTC2655IGN-H12#PBF
LTC2655IGN-H12#TRPBF
655H12
16-Lead Narrow SSOP
–40°C to 85°C
±1
LTC2655CUF-H12#PBF
LTC2655CUF-H12#TRPBF
55H12
20-Lead (4mm
× 4mm) Plastic QFN 0°C to 70°C
±1
LTC2655IUF-H12#PBF
LTC2655IUF-H12#TRPBF
55H12
20-Lead (4mm
× 4mm) Plastic QFN –40°C to 85°C
±1
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/


Similar Part No. - LTC2655CGN-L12PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2655 LINER-LTC2655 Datasheet
584Kb / 24P
   Dual 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
LTC2655 LINER-LTC2655 Datasheet
1Mb / 26P
   Octal 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
LTC2655 LINER-LTC2655_1 Datasheet
1Mb / 26P
   Octal 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
LTC2655 LINER-LTC2655_15 Datasheet
368Kb / 28P
   Quad I2C 16-/12-Bit Rail-to-Rail DACs with 10ppm/C Max Reference
More results

Similar Description - LTC2655CGN-L12PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2654 LINER-LTC2654 Datasheet
339Kb / 24P
   Quad 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
LTC2656 LINER-LTC2656 Datasheet
292Kb / 24P
   Octal 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
LTC2655 LINER-LTC2655_1 Datasheet
1Mb / 26P
   Octal 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
LTC2654 LINER-LTC2654_15 Datasheet
353Kb / 24P
   Quad 16-/12-Bit Rail-to-Rail DACs with 10ppm/C Max Reference
LTC2657 LINER-LTC2657 Datasheet
1Mb / 24P
   Octal I2C 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
LTC2655 LINER-LTC2655_15 Datasheet
368Kb / 28P
   Quad I2C 16-/12-Bit Rail-to-Rail DACs with 10ppm/C Max Reference
LTC2634 LINER-LTC2634 Datasheet
382Kb / 28P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
LTC2634 LINER-LTC2634_2 Datasheet
454Kb / 30P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
LTC2634 LINER-LTC2634_1 Datasheet
363Kb / 30P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
LTC2656 LINER-LTC2656_15 Datasheet
1Mb / 26P
   Octal 16-/12-Bit Rail-to-Rail DACs with 10ppm/C Max Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com