Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2383IDE-16PBF Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2383IDE-16PBF
Description  16-Bit, 1Msps, Low Power SAR ADC with Serial Interface
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2383IDE-16PBF Datasheet(HTML) 1 Page - Linear Technology

  LTC2383IDE-16PBF Datasheet HTML 1Page - Linear Technology LTC2383IDE-16PBF Datasheet HTML 2Page - Linear Technology LTC2383IDE-16PBF Datasheet HTML 3Page - Linear Technology LTC2383IDE-16PBF Datasheet HTML 4Page - Linear Technology LTC2383IDE-16PBF Datasheet HTML 5Page - Linear Technology LTC2383IDE-16PBF Datasheet HTML 6Page - Linear Technology LTC2383IDE-16PBF Datasheet HTML 7Page - Linear Technology LTC2383IDE-16PBF Datasheet HTML 8Page - Linear Technology LTC2383IDE-16PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LTC2383-16
1
238316f
TYPICAL APPLICATION
FEATURES
DESCRIPTION
16-Bit, 1Msps, Low Power
SAR ADC with Serial Interface
The LTC®2383-16 is a low noise, low power, high speed
16-bit successive approximation register (SAR) ADC.
Operating from a 2.5V supply, the LTC2383-16 has a
±2.5V fully differential input range. The LTC2383-16
consumes only 13mW and achieves ±2LSB INL max, no
missing codes at 16-bits and 92dB SNR.
The LTC2383-16 has a high speed SPI-compatible serial
interface that supports 1.8V, 2.5V, 3.3V and 5V logic
while also featuring a daisychain mode. The fast 1Msps
throughput with no cycle latency makes the LTC2383-16
ideally suited for a wide variety of high speed applica-
tions. An internal oscillator sets the conversion time,
easing external timing considerations. The LTC2383-16
automatically powers down between conversions, lead-
ing to reduced power dissipation that scales with the
sampling rate.
32k Point FFT fS = 1Msps, fIN = 20kHz
APPLICATIONS
n 1Msps Throughput Rate
n ±2LSB INL (Max)
n Guaranteed 16-Bit No Missing Codes
n Low Power: 13mW at 1Msps, 13μW at 1ksps
n 92dB SNR (typ) at fIN = 20kHz
n Guaranteed Operation to 125°C
n 2.5V Supply
n Fully Differential Input Range ±2.5V
n External 2.5V Reference Input
n No Pipeline Delay, No Cycle Latency
n 1.8V to 5V I/O Voltages
n SPI-Compatible Serial I/O with Daisy-Chain Mode
n Internal Conversion Clock
n 16-pin MSOP and 4mm × 3mm DFN Packages
n Medical Imaging
n High Speed Data Acquisition
n Portable or Compact Instrumentation
n Industrial Process Control
n Low Power Battery-Operated Instrumentation
n ATE
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
FREQUENCY (kHz)
0
100
200
300
400
500
–180
–60
–40
–20
–80
–100
–120
–140
–160
0
238316 TA02
SNR = 92.2dB
THD = –106.2dB
SINAD = 92dB
SFDR = 110.4dB
LT6350
ANALOG INPUT
0V TO 2.5V
SINGLE-ENDED-
TO-DIFFERENTIAL
DRIVER
50Ω
100Ω
100Ω
50Ω
3300pF
10μF
0.1μF
2.5V
REF
GND
1.8V TO 5V
SAMPLE CLOCK
CHAIN
RDL/SDI
SDO
SCK
BUSY
CNV
LTC2383-16
IN+
VDD
OVDD
IN
2.5V
47μF
(X5R, 0805 SIZE)
23816 TA01
LTC238X-16 SAR ADC Family
PART NUMBER
RESOLUTION
SPEED
POWER
LTC2383-16
16
1Msps
13mW
LTC2382-16
16
500ksps
6.5mW
LTC2381-16
16
250ksps
3.25mW


Similar Part No. - LTC2383IDE-16PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2383-16 LINER-LTC2383-16 Datasheet
893Kb / 24P
   18-Bit, 1.6Msps, Pseudo-Differential Unipolar SAR
LTC2383-16 LINER-LTC2383-16 Datasheet
364Kb / 22P
   Precision, Low Power Rail-to-Rail Input/Output
LTC2383-16 LINER-LTC2383-16_15 Datasheet
1Mb / 24P
   16-Bit, 1Msps, Low Power SAR ADC with Serial Interface
More results

Similar Description - LTC2383IDE-16PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2383-16 LINER-LTC2383-16_15 Datasheet
1Mb / 24P
   16-Bit, 1Msps, Low Power SAR ADC with Serial Interface
LTC2382-16 LINER-LTC2382-16_15 Datasheet
1Mb / 24P
   16-Bit, 500ksps, Low Power SAR ADC with Serial Interface
LTC2382-16 LINER-LTC2382-16 Datasheet
1Mb / 24P
   16-Bit, 500ksps, Low Power SAR ADC with Serial Interface
LTC2381-16 LINER-LTC2381-16 Datasheet
1Mb / 24P
   16-Bit, 250ksps, Low Power SAR ADC with Serial Interface
LTC2381-16 LINER-LTC2381-16_15 Datasheet
1Mb / 24P
   16-Bit, 250ksps, Low Power SAR ADC with Serial Interface
logo
Linear Dimensions Semic...
LTC2378-16 LINEAR_DIMENSIONS-LTC2378-16 Datasheet
765Kb / 24P
   16-Bit, 1Msps, Low Power SAR ADC with 97dB SNR
logo
Linear Technology
LTC2378-16 LINER-LTC2378-16_15 Datasheet
765Kb / 24P
   16-Bit, 1Msps, Low Power SAR ADC with 97dB SNR
logo
Maxim Integrated Produc...
MAX11900 MAXIM-MAX11900 Datasheet
969Kb / 29P
   16-Bit, 1Msps, Low-Power, Fully Differential SAR ADC
2018
logo
Linear Technology
LTC2393-16 LINER-LTC2393-16 Datasheet
219Kb / 24P
   16-Bit, 1Msps SAR ADC With 94dB SNR
LTC2393-16 LINER-LTC2393-16_1 Datasheet
219Kb / 24P
   16-Bit, 1Msps SAR ADC With 94db SNR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com