Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2655BIGN-L16PBF Datasheet(PDF) 5 Page - Linear Technology

Part # LTC2655BIGN-L16PBF
Description  Quad I짼C 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2655BIGN-L16PBF Datasheet(HTML) 5 Page - Linear Technology

  LTC2655BIGN-L16PBF Datasheet HTML 1Page - Linear Technology LTC2655BIGN-L16PBF Datasheet HTML 2Page - Linear Technology LTC2655BIGN-L16PBF Datasheet HTML 3Page - Linear Technology LTC2655BIGN-L16PBF Datasheet HTML 4Page - Linear Technology LTC2655BIGN-L16PBF Datasheet HTML 5Page - Linear Technology LTC2655BIGN-L16PBF Datasheet HTML 6Page - Linear Technology LTC2655BIGN-L16PBF Datasheet HTML 7Page - Linear Technology LTC2655BIGN-L16PBF Datasheet HTML 8Page - Linear Technology LTC2655BIGN-L16PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LTC2655
5
2655f
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 2.7V to 5.5V, VOUT unloaded unless otherwise specified.
LTC2655B-L16/ LTC2655-L12 (Internal Reference=1.25V)
SYMBOL
PARAMETER
CONDITIONS
LTC2655-12
LTC2655B-16
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
DC Performance
Resolution
l
12
16
Bits
Monotonicity
(Note 3)
l
12
16
Bits
DNL
Differential Nonlinearity
(Note 3)
l
±0.1
±0.5
±0.3
±1
LSB
INL
Integral Nonlinearity (Note 3)
VCC = 5.5V, VREF = 2.5V
l
±0.5
±1
±2
±4
LSB
Load Regulation
VCC = 5V ±10%, Internal Reference,
Mid-Scale, –15mA ≤ IOUT ≤ 15mA
l
0.04
0.125
0.6
2
LSB/mA
VCC = 3V ±10%, Internal Reference,
Mid-Scale, –7.5mA ≤ IOUT ≤ 5mA
l
0.06
0.25
1
4
LSB/mA
ZSE
Zero-Scale Error
l
13
1
3
mV
VOS
Offset Error
VREF = 1.25V (Note 4)
l
±1
±2
±1
±2
mV
VOS Temperature Coefficient
5
5
μV/°C
GE
Gain Error
l
±0.02
±0.1
±0.02
±0.1
%FSR
Gain Temperature Coefficient
1
1
ppm/°C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOUT
DAC Output Span
Internal Reference
External Reference = VEXTREF
0 to 2.5
0 to 2•VEXTREF
V
V
PSR
Power Supply Rejection
VCC ±10%
–80
dB
ROUT
DC Output Impedance
VCC = 5V ±10%, Internal Reference, Mid-Scale,
–15mA ≤ IOUT ≤ 15mA
VCC = 3V ±10%, Internal Reference, Mid-Scale,
–7.5mA ≤ IOUT ≤ 7.5mA
l
l
0.04
0.04
0.15
0.15
Ω
Ω
DC Crosstalk (Note 5)
Due to Full-Scale Output Change
Due to Load Current Change
Due to Powering Down (per Channel)
±1.5
±2
±1
μV
μV/mA
μV
ISC
Short-Circuit Output Current (Note 6)
VCC = 5.5V VEXTREF = 2.8V
Code: Zero-Scale; Forcing Output to VCC
Code: Full-Scale; Forcing Output to GND
l
l
20
20
65
65
mA
mA
VCC = 2.7V VEXTREF = 1.4V
Code: Zero-Scale; Forcing Output to VCC
Code: Full-Scale; Forcing Output to GND
l
l
10
10
45
45
mA
mA


Similar Part No. - LTC2655BIGN-L16PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2655 LINER-LTC2655 Datasheet
584Kb / 24P
   Dual 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
LTC2655 LINER-LTC2655 Datasheet
1Mb / 26P
   Octal 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
LTC2655 LINER-LTC2655_1 Datasheet
1Mb / 26P
   Octal 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
LTC2655 LINER-LTC2655_15 Datasheet
368Kb / 28P
   Quad I2C 16-/12-Bit Rail-to-Rail DACs with 10ppm/C Max Reference
More results

Similar Description - LTC2655BIGN-L16PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2654 LINER-LTC2654 Datasheet
339Kb / 24P
   Quad 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
LTC2656 LINER-LTC2656 Datasheet
292Kb / 24P
   Octal 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
LTC2655 LINER-LTC2655_1 Datasheet
1Mb / 26P
   Octal 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
LTC2654 LINER-LTC2654_15 Datasheet
353Kb / 24P
   Quad 16-/12-Bit Rail-to-Rail DACs with 10ppm/C Max Reference
LTC2657 LINER-LTC2657 Datasheet
1Mb / 24P
   Octal I2C 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
LTC2655 LINER-LTC2655_15 Datasheet
368Kb / 28P
   Quad I2C 16-/12-Bit Rail-to-Rail DACs with 10ppm/C Max Reference
LTC2634 LINER-LTC2634 Datasheet
382Kb / 28P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
LTC2634 LINER-LTC2634_2 Datasheet
454Kb / 30P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
LTC2634 LINER-LTC2634_1 Datasheet
363Kb / 30P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
LTC2656 LINER-LTC2656_15 Datasheet
1Mb / 26P
   Octal 16-/12-Bit Rail-to-Rail DACs with 10ppm/C Max Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com