Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2382CMS-16PBF Datasheet(PDF) 11 Page - Linear Technology

Part # LTC2382CMS-16PBF
Description  16-Bit, 500ksps, Low Power SAR ADC with Serial Interface
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2382CMS-16PBF Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC2382CMS-16PBF Datasheet HTML 7Page - Linear Technology LTC2382CMS-16PBF Datasheet HTML 8Page - Linear Technology LTC2382CMS-16PBF Datasheet HTML 9Page - Linear Technology LTC2382CMS-16PBF Datasheet HTML 10Page - Linear Technology LTC2382CMS-16PBF Datasheet HTML 11Page - Linear Technology LTC2382CMS-16PBF Datasheet HTML 12Page - Linear Technology LTC2382CMS-16PBF Datasheet HTML 13Page - Linear Technology LTC2382CMS-16PBF Datasheet HTML 14Page - Linear Technology LTC2382CMS-16PBF Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LTC2382-16
11
238216f
APPLICATIONS INFORMATION
Single-to-Differential Conversion
For single-ended input signals, a single-ended to differential
conversion circuit must be used to produce a differential
signal at the inputs of the LTC2382-16. The LT6350 ADC
driver is recommended for performing single-ended-to-
differential conversions.The LT6350 is flexible and may
be configured to convert single-ended signals of various
amplitudes to the ±2.5V differential input range of the
LTC2382-16. The LT6350 is also available in H-grade to
complement the extended temperature operation of the
LTC2382-16 up to 125°C.
Figure 5 shows the LT6350 being used to convert a 0V
to 2.5V single-ended input signal. In this case, the first
amplifier is configured as a unity gain buffer and the single-
ended input signal directly drives the high-impedance
input of the amplifier. As shown in the FFT of Figure 5a,
the LT6350 drives the LTC2382-16 to full datasheet
performance without degrading the SNR or THD.
The LT6350 can also be used to buffer and convert
single-ended signals larger than the input range of the
LTC2382-16 in order to maximize the signal swing that
can be digitized. Figure 6 shows the LT6350 converting a
0V-5V single-ended input signal to the ±2.5V differential
input range of the LTC2382-16. In this case, the first
amplifier in the LT6350 is configured as an inverting
amplifier stage, which acts to attenuate the input signal
down to the 0V-2.5V input range of the LTC2382-16. In the
inverting amplifier configuration, the single-ended input
signal source no longer directly drives a high impedance
input of the first amplifier. The input impedance is instead
set by resistor RIN. RIN must be chosen carefully based on
the source impedance of the signal source. Higher values
of RIN tend to degrade both the noise and distortion of
the LT6350 and LTC2382-16 as a system. R1, R2 and R3
must be selected in relation to RIN to achieve the desired
attenuation and to maintain a balanced input impedance
in the first amplifier. Table 1 shows the resulting SNR
and THD for several values of RIN, R1, R2 and R3 in this
configuration. Figure 6a shows the resulting FFT when
using the LT6350 as shown in Figure 6.
The LT6350 can also be used to buffer and convert large,
true bipolar signals which swing below ground to the ±2.5V
differential input range of the LTC2382-16. Figure 7 shows
the LT6350 being used to convert a ±10V true bipolar signal
for use by the LTC2382-16. The input impedance is again
set by resistor RIN. Table 2 shows the resulting SNR and
THD for several values of RIN. Figure 7a shows the resulting
FFT when using the LT6350 as shown in Figure 7.
LT6350
VCM = VREF/2
2.5V to
0V
0V to
2.5V
0V to 2.5V
238216 F05
OUT1
RINT
RINT
OUT2
8
4
5
2
1
+
+
+
FREQUENCY (kHz)
0
50
100
150
200
250
–180
–60
–40
–20
–80
–100
–120
–140
–160
0
238216 F05a
SNR = 92.2dB
THD = –106dB
SINAD = 92dB
SFDR = 107dB
Figure 5. LT6350 Converting a 0V-2.5V Single-Ended Signal
to a ±2.5V Differential Input Signal
Figure 5a.32k Point FFT Plot for Circuit Shown in Figure 5


Similar Part No. - LTC2382CMS-16PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2382-16 LINER-LTC2382-16 Datasheet
893Kb / 24P
   18-Bit, 1.6Msps, Pseudo-Differential Unipolar SAR
LTC2382-16 LINER-LTC2382-16 Datasheet
364Kb / 22P
   Precision, Low Power Rail-to-Rail Input/Output
LTC2382-16 LINER-LTC2382-16_15 Datasheet
1Mb / 24P
   16-Bit, 500ksps, Low Power SAR ADC with Serial Interface
More results

Similar Description - LTC2382CMS-16PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2382-16 LINER-LTC2382-16_15 Datasheet
1Mb / 24P
   16-Bit, 500ksps, Low Power SAR ADC with Serial Interface
LTC2381-16 LINER-LTC2381-16 Datasheet
1Mb / 24P
   16-Bit, 250ksps, Low Power SAR ADC with Serial Interface
LTC2383-16 LINER-LTC2383-16 Datasheet
1Mb / 24P
   16-Bit, 1Msps, Low Power SAR ADC with Serial Interface
LTC2383-16 LINER-LTC2383-16_15 Datasheet
1Mb / 24P
   16-Bit, 1Msps, Low Power SAR ADC with Serial Interface
LTC2381-16 LINER-LTC2381-16_15 Datasheet
1Mb / 24P
   16-Bit, 250ksps, Low Power SAR ADC with Serial Interface
LTC2377-16 LINER-LTC2377-16_15 Datasheet
764Kb / 24P
   16-Bit, 500ksps, Low Power SAR ADC with 97dB SNR
LTC2392-16 LINER-LTC2392-16 Datasheet
290Kb / 24P
   16-Bit, 500ksps SAR ADC with 94dB SNR
LTC2392-16 LINER-LTC2392-16_15 Datasheet
330Kb / 26P
   16-Bit, 500ksps SAR ADC with 94dB SNR
LTC2377-18 LINER-LTC2377-18_15 Datasheet
582Kb / 24P
   18-Bit, 500ksps, Low Power SAR ADC with 102dB SNR
LTC2377-20 LINER-LTC2377-20_15 Datasheet
994Kb / 30P
   20-Bit, 500ksps, Low Power SAR ADC with 0.5ppm INL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com