Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2382CMS-16PBF Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2382CMS-16PBF
Description  16-Bit, 500ksps, Low Power SAR ADC with Serial Interface
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2382CMS-16PBF Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2382CMS-16PBF Datasheet HTML 3Page - Linear Technology LTC2382CMS-16PBF Datasheet HTML 4Page - Linear Technology LTC2382CMS-16PBF Datasheet HTML 5Page - Linear Technology LTC2382CMS-16PBF Datasheet HTML 6Page - Linear Technology LTC2382CMS-16PBF Datasheet HTML 7Page - Linear Technology LTC2382CMS-16PBF Datasheet HTML 8Page - Linear Technology LTC2382CMS-16PBF Datasheet HTML 9Page - Linear Technology LTC2382CMS-16PBF Datasheet HTML 10Page - Linear Technology LTC2382CMS-16PBF Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LTC2382-16
7
238216f
TYPICAL PERFORMANCE CHARACTERISTICS
Supply Current vs Temperature
Shutdown Current vs Temperature
Supply Current vs Sampling Rate
INL/DNL vs Temperature
Full-Scale Error vs Temperature
Offset Error vs Temperature
TA = 25°C, VDD = 2.5V, OVDD = 2.5V, REF = 2.5V,
fSMPL = 500ksps, unless otherwise noted.
TEMPERATURE (°C)
30
238216 G14
0
5
10
15
20
25
–55 –35 –15
5
25
45
65
85 105 125
IVDD +IOVDD +IREF
TEMPERATURE (°C)
1
238216 G10
–1
–0.5
0
0.5
–55 –35
25
45
65
–15
5
85 105 125
MAX INL
MAX DNL
MIN DNL
MIN INL
TEMPERATURE (°C)
1
238216 G11
–1.5
–1.0
–0.5
0
0.5
–55 –35
25
45
65
–15
5
85 105 125
–FS
+FS
TEMPERATURE (°C)
0
238216 G12
–1
–0.75
–0.5
–0.25
–55 –35 –15
5
25
45
65
85 105 125
TEMPERATURE (°C)
3
238216 G13
0
0.5
1
1.5
2
2.5
–55 –35 –15
5
25
45
65
85 105 125
IVDD
IREF
IOVDD
SAMPLING RATE (kHz)
0
100
200
300
400
500
0
2.5
2
1
0.5
1.5
3
238216 G15


Similar Part No. - LTC2382CMS-16PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2382-16 LINER-LTC2382-16 Datasheet
893Kb / 24P
   18-Bit, 1.6Msps, Pseudo-Differential Unipolar SAR
LTC2382-16 LINER-LTC2382-16 Datasheet
364Kb / 22P
   Precision, Low Power Rail-to-Rail Input/Output
LTC2382-16 LINER-LTC2382-16_15 Datasheet
1Mb / 24P
   16-Bit, 500ksps, Low Power SAR ADC with Serial Interface
More results

Similar Description - LTC2382CMS-16PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2382-16 LINER-LTC2382-16_15 Datasheet
1Mb / 24P
   16-Bit, 500ksps, Low Power SAR ADC with Serial Interface
LTC2381-16 LINER-LTC2381-16 Datasheet
1Mb / 24P
   16-Bit, 250ksps, Low Power SAR ADC with Serial Interface
LTC2383-16 LINER-LTC2383-16 Datasheet
1Mb / 24P
   16-Bit, 1Msps, Low Power SAR ADC with Serial Interface
LTC2383-16 LINER-LTC2383-16_15 Datasheet
1Mb / 24P
   16-Bit, 1Msps, Low Power SAR ADC with Serial Interface
LTC2381-16 LINER-LTC2381-16_15 Datasheet
1Mb / 24P
   16-Bit, 250ksps, Low Power SAR ADC with Serial Interface
LTC2377-16 LINER-LTC2377-16_15 Datasheet
764Kb / 24P
   16-Bit, 500ksps, Low Power SAR ADC with 97dB SNR
LTC2392-16 LINER-LTC2392-16 Datasheet
290Kb / 24P
   16-Bit, 500ksps SAR ADC with 94dB SNR
LTC2392-16 LINER-LTC2392-16_15 Datasheet
330Kb / 26P
   16-Bit, 500ksps SAR ADC with 94dB SNR
LTC2377-18 LINER-LTC2377-18_15 Datasheet
582Kb / 24P
   18-Bit, 500ksps, Low Power SAR ADC with 102dB SNR
LTC2377-20 LINER-LTC2377-20_15 Datasheet
994Kb / 30P
   20-Bit, 500ksps, Low Power SAR ADC with 0.5ppm INL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com