Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GSM Datasheet(PDF) 13 Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

Part No. GSM
Description  Tracker
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KYL [SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.]
Direct Link  http://www.rf-data.com
Logo KYL - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

GSM Datasheet(HTML) 13 Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

Back Button GSM Datasheet HTML 7Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. GSM Datasheet HTML 8Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. GSM Datasheet HTML 9Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. GSM Datasheet HTML 10Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. GSM Datasheet HTML 11Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. GSM Datasheet HTML 12Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. GSM Datasheet HTML 13Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. GSM Datasheet HTML 14Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. GSM Datasheet HTML 15Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Shenzhen KYL Communication Equipment Co., Ltd
www.rf-data.com
Fax: 86-755-83408785
sales02@rf-data.com
13
c. Send SMS noadminsms+password to cancel the SMS center. Response
SMS format: authorized number+Geo-info
5.20 Set up GPRS
The user needs to set IP address and Port by SMS to start the function of GPRS.
Set up: Send SMS ip+space+IP address+space+port, and it will reply
SMS ”set IP address and Port OK
For example: Send SMS “ip 123.98.43.254 port2456”to the device
5.21 Set up Sending data mode for GPS.
Set up Sending data mode for GPS, and then it can send GPS data to IP address.
(Refer to5.21).
After this setting, you can call or send SMS to the tracker. The tracker will hand
up
the
call
and
reply
SMS
Serial
number+authorized
number+GPRMC+command+IMEI number+CRC16 “to IP address.
5.22 Modes switch between “telephone” and “web”
For sending GPS data to your IP address, you should set up the sending mode
for GPS data.
Set up: Send SMS web+password to device. For example, password is
123456.Send SMS “web123456”to the device, if you set successfully, the device
will reply SMS “set web ok’. After this, you can call or send SMS to the tracker.
The tracker will hang up the phone and report the GPS data to IP address.
If you want to send GPS data to a telephone, you can send SMS
telephone+password to the device. If set successfully, the device will reply ‘set
telephone ok’. And then, the device will send GPS data to your telephone by


Similar Part No. - GSM

ManufacturerPart No.DatasheetDescription
rfsolutions.ltd
rfsolutions.ltd
GSM-T35I RFSOLUTIONS-GSM-T35I Datasheet
900Kb / 10P
   LOW COST GSM MODEM
List of Unclassifed Manufacturers
List of Unclassifed Man...
GSM0306 ETC1-GSM0306 Datasheet
332Kb / 4P
   Utilizes leading-edge GSM/GPRS/EDGE silicon
GSM0308 ETC1-GSM0308 Datasheet
332Kb / 4P
   Utilizes leading-edge GSM/GPRS/EDGE silicon
GSM0408 ETC1-GSM0408 Datasheet
332Kb / 4P
   Utilizes leading-edge GSM/GPRS/EDGE silicon
Mean Well Enterprises Co., Ltd.
Mean Well Enterprises C...
GSM06E MEANWELL-GSM06E Datasheet
480Kb / 5P
   6W AC-DC Reliable Green Medical Adaptor
More results

Similar Description - GSM

ManufacturerPart No.DatasheetDescription
Rohm
Rohm
BD3925HFP-C ROHM-BD3925HFP-C Datasheet
136Kb / 5P
   Voltage Tracker
BD3925FP-C ROHM-BD3925FP-C Datasheet
346Kb / 10P
   Voltage Tracker
SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.
SHENZHEN KYL COMMUNICAT...
KYL-GPS KYL-KYL-GPS Datasheet
615Kb / 10P
   Vehicle Tracker
Infineon Technologies AG
Infineon Technologies A...
TLE4251 INFINEON-TLE4251 Datasheet
110Kb / 12P
   Low Drop Voltage Tracker
Rev. 2.4 2001-05-07
Analog Devices
Analog Devices
HMC1120LP4E AD-HMC1120LP4E Datasheet
6Mb / 28P
   RMS POWER DETECTOR ENVELOPE TRACKER
Infineon Technologies AG
Infineon Technologies A...
TLS102B0 INFINEON-TLS102B0 Datasheet
1Mb / 22P
   High Precision Voltage Tracker
Rev. 1.0 2018-01-22
TLS115B0 INFINEON-TLS115B0 Datasheet
994Kb / 25P
   High Precision Voltage Tracker
Rev. 1.00 2016-10-13
TLS105B0 INFINEON-TLS105B0 Datasheet
1Mb / 22P
   High Precision Voltage Tracker
Rev. 1.0 2018-01-22
TLS115D0 INFINEON-TLS115D0 Datasheet
1Mb / 26P
   High Precision Voltage Tracker
Rev. 1.00 2016-10-13
TLE4250G INFINEON-TLE4250G Datasheet
84Kb / 12P
   Low-Drop Voltage Tracker
Rev. 2.2 2000-10-04
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz