Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GSM Datasheet(PDF) 7 Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

Part No. GSM
Description  Tracker
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KYL [SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.]
Direct Link  http://www.rf-data.com
Logo KYL - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

GSM Datasheet(HTML) 7 Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.

Back Button GSM Datasheet HTML 3Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. GSM Datasheet HTML 4Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. GSM Datasheet HTML 5Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. GSM Datasheet HTML 6Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. GSM Datasheet HTML 7Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. GSM Datasheet HTML 8Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. GSM Datasheet HTML 9Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. GSM Datasheet HTML 10Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. GSM Datasheet HTML 11Page - SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Shenzhen KYL Communication Equipment Co., Ltd
www.rf-data.com
Fax: 86-755-83408785
sales02@rf-data.com
7
off by itself and begin to search the position. One minute later, no
matter whether it has fixed position, the device will send back a
message. If the device hasn’t fixed position, it will keep searching for 4
minutes. During those 4 minutes, the device will send message back if
it has fixed position. If not, it will not send message back.
b.Send SMS “at30sum0” to the device. You will get messages every 30
seconds. (The data sent back to you every time may be a little different,
but it is ok, some error is permitted.) Cancel this function, please Send
SMS “noat+password” to delete the auto track. For example
password is 123456: Send SMS “noat123456”.
5. 5. 2 Test the device by GPRS Online platform:
For example, send the following SMS to set track platform.
1. Send SMS: apn123456+space+apn code to the device No. The device
will reply SMS ‘Set APN ok’. (Please note, different countries with
different apn codes)
2. Send SMS: number13412345678 to the device No. the track
platform number would be have 11 digits. It will reply ‘set number ok’.
(Please note, 13412345678 is SIM number you put in device)
3. Send SMS: IP119.147.23.100PORT2332 to the device No. The device
will reply ‘set IP address and PORT ok’. (Please note, 119.147.23.100 is
the IP of your own server, 2332 is the port of your own server)
4. Send SMS: web123456 to the device No., the device will reply ‘set
web ok
5. Send interval SMS: at30sum0 to the device No. The device will reply


Similar Part No. - GSM

ManufacturerPart No.DatasheetDescription
rfsolutions.ltd
rfsolutions.ltd
GSM-T35I RFSOLUTIONS-GSM-T35I Datasheet
900Kb / 10P
   LOW COST GSM MODEM
List of Unclassifed Manufacturers
List of Unclassifed Man...
GSM0306 ETC1-GSM0306 Datasheet
332Kb / 4P
   Utilizes leading-edge GSM/GPRS/EDGE silicon
GSM0308 ETC1-GSM0308 Datasheet
332Kb / 4P
   Utilizes leading-edge GSM/GPRS/EDGE silicon
GSM0408 ETC1-GSM0408 Datasheet
332Kb / 4P
   Utilizes leading-edge GSM/GPRS/EDGE silicon
Mean Well Enterprises Co., Ltd.
Mean Well Enterprises C...
GSM06E MEANWELL-GSM06E Datasheet
480Kb / 5P
   6W AC-DC Reliable Green Medical Adaptor
More results

Similar Description - GSM

ManufacturerPart No.DatasheetDescription
Rohm
Rohm
BD3925HFP-C ROHM-BD3925HFP-C Datasheet
136Kb / 5P
   Voltage Tracker
BD3925FP-C ROHM-BD3925FP-C Datasheet
346Kb / 10P
   Voltage Tracker
SHENZHEN KYL COMMUNICATION EQUIPMENT CO,LTD.
SHENZHEN KYL COMMUNICAT...
KYL-GPS KYL-KYL-GPS Datasheet
615Kb / 10P
   Vehicle Tracker
Infineon Technologies AG
Infineon Technologies A...
TLE4251 INFINEON-TLE4251 Datasheet
110Kb / 12P
   Low Drop Voltage Tracker
Rev. 2.4 2001-05-07
Analog Devices
Analog Devices
HMC1120LP4E AD-HMC1120LP4E Datasheet
6Mb / 28P
   RMS POWER DETECTOR ENVELOPE TRACKER
Infineon Technologies AG
Infineon Technologies A...
TLS102B0 INFINEON-TLS102B0 Datasheet
1Mb / 22P
   High Precision Voltage Tracker
Rev. 1.0 2018-01-22
TLS115B0 INFINEON-TLS115B0 Datasheet
994Kb / 25P
   High Precision Voltage Tracker
Rev. 1.00 2016-10-13
TLS105B0 INFINEON-TLS105B0 Datasheet
1Mb / 22P
   High Precision Voltage Tracker
Rev. 1.0 2018-01-22
TLS115D0 INFINEON-TLS115D0 Datasheet
1Mb / 26P
   High Precision Voltage Tracker
Rev. 1.00 2016-10-13
TLE4250G INFINEON-TLE4250G Datasheet
84Kb / 12P
   Low-Drop Voltage Tracker
Rev. 2.2 2000-10-04
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz