Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX15053 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX15053
Description  High-Efficiency, 2A, Current-Mode Synchronous, Step-Down Switching Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15053 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX15053 Datasheet HTML 1Page - Maxim Integrated Products MAX15053 Datasheet HTML 2Page - Maxim Integrated Products MAX15053 Datasheet HTML 3Page - Maxim Integrated Products MAX15053 Datasheet HTML 4Page - Maxim Integrated Products MAX15053 Datasheet HTML 5Page - Maxim Integrated Products MAX15053 Datasheet HTML 6Page - Maxim Integrated Products MAX15053 Datasheet HTML 7Page - Maxim Integrated Products MAX15053 Datasheet HTML 8Page - Maxim Integrated Products MAX15053 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
High-Efficiency, 2A, Current-Mode
Synchronous, Step-Down Switching Regulator
General Description
The MAX15053 high-efficiency, current-mode, synchro-
nous step-down switching regulator with integrated
power switches delivers up to 2A of output current.
The device operates from 2.7V to 5.5V and provides an
output voltage from 0.6V up to 94% of the input voltage,
making the device ideal for distributed power systems,
portable devices, and preregulation applications.
The MAX15053 utilizes a current-mode control archi-
tecture with a high gain transconductance error ampli-
fier. The current-mode control architecture facilitates
easy compensation design and ensures cycle-by-cycle
current limit with fast response to line and load transients.
The MAX15053 offers selectable skip-mode functionality
to reduce current consumption and achieve a higher effi-
ciency at light output load. The low RDS(ON) integrated
switches ensure high efficiency at heavy loads while min-
imizing critical inductances, making the layout design
a much simpler task with respect to discrete solutions.
Utilizing a simple layout and footprint assures first-pass
success in new designs.
The MAX15053 features a 1MHz, factory-trimmed, fixed-
frequency PWM mode operation. The high switching fre-
quency, along with the PWM current-mode architecture,
allows for a compact, all-ceramic capacitor design.
The MAX15053 offers a capacitor-programmable soft-
start reducing inrush current, startup into PREBIAS
operations, and a PGOOD open-drain output that can be
used as an interrupt and for power sequencing.
The MAX15053 is available in a 9-bump (3 x 3 array),
1.65mm x 1.65mm WLP package and is specified over
the -40NC to +85NC temperature range.
Applications
Distributed Power Systems
Preregulators for Linear Regulators
Portable Devices
Notebook Power
Server Power
IP Phones
Features
S
Internal 30mI (typ) RDS(ON) High-Side and 18mI
(typ) Low-Side MOSFETs at 5V
S
Continuous 2A Output Current Over Temperature
S
96% Efficiency with 3.3V Output at 2A
S
1% Output Voltage Accuracy Over Load, Line, and
Temperature
S
Operates from 2.7V to 5.5V Supply
S
Cycle-by-Cycle Overcurrent Protection
S
Adjustable Output from 0.6V to Up to 0.94 x VIN
S
Programmable Soft-Start
S
Factory-Trimmed, 1MHz Switching Frequency
S
Stable with Low-ESR Ceramic Output Capacitors
S
Safe-Startup Into Prebiased Output
S
External Reference Input
S
Skip-Mode Functionality
S
Enable Input/Power-Good Output
S
Fully Protected Against Overcurrent and
Overtemperature
S
Input Undervoltage Lockout
19-5240; Rev 0; 5/10
+Denotes a lead(Pb)-free/RoHS-compliant package.
Ordering Information
EVALUATION
KIT
AVAILABLE
_______________________________________________________________ Maxim Integrated Products 1
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP RANGE
PIN-PACKAGE
MAX15053EWL+
-40°C to +85°C
9 WLP


Similar Part No. - MAX15053

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15053 MAXIM-MAX15053 Datasheet
2Mb / 21P
   High-Efficiency, 2A, Current-Mode Synchronous, Step-Down Switching Regulator
Rev 1; 3/11
MAX15053 MAXIM-MAX15053 Datasheet
2Mb / 21P
   High-Efficiency, 2A, Current-Mode Synchronous, Step-Down Switching Regulator
Rev 2; 7/11
MAX15053EVKIT MAXIM-MAX15053EVKIT Datasheet
1,007Kb / 7P
   Enable Input/Power-Good Output
Rev 0; 5/10
MAX15053EVKIT++ MAXIM-MAX15053EVKIT+ Datasheet
1,007Kb / 7P
   Enable Input/Power-Good Output
Rev 0; 5/10
MAX15053EWL MAXIM-MAX15053EWL Datasheet
2Mb / 21P
   High-Efficiency, 2A, Current-Mode Synchronous, Step-Down Switching Regulator
Rev 1; 3/11
More results

Similar Description - MAX15053

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15053_1107 MAXIM-MAX15053_1107 Datasheet
2Mb / 21P
   High-Efficiency, 2A, Current-Mode Synchronous, Step-Down Switching Regulator
Rev 2; 7/11
MAX15053 MAXIM-MAX15053_V01 Datasheet
1Mb / 21P
   High-Efficiency, 2A, Current-Mode Synchronous, Step-Down Switching Regulator
2015
MAX15053 MAXIM-MAX15053_11 Datasheet
2Mb / 21P
   High-Efficiency, 2A, Current-Mode Synchronous, Step-Down Switching Regulator
Rev 1; 3/11
MAX15108 MAXIM-MAX15108 Datasheet
2Mb / 19P
   High-Efficiency, 8A, Current-Mode Synchronous Step-Down Switching Regulator
Rev 0; 6/11
MAX15108A MAXIM-MAX15108A Datasheet
1Mb / 16P
   High-Efficiency, 8A, Current-Mode Synchronous Step-Down Switching Regulator
Rev 1; 5/16
MAX15058 MAXIM-MAX15058_11 Datasheet
2Mb / 21P
   High-Efficiency, 3A, Current-Mode Synchronous, Step-Down Switching Regulator
Rev 2; 7/11
MAX15108 MAXIM-MAX15108_V01 Datasheet
1Mb / 19P
   High-Efficiency, 8A, Current-Mode Synchronous Step-Down Switching Regulator
2020
MAX15109 MAXIM-MAX15109 Datasheet
2Mb / 19P
   High-Efficiency, 8A, Current-Mode Synchronous Step-Down Switching Regulator
Rev 0; 6/11
MAX15058 MAXIM-MAX15058 Datasheet
2Mb / 21P
   High-Efficiency, 3A, Current-Mode Synchronous, Step-Down Switching Regulator
Rev 0; 12/10
logo
Analog Devices
MAX15106A AD-MAX15106A Datasheet
861Kb / 16P
   High-Efficiency, 6A, Current-Mode Synchronous Step-Down Switching Regulator
Rev 3 6/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com