Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX13325 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX13325
Description  Dual Automotive, Audio Line Drivers with I2C Control and Diagnostic
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13325 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX13325 Datasheet HTML 6Page - Maxim Integrated Products MAX13325 Datasheet HTML 7Page - Maxim Integrated Products MAX13325 Datasheet HTML 8Page - Maxim Integrated Products MAX13325 Datasheet HTML 9Page - Maxim Integrated Products MAX13325 Datasheet HTML 10Page - Maxim Integrated Products MAX13325 Datasheet HTML 11Page - Maxim Integrated Products MAX13325 Datasheet HTML 12Page - Maxim Integrated Products MAX13325 Datasheet HTML 13Page - Maxim Integrated Products MAX13325 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
10 _____________________________________________________________________________________
Dual Automotive, Audio Line Drivers
with I2C Control and Diagnostic
Configuration Register
DIAG: Set DIAG to 1 to enable diagnostic mode. Write '0' to disable diagnostic mode.
ENABLE: Set ENABLE bit to 1 to enable the device. Write ‘0’ disables the device. Low on the SHDN pin overrides the
ENABLE bit.
MUTE: Set the MUTE bit to 1 to mute both the output channels. Output is low impedance when in mute. Low on the
MUTE pin input overrides the MUTE bit.
CPOFF: Set the CPOFF bit to 1 to turn off the charge pump. CHOLD pin must be externally supplied (see the VCPH
parameter in the Electrical Characteristics table). Charge pump is enabled when CPOFF = 0.
OLDL: Write 1 to the OLDL bit to initiate the open-load detection for the left channel. To run OLDL again, write ‘0’ and
‘1’ again.
OLDR: Write 1 to the OLDR bit to initiate the open-load detection for the right channel. To run OLDR again, write ‘0’
and ‘1’ again.
CPF[1:0]: Sets the frequency of the charge pump.
Command Byte Register
RETRYR: The right-channel power amplifier switches off after a fault condition. Write ‘1’ to turn it back on after the fault
condition.
RETRYL: The left-channel power amplifier switches off after a fault condition. Write ‘1’ to turn on the left-channel power
amplifier after the fault condition.
Table 2. Configuration Register Format
Table 3. Command Byte Register Format
Table 2a. Charge-Pump Frequency Bits
FUNCTION
ADDRESS
CODE (HEX)
REGISTER DATA
POR STATE
(HEX)
D7
D6
D5
D4
D3
D2
D1
D0
Configuration
Register
0x00
DIAG
ENABLE
MUTE
CPOFF
OLDL
OLDR
CPF1
CPF0
0x00
FUNCTION
ADDRESS
CODE (HEX)
REGISTER DATA
POR STATE
(HEX)
D7
D6
D5
D4
D3
D2
D1
D0
Command Byte
Register
0x01
RETRYR
RETRYL
x
x
x
x
x
x
0x00
CPF1
CPF0
FREQUENCY (kHz)
0
0
333
0
1
190
1
0
426
1
1
260


Similar Part No. - MAX13325

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13325 MAXIM-MAX13325 Datasheet
1Mb / 21P
   Dual Automotive, Audio Line Drivers with I2C Control and Diagnostic
19-5136; Rev 5; 4/13
MAX13325GUI/V++ MAXIM-MAX13325GUI/V+ Datasheet
1Mb / 21P
   Dual Automotive, Audio Line Drivers with I2C Control and Diagnostic
19-5136; Rev 5; 4/13
MAX13325 MAXIM-MAX13325_12 Datasheet
1Mb / 21P
   Dual Automotive, Audio Line Drivers with I2C Control and Diagnostic
Rev 4; 9/12
MAX13325 MAXIM-MAX13325_V01 Datasheet
1Mb / 21P
   Dual Automotive, Audio Line Drivers with I2C Control and Diagnostic
19-5136; Rev 5; 4/13
More results

Similar Description - MAX13325

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13325 MAXIM-MAX13325_V01 Datasheet
1Mb / 21P
   Dual Automotive, Audio Line Drivers with I2C Control and Diagnostic
19-5136; Rev 5; 4/13
MAX13325 MAXIM-MAX13325_12 Datasheet
1Mb / 21P
   Dual Automotive, Audio Line Drivers with I2C Control and Diagnostic
Rev 4; 9/12
MAX13335E MAXIM-MAX13335E Datasheet
1Mb / 28P
   Dual Automotive Differential Audio Receivers with I2C Control and Diagnostics
19-6168; Rev 3; 1/18
logo
Kinetic Technologies.
KTD2061Q KINETIC-KTD2061Q Datasheet
142Kb / 2P
   36-Channel RGB LED Drivers with I2C Control
August 2021 - Revision 04b
logo
Texas Instruments
DRV134 TI1-DRV134 Datasheet
1Mb / 30P
[Old version datasheet]   Audio-Balanced Line Drivers
logo
Burr-Brown (TI)
DRV134 BURR-BROWN-DRV134 Datasheet
229Kb / 10P
   AUDIO BALANCED LINE DRIVERS
logo
Kinetic Technologies.
KTD2052 KINETIC-KTD2052 Datasheet
1Mb / 29P
   12-Channel RGB LED Drivers with I2C Control
October 2021 - Revision 04b
KTD2061 KINETIC-KTD2061 Datasheet
235Kb / 3P
   36-Channel RGB LED Drivers with I2C Control
August 2022 - Revision 04e
logo
Burr-Brown (TI)
DRV134 BURR-BROWN-DRV134_06 Datasheet
186Kb / 12P
   AUDIO BALANCED LINE DRIVERS
logo
Texas Instruments
DRV135UAG4 TI1-DRV135UAG4 Datasheet
830Kb / 20P
[Old version datasheet]   AUDIO BALANCED LINE DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com