Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADF7242 Datasheet(PDF) 7 Page - Analog Devices

Part # ADF7242
Description  Low Power IEEE 802.15.4/Proprietary GFSK/FSK Zero-IF 2.4 GHz Transceiver IC
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7242 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADF7242 Datasheet HTML 3Page - Analog Devices ADF7242 Datasheet HTML 4Page - Analog Devices ADF7242 Datasheet HTML 5Page - Analog Devices ADF7242 Datasheet HTML 6Page - Analog Devices ADF7242 Datasheet HTML 7Page - Analog Devices ADF7242 Datasheet HTML 8Page - Analog Devices ADF7242 Datasheet HTML 9Page - Analog Devices ADF7242 Datasheet HTML 10Page - Analog Devices ADF7242 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 108 page
background image
ADF7242
Rev. 0 | Page 7 of 108
Parameter
Min
Typ
Max
Unit
Test Conditions
INTEGER BOUNDARY SPURS
60
dBc
Receive mode; IEEE 802.15.4-2006 or GFSK/FSK
mode; measured at 400 kHz offset from fCHANNEL =
2405 MHz, 2418 MHz, 2431 MHz, 2444 MHz,
2457 MHz, 2470 MHz
CRYSTAL OSCILLATOR
Crystal Frequency
26
MHz
Parallel load resonant crystal
Maximum Parallel Load Capacitance
18
pF
Minimum Parallel Load Capacitance
7
pF
Maximum Crystal ESR
365.3
Ω
Guarantees maximum crystal frequency error of
0.2 ppm; 33 pF on XOSC26P and XOSC26N
Sleep-to-Idle Wake-Up Time
300
μs
15 pF load on XOSC26N and XOSC26P
TRANSMITTER SPECIFICATIONS
Table 3.
Parameter
Min
Typ
Max
Unit
Test Conditions
GENERAL TRANSMITTER SPECIFICATIONS
Maximum Transmit Power
3
dBm
Minimum Transmit Power
−25
dBm
Maximum Transmit Power (High Power
Mode)
4.8
dBm
Refer to Power Amplifier section for details on how
to enable this mode
Minimum Transmit Power(High Power
Mode)
−22
dBm
Transmit Power Variation
2
dB
Transmit power = 3 dBm, fCHANNEL = 2400 MHz to
2483.5 MHz, TA = −40°C to +85°C, VDD_BAT = 1.8 V
to 3.6 V
Transmit Power Control Resolution
2
dB
Transmit power = 3dBm
Optimum PA Matching Impedance
43.7 +
35.2j
Ω
For maximum transmit power = 3 dBm
Harmonics and Spurious Emissions
Compliance with ETSI EN 300 440
25 MHz to 30 MHz
−36
dBm
Unmodulated carrier, 10 kHz RBW1
30 MHz to 1 GHz
−36
dBm
Unmodulated carrier, 100 kHz RBW1
47 MHz to 74 MHz, 87.5 MHz to
118 MHz, 174 MHz to 230 MHz,
470 MHz to 862 MHz
−54
dBm
Unmodulated carrier, 100 kHz RBW1
Otherwise Above 1 GHz
−30
dBm
Unmodulated carrier, 1 MHz RBW1
Compliance with ETSI EN 300 328
1800 MHz to 1900 MHz
−47
dBm
Unmodulated carrier
5150 MHz to 5300 MHz
−97
dBm/Hz
Compliance with FCC CFR47, Part15
4.5 GHz to 5.15 GHz
−41
dBm
1 MHz RBW1
7.25 GHz to 7.75 GHz
−41
dBm
1 MHz RBW1
TRANSMIT PATH IEEE 802.15.4-2006 MODE
Transmit EVM
2
%
Measured using Rohde & Schwarz FSU vector
analyzer with Zigbee™ option
Transmit EVM Variation
1
%
fCHANNEL = 2405 MHz to 2480 MHz, TA= −40°C to
+85°C, VDD_BAT = 1.8 V to 3.6 V
Transmit PSD Mask
−56
dBm
RBW = 100 kHz; |f – fCHANNEL| > 3.5 MHz
Transmit 20 dB Bandwidth
2252
MHz
TRANSMIT PATH GFSK/FSK MODE
Frequency Deviation Resolution
10
kHz
Gaussian Filter BT
0.5
Gaussian filter available for 2000 kbps, 1000 kbps,
500 kbps, 250 kbps, 125 kbps and 62.5 kbps only


Similar Part No. - ADF7242

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF7241 AD-ADF7241 Datasheet
738Kb / 72P
   Low Power IEEE 802.15.4 Zero-IF 2.4 GHz Transceiver IC
REV. 0
More results

Similar Description - ADF7242

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF7241 AD-ADF7241 Datasheet
738Kb / 72P
   Low Power IEEE 802.15.4 Zero-IF 2.4 GHz Transceiver IC
REV. 0
logo
Microchip Technology
MRF24J40 MICROCHIP-MRF24J40_08 Datasheet
2Mb / 152P
   IEEE 802.15.4??2.4 GHz RF Transceiver
2008
MRF24J40MB-I MICROCHIP-MRF24J40MB-I Datasheet
3Mb / 156P
   IEEE 802.15.4??2.4 GHz RF Transceiver
07/15/10
MRF24J40 MICROCHIP-MRF24J40_10 Datasheet
3Mb / 156P
   IEEE 802.15.4??2.4 GHz RF Transceiver
2010
MRF24J40 MICROCHIP-MRF24J40 Datasheet
1Mb / 66P
   IEEE 802.15.4??2.4 GHz RF Transceiver
2006
logo
Texas Instruments
MRF24XA TI1-MRF24XA Datasheet
3Mb / 250P
[Old version datasheet]   Low-Power, 2.4 GHz ISM-Band IEEE 802.15.4??RF Transceiver with Extended Proprietary Features
logo
Microchip Technology
MRF24XA MICROCHIP-MRF24XA Datasheet
2Mb / 258P
   Low-Power, 2.4 GHz ISM-Band IEEE 802.15.4??RF Transceiver with Extended Proprietary Features
01/27/15
logo
Texas Instruments
CC2520 TI-CC2520_15 Datasheet
2Mb / 134P
[Old version datasheet]   2.4 GHZ IEEE 802.15.4/ZIGBEE짰 RF TRANSCEIVER
logo
Freescale Semiconductor...
MC13193FC FREESCALE-MC13193FC Datasheet
559Kb / 24P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13201 FREESCALE-MC13201 Datasheet
340Kb / 26P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com